Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LT012A Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LT012A
Description  DS90LV012A /DS90LT012A 3V LVDS Single CMOS Differential Line Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90LT012A Datasheet(HTML) 4 Page - Texas Instruments

  DS90LT012A Datasheet HTML 1Page - Texas Instruments DS90LT012A Datasheet HTML 2Page - Texas Instruments DS90LT012A Datasheet HTML 3Page - Texas Instruments DS90LT012A Datasheet HTML 4Page - Texas Instruments DS90LT012A Datasheet HTML 5Page - Texas Instruments DS90LT012A Datasheet HTML 6Page - Texas Instruments DS90LT012A Datasheet HTML 7Page - Texas Instruments DS90LT012A Datasheet HTML 8Page - Texas Instruments DS90LT012A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
DS90LT012A, DS90LV012A
SNLS141D – AUGUST 2002 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics (continued)
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified.
(1) (2)
Symbol
Parameter
Conditions
Pin
Min
Typ
Max
Units
VTH
Differential Input High Threshold
VCM dependant on VDD
(3)
IN+, IN
−30
0
mV
VTL
Differential Input Low Threshold
−100
−30
mV
VCM
Common-Mode Voltage
VDD = 2.7V, VID = 100mV
0.05
2.35
V
VDD = 3.0V to 3.6V, VID = 100mV
0.05
VDD - 0.3V
V
IIN
Input Current (DS90LV012A)
VIN = +2.8V
VDD = 3.6V or 0V
−10
±1
+10
μA
VIN = 0V
−10
±1
+10
μA
VIN = +3.6V
VDD = 0V
−20
+20
μA
ΔIIN
Change in Magnitude of IIN
VIN = +2.8V
VDD = 3.6V or 0V
4
μA
VIN = 0V
4
μA
VIN = +3.6V
VDD = 0V
4
μA
IIND
Differential Input Current
VIN+ = +0.4V, VIN− = +0V
3
3.9
4.4
mA
(DS90LT012A)
VIN+ = +2.4V, VIN− = +2.0V
RT
Integrated Termination Resistor
102
(DS90LT012A)
CIN
Input Capacitance
IN+ = IN
− = GND
3
pF
VOH
Output High Voltage
IOH = −0.4 mA, VID = +200 mV
TTL OUT
2.4
3.1
V
IOH = −0.4 mA, Inputs terminated
2.4
3.1
V
IOH = −0.4 mA, Inputs shorted
2.4
3.1
V
VOL
Output Low Voltage
IOL = 2 mA, VID = −200 mV
0.3
0.5
V
IOS
Output Short Circuit Current
VOUT = 0V
(4)
−15
−50
−100
mA
VCL
Input Clamp Voltage
ICL = −18 mA
−1.5
−0.7
V
IDD
No Load Supply Current
Inputs Open
VDD
5.4
9
mA
(3)
VDD is always higher than IN+ and IN− voltage. IN+ and IN− are allowed to have voltage range −0.05V to +2.35V when VDD = 2.7V and
|VID| / 2 to VDD − 0.3V when VDD = 3.0V to 3.6V. VID is not allowed to be greater than 100 mV when VCM = 0.05V to 2.35V when VDD =
2.7V or when VCM = |VID| / 2 to VDD − 0.3V when VDD = 3.0V to 3.6V.
(4)
Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only. Only one output should be shorted
at a time, do not exceed maximum junction temperature specification.
4
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: DS90LT012A DS90LV012A


Similar Part No. - DS90LT012A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LT012A NSC-DS90LT012A Datasheet
246Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LT012A TI1-DS90LT012A Datasheet
778Kb / 18P
[Old version datasheet]   DS90LV012A /DS90LT012A 3V LVDS Single CMOS Differential Line Receiver
DS90LT012A TI1-DS90LT012A Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012AH NSC-DS90LT012AH Datasheet
500Kb / 7P
   High Temperature 3V LVDS Differential Line Receiver
logo
Texas Instruments
DS90LT012AH TI1-DS90LT012AH Datasheet
779Kb / 16P
[Old version datasheet]   High Temperature 3V LVDS Differential Line Receiver
More results

Similar Description - DS90LT012A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV012ATMFX TI1-DS90LV012ATMFX Datasheet
778Kb / 18P
[Old version datasheet]   DS90LV012A /DS90LT012A 3V LVDS Single CMOS Differential Line Receiver
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV018A TI1-DS90LV018A_13 Datasheet
1Mb / 17P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012A NSC-DS90LT012A_08 Datasheet
246Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV018A NSC-DS90LV018A_05 Datasheet
684Kb / 9P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV012A NSC-DS90LV012A Datasheet
162Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV018ATMX TI-DS90LV018ATMX Datasheet
1,018Kb / 17P
[Old version datasheet]   DS90LV018A 3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com