Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS16EV5110SQ Datasheet(PDF) 4 Page - Texas Instruments

Part # DS16EV5110SQ
Description  DS16EV5110 Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS16EV5110SQ Datasheet(HTML) 4 Page - Texas Instruments

  DS16EV5110SQ Datasheet HTML 1Page - Texas Instruments DS16EV5110SQ Datasheet HTML 2Page - Texas Instruments DS16EV5110SQ Datasheet HTML 3Page - Texas Instruments DS16EV5110SQ Datasheet HTML 4Page - Texas Instruments DS16EV5110SQ Datasheet HTML 5Page - Texas Instruments DS16EV5110SQ Datasheet HTML 6Page - Texas Instruments DS16EV5110SQ Datasheet HTML 7Page - Texas Instruments DS16EV5110SQ Datasheet HTML 8Page - Texas Instruments DS16EV5110SQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
DS16EV5110
SNLS249M – FEBRUARY 2007 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Supply Voltage (VDD)
-0.5V to +4.0V
LVCMOS Input Voltage
-0.5V + 4.0V
LVCMOS Output Voltage
-0.5V to 4.0V
CML Input/Output Voltage
-0.5V to 4.0V
Junction Temperature
+150°C
Storage Temperature
-65°C to +150°C
Lead Temperature (Soldering, 5 sec.)
+260°C
HBM, 1.5 k
Ω, 100 pF
>8 kV
ESD Rating
CML Inputs
>10 kV
Thermal Resistance
θJA, No Airflow
30°C/W
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. Absolute
Maximum Numbers are ensured for a junction temperature range of –40°C to +125°C. Models are validated to Maximum Operating
Voltages only.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
Recommended Operating Conditions
(1) (2)
Min
Typ
Max
Units
Supply Voltage (VDD to GND)
3.0
3.3
3.6
V
Ambient Temperature
-40
25
+85
°C
(1)
Typical values represent most likely parametric norms at VDD = 3.3V, TA = 25°C, and at the Recommended Operation Conditions at the
time of product characterization and are not ensured.
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes.
Electrical Characteristics
Over recommended operating supply and temperature ranges unless other specified.
(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVCMOS DC SPECIFICATIONS
IIH-PU
High Level Input Leakage Current
LVCMOS pins with internal pull-up
-10
+10
μA
resistors
IIH-PD
High Level Input Leakage Current
LVCMOS pins with internal pull-
80
105
μA
down resistors
IIL-PU
Low Level Input Leakage Current
LVCMOS pins with internal pull-up
-20
-10
μA
resistors
IIL-PD
Low Level Input Leakage Current
LVCMOS pins with internal pull-
-10
+10
μA
down resistors
VIH
High Level Input Voltage
2.0
VDD
V
VIL
Low Level Input Voltage
0
0.8
V
VOH
High Level Output Voltage
SD Pin, IOH = -3mA
2.4
V
VOL
Low Level Output Voltage
SD Pin, IOL = 3mA
0.4
V
POWER
PD
Power Dissipation
EN = High, Device Enabled
475
700
mW
EN = Low, Power Down Mode
70
mW
(1)
Typical values represent most likely parametric norms at VDD = 3.3V, TA = 25°C, and at the Recommended Operation Conditions at the
time of product characterization and are not ensured.
(2)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes.
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: DS16EV5110


Similar Part No. - DS16EV5110SQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS16EV5110SQ TI1-DS16EV5110SQ Datasheet
1Mb / 22P
[Old version datasheet]   DS16EV5110 Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
DS16EV5110SQ/NOPB TI1-DS16EV5110SQ/NOPB Datasheet
3Mb / 24P
[Old version datasheet]   Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
DS16EV5110SQX/NOPB TI1-DS16EV5110SQX/NOPB Datasheet
3Mb / 24P
[Old version datasheet]   Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
More results

Similar Description - DS16EV5110SQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS16EV5110SQ TI1-DS16EV5110SQ Datasheet
1Mb / 22P
[Old version datasheet]   DS16EV5110 Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
DS16EV5110 TI1-DS16EV5110_15 Datasheet
3Mb / 24P
[Old version datasheet]   Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
logo
National Semiconductor ...
DS16EV5110 NSC-DS16EV5110_08 Datasheet
1Mb / 20P
   Video Equalizer (3DC) for DVI, HDMI Sink-Side Applications
logo
Texas Instruments
DS16EV5110A TI1-DS16EV5110A_15 Datasheet
3Mb / 25P
[Old version datasheet]   Video Equalizer (3DC) for DVI, HDMI Source/Repeater/Sink Applications
DS16EV5110A TI1-DS16EV5110A Datasheet
1Mb / 22P
[Old version datasheet]   DS16EV5110A Video Equalizer (3DC) for DVI, HDMI Source/Repeater/Sink Applications
logo
National Semiconductor ...
DS16EV5110_0706 NSC-DS16EV5110_0706 Datasheet
1Mb / 18P
   Video Equalizer for DVI, HDMI, and Cat5 Cables
logo
Maxim Integrated Produc...
MAX3815A MAXIM-MAX3815A Datasheet
1Mb / 11P
   TMDS Digital Video Equalizer for HDMI/DVI Cables
Rev 0; 7/09
MAX3815 MAXIM-MAX3815 Datasheet
322Kb / 11P
   TMDS Digital Video Equalizer for DVI/HDMI Cables
Rev 2; 2/08
logo
Analog Devices
ADV3003 AD-ADV3003 Datasheet
771Kb / 16P
   HDMI/DVI TMDS Equalizer
REV. 0
ADV3003 AD-ADV3003_17 Datasheet
766Kb / 16P
   HDMI/DVI TMDS Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com