Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSR285GTA Datasheet(PDF) 8 Page - Zetex Semiconductors

Part # ZSR285GTA
Description  3.0 to 12 volt fixed positive local voltage regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZSR285GTA Datasheet(HTML) 8 Page - Zetex Semiconductors

Back Button ZSR285GTA Datasheet HTML 4Page - Zetex Semiconductors ZSR285GTA Datasheet HTML 5Page - Zetex Semiconductors ZSR285GTA Datasheet HTML 6Page - Zetex Semiconductors ZSR285GTA Datasheet HTML 7Page - Zetex Semiconductors ZSR285GTA Datasheet HTML 8Page - Zetex Semiconductors ZSR285GTA Datasheet HTML 9Page - Zetex Semiconductors ZSR285GTA Datasheet HTML 10Page - Zetex Semiconductors ZSR285GTA Datasheet HTML 11Page - Zetex Semiconductors ZSR285GTA Datasheet HTML 12Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ZSR SERIES
Issue 9 - October 2007
8
www.zetex.com
© Zetex Semiconductors plc 2007
Typical characteristics
-50
-25
0
25
50
75
100
125
Temperature (°C)
Peak Output Current v Temperature
500
400
300
200
100
0
-50
-25
0
25
50
75
100 125
Temperature (°C)
Io=100mA
Io=200mA
2.5
2.0
1.5
1.0
0.5
0
Drop-Out Voltage v Temperature
-50
-25
0
25
50
75
100 125
Temperature (°C)
450
400
350
300
250
Quiescent Current v Temperature
Io=0
Vin=Vo+4V
-50
-25
0
25
50
75
100
125
Temperature (°C)
Output Voltage Temperature Coefficient
9.08
9.04
9.00
8.96
8.92
Vin=Vo+4V
Io=5mA
-50
-25
0
25
50
75
100
125
2.85
2.82
Temperature (°C)
Output Voltage Temperature Coefficient
2.84
2.86
5.70
5.66
-50
-25
0
25
50
75
100 125
Temperature (°C)
Output Voltage Temperature Coefficient
4.00
3.96
ZSR400
3.98
3.94
5.68
5.72
ZSR900
2.99
3.00
3.01
2.98
ZSR285
ZSR300
Io=5mA
Vin=Vo+4V
Io=5mA
Vin=Vo+4V
Vo=0
Vin=10V


Similar Part No. - ZSR285GTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZSR285G ZETEX-ZSR285G Datasheet
421Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR285G ZETEX-ZSR285G Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
More results

Similar Description - ZSR285GTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZSR300GTA DIODES-ZSR300GTA Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
ZSR DIODES-ZSR Datasheet
615Kb / 18P
   ZSR SERIES 3.0 to 12 volt fixed positive local voltage regulator
logo
Zetex Semiconductors
ZSR ZETEX-ZSR Datasheet
421Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR ZETEX-ZSR_06 Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L ZETEX-ZR78L Datasheet
203Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L ZETEX-ZR78L_06 Datasheet
418Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Diodes Incorporated
ZR78L05GTA DIODES-ZR78L05GTA Datasheet
207Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Sensitron
SHD526154 SENSITRON-SHD526154 Datasheet
53Kb / 3P
   POSITIVE FIXED 3.3 VOLT 3.0 AMP VOLTAGE REGULATOR
logo
Zetex Semiconductors
ZSAT500 ZETEX-ZSAT500 Datasheet
85Kb / 6P
   5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
ZSAT600 ZETEX-ZSAT600 Datasheet
85Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com