Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V706 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # V706
Description  One-Piece Surface Steel Raceway
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

V706 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  V706 Datasheet HTML 1Page - List of Unclassifed Manufacturers V706 Datasheet HTML 2Page - List of Unclassifed Manufacturers V706 Datasheet HTML 3Page - List of Unclassifed Manufacturers V706 Datasheet HTML 4Page - List of Unclassifed Manufacturers V706 Datasheet HTML 5Page - List of Unclassifed Manufacturers V706 Datasheet HTML 6Page - List of Unclassifed Manufacturers V706 Datasheet HTML 7Page - List of Unclassifed Manufacturers V706 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Catalog No./Item
Description/Specifications
V5736
Blank Cover – Use with V5735,
V5737, V5737A, V5738, V5738A,
V5739, or V5739A, or V2135
converting them to pull or junction
boxes and for hanging lightweight
pendant fixtures having 1/2"
[12.7mm] pipe stems, etc.
Has 1/2" trade size KO.
V5737 *m
Extension Box/Open Base –
V5737A *m
For mounting on 3 1/4" [83mm],
V5739 A*m
4" [102mm] conduit boxes, or
5737 WH *m
other recessed outlets. Cover takes
5737 AWH*m
devices with mounting screw
centers of 2 3/4", 3 1/2", or 4 1/16"
[70mm, 89mm, or 104mm]. Use as
a pull or junction box with V5736.
Catalog No./Item
Description/Specifications
V5731m
Blank Cover – Use with V5733 to
convert into a pull or junction box.
Has 1/2" trade size KO in center.
V5733m*
Outlet Box – Designed for devices
with mounting screw centers of 1
15/32", 1 5/8", 1 22/32", or 1 27/32"
[37mm, 41mm, 60mm, or 45mm].
Accepts any device that mounts
on G or H type conduit fittings.
V5735m
Distribution Box – Each side
accepts three parallel raceway runs.
Base has 1/2" and 1" concentric
trade size KOs and a 1 13/16" x 2
7/8" trade size KO to mount on a
one-gang in-wall outlet box. Cover
takes devices with mounting screw
centers of 2 3/4", 3 1/2", and 4 1/16"
[70mm, 89mm, and 104mm], and
canopy fixtures 4 5/8" [118mm]
diameter or smaller. Used as a pull
or junction box with V5736.
6
CAT. NO.
DIA. A.
V5737, WH
4 3/4" [121mm]
V5737A, WH 5 1/2" [140mm]
V5739A
6 3/8" [162mm]
A
1"
[25mm]
7/16"
[11.1mm]
4 3/8"
[35mm]
2 3/8"
[61mm]
Diameter
15/16"
[23.8mm]
3"
[76mm]
Diameter
1/4"
[6.4mm]
V500, V700, & 700WH Round Fixture Boxes
4 3/4"
[121mm] sq.
1 3/8"
[121mm]
Catalog No./Item
Description/Specifications
R5752 (Red)
Two-Gang Alarm Device Box –
V5752 (Ivory)
For surface mounting alarm
devices and safety signals designed
to fit 4" [102mm] square back
boxes. Cover has three raceway
twistouts on each side. Base
has 1/2" and 1" trade size
concentric and single-gang
box KOs.
R5753 (Red)
Two-Gang Extra Deep Alarm
V5753 (Ivory)
Device Box – For surface mounting
alarm devices and safety signals
designed to fit 4" [102mm] square
back boxes. Cover is 2 3/4"
[70mm] deep and has three
raceway twistouts on each side.
Base has 1/2" and 1" trade size
concentric and single-gang
box KOs.
Catalog No./Item
Description/Specifications
V5760
Blank Extension Box – For
extending from existing flush
switch and receptacle boxes to
blank original outlet. Closed base
available, consult factory.
NOTES: Covers on this page have double twistouts. Break out lower
twistout for use with V500, and both twistouts for use with V700.
m Replace V with VC or WH with WHC to denote Canadian
version — Agency approved for sale in Canada.
c
* These boxes are not designed to support ceiling fans.
For fan applications, use V5738AF.
1 3/8"
[35mm]
4 11/16"
[120mm]
4 11/16"
[120mm]
4 5/8"
[118mm]
15/16"
[23.8mm]
2 7/8"
[73mm]
4 11/16"
[120mm]
2 3/4"
[70mm]
4 11/16"
[120mm]
V500, V700, & 700WH Device Boxes (continued)
NOTE: Covers have double twistouts; Lower twistout for V500, and both twistouts for V700.
m Replace V with VC or WH with WHC to denote Canadian version — Agency approved for sale in Canada. c
* These boxes are not designed to support ceiling fans. For fan applications, use V5738AF.


Similar Part No. - V706

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V706 ETC2-V706 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V706 ETC2-V706 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
More results

Similar Description - V706

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V704 ETC2-V704 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V5744S ETC2-V5744S Datasheet
1Mb / 9P
   One-Piece Steel Surface Raceway
V711 ETC2-V711 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
logo
PANDUIT CORP.
LDW10-V PANDUIT-LDW10-V Datasheet
107Kb / 1P
   PAN-WAY PLASTIC SURFACE RACEWAY
logo
NEC
PS4601 NEC-PS4601 Datasheet
101Kb / 4P
   ONE PIECE PHOTO INTERRUPTER
logo
Vishay Siliconix
157 VISHAY-157 Datasheet
126Kb / 4P
   Rugged one piece metal housing
06-Nov-15
logo
Samtec, Inc
FSI SAMTEC-FSI Datasheet
512Kb / 6P
   1,00 mm One Piece Interface
logo
Lapp.
61721340 LAPP-61721340 Datasheet
72Kb / 1P
   RSK one-piece screen connector
13.03.2019
logo
Samtec, Inc
FSI-110-03-G-D-AD SAMTEC-FSI-110-03-G-D-AD Datasheet
1Mb / 2P
   LOW PROFILE & ELEVATED ONE PIECE
logo
Lumins Inc.
SL112 LUMINIS-SL112 Datasheet
210Kb / 2P
   One piece cast aluminum cage
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com