Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

706WH Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 706WH
Description  One-Piece Surface Steel Raceway
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

706WH Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  706WH Datasheet HTML 1Page - List of Unclassifed Manufacturers 706WH Datasheet HTML 2Page - List of Unclassifed Manufacturers 706WH Datasheet HTML 3Page - List of Unclassifed Manufacturers 706WH Datasheet HTML 4Page - List of Unclassifed Manufacturers 706WH Datasheet HTML 5Page - List of Unclassifed Manufacturers 706WH Datasheet HTML 6Page - List of Unclassifed Manufacturers 706WH Datasheet HTML 7Page - List of Unclassifed Manufacturers 706WH Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Catalog No./Item
Description/Specifications
V5719
Corner Box – Allows ample splice
room. Each leg of base has 1/2"
trade size KO.
5780
Special Nipple (Galvanized) – Has
female 3/8" [9.5mm] pipe thread
inside and male 1/2" [12.7mm] pipe
thread outside. For hanging 3/8"
[9.5mm] or 1/2" [12.7mm] fixtures
to Wiremold fittings with 1/2"
trade size KOs.
5781
Box Connector (Galvanized) –
5781A
For connecting raceway to conduit
boxes, panel boxes, etc., having a
KO for conduit. May also be used
with conduit type fittings. Break out
crescent twistout to use with V700.
5782A
Conduit Connector (Galvanized) –
For connecting raceway to conduit.
Break out crescent twistout to use
with V700.
V5783
Elbow Box Connector – For
connecting raceway at right angles
to conduit boxes, panel boxes, etc.,
having a KO for 1/2" [12.7mm]
conduit. Break out crescent
twistout in cover to use with V700.
V5784
Elbow Conduit Connector – For
connecting raceway at right angles
to 1/2" [12.7mm] conduit or
armored cable connectors. Break
out crescent twistout in cover to
use with V700.
V5785
Combination Connector – For
5785 WH
connecting raceway, without
offsetting, to any 3 1/4" [83mm] or
4" [102mm] outlet box mounted
on the surface with a KO for 1/2"
[12.7mm] conduit. The base end
and bottom has two 1/2" trade size
KOs. Break off cover extension to
use with 700 Series. Spring steel
bushing included for end connection
to box, eliminating conduit nipple
and locknut.
5 1/2"
[140mm]
1 5/16"
[33mm]
1 3/16"
[30mm]
1 3/16"
[30mm]
2 1/2"
[64mm]
2 1/8"
[54mm]
2 1/2"
[64mm]
With 1/2"
[12.7mm]
Locknut
1/2"
[12.7mm]
1/2"
[12.7mm]
3/4"
[19.1mm]
1/2" [12.7mm] Male (5782)
3/4" [19.1mm] Male (5782A)
1/2" [12.7mm] Male (5781)
3/4" [19.1mm] Male (5781A)
3/4"
[19.1mm]
1 3/4"
[44mm]
1/2" [12.7mm] Female
1/2" [12.7mm] Male
2 1/8"
[54mm]
3"
[76mm]
1 5/16"
[33mm]
1 3/8"
[33mm]
2 1/8"
[54mm]
1 1/4"
[32mm]
1 1/4"
[32mm]
Catalog No./Item
Description/Specifications
V518
External Elbow – For outside
V718
surfaces at right angles.
718 WH
V5700F
Flexible Section – For getting
around difficult angles. End
fittings and bulk conduit lengths
available. Maximum painted
length 3' [915mm] longer
lengths furnished unpainted,
consult factory for availability.
5701
Coupling – For joining and
supporting lengths of V500 or
700 Series raceway. One
coupling supplied with
each length.
V5703
Supporting Clip – For supporting
lengths of V500 or 700 Series
raceway at any point desired.
5709
Ground Clamp – Provides
additional grounding or to ground
remotely located devices. Attach
ground wire to screw as required by
NEC. Insert into V500 or 700
Series raceway before installing.
V5711LH A
Internal Twisted Elbows – For 90°
V5711RHA
twist with 90° turn including a flat
5711LHAWH
run on sidewall to a flat run on
5711RHAWH
ceiling or on door edge or window
trim. Break out crescent twistout in
cover to use with 700 Series.
V5715
Tee – For branches at right angles.
5715 WH
Break out crescent twistout in cover
to use with V700.
V5717A
Internal Pull Elbow – For inside
surfaces at right angles. Provides
more space to simplify wire pulling.
Break out crescent twistout in
corner to use with V700.
V500, V700, & 700WH Raceway & Fittings
2 1/2"
[64mm]
18" [457mm] Overall
2"
[51mm]
NOTE: Use #6 flat head screws with all fittings requiring screws except V504/V704, and V57200 Series; with V504/V704 use #8 pan head screws;
with V57200 Series use #8 flat head screws.
2 1/2"
[64mm]
2 1/2"
[64mm]
2"
[51mm]
2 1/2"
[64mm]
7/8"
[22.2mm]
2 1/2"
[64mm]
2 1/2"
[64mm]


Similar Part No. - 706WH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
706WH ETC2-706WH Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
706WH ETC2-706WH Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
More results

Similar Description - 706WH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V704 ETC2-V704 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
V5744S ETC2-V5744S Datasheet
1Mb / 9P
   One-Piece Steel Surface Raceway
V718 ETC2-V718 Datasheet
290Kb / 8P
   One-Piece Surface Steel Raceway
logo
PANDUIT CORP.
LDW10-V PANDUIT-LDW10-V Datasheet
107Kb / 1P
   PAN-WAY PLASTIC SURFACE RACEWAY
logo
NEC
PS4601 NEC-PS4601 Datasheet
101Kb / 4P
   ONE PIECE PHOTO INTERRUPTER
logo
Vishay Siliconix
157 VISHAY-157 Datasheet
126Kb / 4P
   Rugged one piece metal housing
06-Nov-15
logo
Samtec, Inc
FSI SAMTEC-FSI Datasheet
512Kb / 6P
   1,00 mm One Piece Interface
logo
Lapp.
61721340 LAPP-61721340 Datasheet
72Kb / 1P
   RSK one-piece screen connector
13.03.2019
logo
Samtec, Inc
FSI-110-03-G-D-AD SAMTEC-FSI-110-03-G-D-AD Datasheet
1Mb / 2P
   LOW PROFILE & ELEVATED ONE PIECE
logo
Lumins Inc.
SL112 LUMINIS-SL112 Datasheet
210Kb / 2P
   One piece cast aluminum cage
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com