Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UTG61412PN Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UTG61412PN
Description  Plastic connector with metal coupling system
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UTG61412PN Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UTG61412PN Datasheet HTML 1Page - List of Unclassifed Manufacturers UTG61412PN Datasheet HTML 2Page - List of Unclassifed Manufacturers UTG61412PN Datasheet HTML 3Page - List of Unclassifed Manufacturers UTG61412PN Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
17
UTG
Plastic connector
with metal
coupling system
Description
“UTG” Metalok Bantam plastic industrial
circular connectors with metal coupling are
a range of multiway connectors to provide
the complete answer to the need for
leightweight, robust circular connectors.
They are available in 8 shell sizes, 11
insert arrangements all intermateable,
interchangeable and intermountable
with the TRIM TRIO “UT0” and “UTP
industrial connector families.
Features and benefits
• Available in 8 shell sizes and 11 insert
arrangements incl. 3 VDE versions.
• Available in plug and receptacle versions
for both male and female contacts.
• Connectors and accessories are
moulded from highly durable glass-filled
thermoplastic.
• Flammability rating: UL94-V0.
• Metal bayonet ring:
- Metal wave spring loaded.
- Locks with audible positive “click”
- Assures 500 matings and unmatings
- UL recognized file Nr.: E238675
Performance characteristics
Operating
temperature:
-55°C to +125°C
Insulation
resistance:
5000 MΩ min.
Test potential:
2000 VAC
Durability:
500 matings and
unmatings.
Vibration
Per MIL-STD202
resistance:
method 204
Thermal
Per MIL-STD202
shock:
method 207
Degree of protection per DIN 40050:
IP65 in mated condition. “H” version used
with waterprotected backshells.
Construction
Connector body
Glass filled thermoplast UL94-V0
Colour: black
Coupling ring:
Nickel plated brass
Tri-lock pins:
Stainless steel
Coupling spring: Spring steel
Contact accommodation
• “UTG” connectors accept TRIM TRIO size
16 removable snap-lock contacts (see
contact section)
• Contacts to be ordered seperately.
How to order
- -
- -
H
N
P
S
12
12
14
14
0
6
UTG
UTG
Connector family :
Body variation:
0 : Wall mounting receptacle
6 : Cable plug
1 : Free hanging receptacle
Shell size:
Insert arrangement:
Type of contacts:
P : Pin contacts
S : Socket contacts
Plating
N : Nickelplated bayonet ring
Application
No letter : Standard version
H : Water protected version (only receptacle)
Design variation
No letter : Moulded-in contact marking (standard version)
Others : Specials versions


Similar Part No. - UTG61412PN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UTG61412PN ETC2-UTG61412PN Datasheet
852Kb / 4P
   Plastic connector with metal coupling system
UTG61412PN ETC2-UTG61412PN Datasheet
880Kb / 33P
   The plastic circular connector with metal locking
logo
Eaton All Rights Reserv...
UTG61412PN EATON-UTG61412PN Datasheet
164Kb / 4P
   UTG - Metalok Bantam
UTG61412PNH EATON-UTG61412PNH Datasheet
164Kb / 4P
   UTG - Metalok Bantam
More results

Similar Description - UTG61412PN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UTG020-28S ETC2-UTG020-28S Datasheet
852Kb / 4P
   Plastic connector with metal coupling system
UTG016-19P ETC2-UTG016-19P Datasheet
181Kb / 4P
   Plastic connector with metal coupling system
logo
Glenair, Inc.
M28840-30-16WA GLENAIR-M28840-30-16WA Datasheet
83Kb / 1P
   Metal Conduit Coupling
logo
Amphenol Corporation
0441021414S100 AMPHENOL-0441021414S100 Datasheet
1Mb / 4P
   Circular Connector Threaded Coupling ??Plastic
logo
List of Unclassifed Man...
UTG6-1619SN ETC2-UTG6-1619SN Datasheet
880Kb / 33P
   The plastic circular connector with metal locking
logo
Glenair, Inc.
240-383 GLENAIR-240-383 Datasheet
315Kb / 1P
   Filter Connector with Threaded Coupling
logo
List of Unclassifed Man...
ANT-2.4-JJB-RA ETC2-ANT-2.4-JJB-RA Datasheet
193Kb / 1P
   Use with plastic* or metal enclosures
ANT-315-CW-HD ETC2-ANT-315-CW-HD Datasheet
152Kb / 1P
   Use with plastic* or metal enclosures
ANT-315-CW-RAH ETC2-ANT-315-CW-RAH Datasheet
130Kb / 1P
   Use with plastic* or metal enclosures
ANT-2.4-PW-QW ETC2-ANT-2.4-PW-QW Datasheet
185Kb / 1P
   Use with plastic or metal enclosures
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com