Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2107 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2107
Description  4A, 6V Synchronous Step-Down Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2107 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2107 Datasheet HTML 1Page - Monolithic Power Systems MP2107 Datasheet HTML 2Page - Monolithic Power Systems MP2107 Datasheet HTML 3Page - Monolithic Power Systems MP2107 Datasheet HTML 4Page - Monolithic Power Systems MP2107 Datasheet HTML 5Page - Monolithic Power Systems MP2107 Datasheet HTML 6Page - Monolithic Power Systems MP2107 Datasheet HTML 7Page - Monolithic Power Systems MP2107 Datasheet HTML 8Page - Monolithic Power Systems MP2107 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MP2107/MP2107A – 4A, 6V SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR
MP2107/MP2107A Rev. 1.1
www.MonolithicPower.com
5
10/13/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5V, VCC = 5V (MP2107A Only), VO = 1.8V, L1 = 1.0µH, C2 = 47µF, TA = +25°C, unless otherwise noted.
No Load
Half Load
Steady State Operation
Steady State Operation
Full Load
Steady State Operation
No Load
Start-up through Enable
Full Load
Start-up through Enable
1A-4A Step Resistive Load
Load Transient
400ns/div.
400ns/div.
400ns/div.
VOUT
10mV/div.
VSW
5V/div.
VOUT
10mV/div.
VSW
5V/div.
IINDUCTOR
2A/div.
IINDUCTOR
1A/div.
VOUT
10mV/div.
VOUT
200mV/div.
VSW
5V/div.
IINDUCTOR
2A/div.
VOUT
1V/div.
VPOK
2V/div.
VEN
2V/div.
VOUT
1V/div.
VPOK
2V/div.
VEN
2V/div.
IINDUCTOR
1A/div.


Similar Part No. - MP2107

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2101 MPS-MP2101 Datasheet
469Kb / 12P
   1.6MHz Synchronous Step-Down plus 200mA LDO
MP2101DQ MPS-MP2101DQ Datasheet
226Kb / 5P
   1.6MHz, 800mA Synchronous Step-Down Converter plus 200mA LDO
MP2101DQ MPS-MP2101DQ Datasheet
469Kb / 12P
   1.6MHz Synchronous Step-Down plus 200mA LDO
MP2104 MPS-MP2104 Datasheet
448Kb / 10P
   1.7MHz, 600mA Synchronous Step-Down Converter
MP2104DJ MPS-MP2104DJ Datasheet
159Kb / 4P
   600mA Synchronous Buck Step-Down Converter
More results

Similar Description - MP2107

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV28115DQ-00C MPS-EV28115DQ-00C Datasheet
196Kb / 4P
   4A, 6V, Synchronous Step-Down Switching Regulator EV Board
EV28115DQ-00B MPS-EV28115DQ-00B Datasheet
182Kb / 4P
   4A, 6V, Synchronous Step-Down Switching Regulator EV Board
EV28115DQ-01C MPS-EV28115DQ-01C Datasheet
196Kb / 4P
   4A, 6V, Synchronous Step-Down Switching Regulator EV Board
MP2119 MPS-MP2119 Datasheet
466Kb / 12P
   2A, 6V Synchronous Step-Down Switching Regulator
logo
Semtech Corporation
SC186 SEMTECH-SC186 Datasheet
1Mb / 18P
   4A Synchronous Step-Down Regulator
SC185 SEMTECH-SC185 Datasheet
946Kb / 18P
   4A Synchronous Step-Down Regulator
logo
Maxim Integrated Produc...
MAX20808 MAXIM-MAX20808 Datasheet
1Mb / 27P
   Dual-Output 4A, 3MHz, 2.7V??6V Step-Down Switching Regulator
19-101082; Rev 0; 5/21
logo
STMicroelectronics
L5988 STMICROELECTRONICS-L5988 Datasheet
114Kb / 10P
   4A step-down switching regulator with synchronous rectification
logo
Linear Technology
LT3690 LINER-LT3690 Datasheet
2Mb / 28P
   36V, 4A, 1.5MHz Synchronous Step-Down Switching Regulator
logo
Shenzhen Huazhimei Semi...
HM3412 HMSEMI-HM3412 Datasheet
2Mb / 10P
   6V 6.0A 1.2MHz Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com