Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2040 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2040
Description  Fast Transient Response, 3A Dual Supply Very Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2040 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2040 Datasheet HTML 4Page - Monolithic Power Systems MP2040 Datasheet HTML 5Page - Monolithic Power Systems MP2040 Datasheet HTML 6Page - Monolithic Power Systems MP2040 Datasheet HTML 7Page - Monolithic Power Systems MP2040 Datasheet HTML 8Page - Monolithic Power Systems MP2040 Datasheet HTML 9Page - Monolithic Power Systems MP2040 Datasheet HTML 10Page - Monolithic Power Systems MP2040 Datasheet HTML 11Page - Monolithic Power Systems MP2040 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MP2040 –FAST TRANSIENT RESPONSE, 3A VERY LOW DROPOUT LINEAR REGULATOR
MP2040 Rev.1.0
www.MonolithicPower.com
10
9/21/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
APPLICATION INFORMATION
PG
The power good pin is an open drain output a
pull up resistor (100kΩ recommended). The pull
up resistor can be tied to a supply within the
voltage range of the pin (0 to 5.5V). For example,
the pull up resistor can be tied to the input
voltage that is monitored by an IC powered from
this input voltage. If the output voltage is 10%
below its regulation point, the PG pin becomes
low.
Bypass Capacitors
For lower noise, the reference voltage can be
bypassed by an external capacitor. A low ESR
capacitor, such as the ceramic type, will provide
the best performance.
It also can function as an external soft start, the
soft start time;
Tss=1000 x CBP
Performance Transient Response
For a 3A transient response, suggests increasing
the input capacitance should be increased to
22µF or higher to get better performance. This
will also avoid glitches on the PG pin due to
excessive undershoot. Also increase the input
voltage 0.4V above the VOUT, to improve the load
transient response.
Maximum Output Voltage and Load Current
If the VOUT is set to 3.3V then the maximum
output current will be decreased to 2.5A. The
maximum bias voltage limits the VOUT. VOUT must
be at least 2.5V less than VB;
VOUT=VB -2.5V
Bias Input Voltage
The bias input is designed for low drop
application. The bias pin must be at least 3.3V,
and at least 2.5V higher than the output voltage.
If
the
VIN
supply
voltage
meets
these
requirements, the bias pin can be tied to VIN.


Similar Part No. - MP2040

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MP200 CTS-MP200 Datasheet
133Kb / 5P
   Quartz Crystal
logo
Monolithic Power System...
MP2000 MPS-MP2000 Datasheet
184Kb / 6P
   Low Input Voltage 150mA Linear Regulator
MP2000 MPS-MP2000 Datasheet
232Kb / 7P
   Low Input Voltage 150mA Linear Regulator
MP2000DJ MPS-MP2000DJ Datasheet
146Kb / 3P
   Low Input Voltage 150mA Linear Regulator Evaluation Board
MP2000DJ-1.0 MPS-MP2000DJ-1.0 Datasheet
184Kb / 6P
   Low Input Voltage 150mA Linear Regulator
More results

Similar Description - MP2040

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2030 MPS-MP2030 Datasheet
402Kb / 12P
   3A Dual Supply Very Low Dropout Linear Regulator
logo
National Semiconductor ...
LP38513-ADJ NSC-LP38513-ADJ Datasheet
382Kb / 12P
   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
ON Semiconductor
NCP59152 ONSEMI-NCP59152 Datasheet
168Kb / 11P
   Very Low-Dropout Fast Transient Response Regulator
May, 2014 ??Rev. 27
logo
Texas Instruments
LP38513-ADJ TI1-LP38513-ADJ Datasheet
1Mb / 18P
[Old version datasheet]   3A Fast-Transient Response Adjustable Low-Dropout Linear Voltage Regulator
logo
ON Semiconductor
NCP58300 ONSEMI-NCP58300_13 Datasheet
146Kb / 12P
   Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
National Semiconductor ...
LP38513 NSC-LP38513 Datasheet
398Kb / 14P
   3A Fast Response Ultra Low Dropout Linear Regulator
logo
Texas Instruments
LP38513 TI1-LP38513_14 Datasheet
2Mb / 20P
[Old version datasheet]   3A Fast Response Ultra Low Dropout Linear Regulator
LP38513 TI1-LP38513 Datasheet
2Mb / 25P
[Old version datasheet]   3A Fast Response Ultra-Low Dropout Linear Regulator
logo
Linear Technology
LT3150 LINER-LT3150_15 Datasheet
264Kb / 20P
   Fast Transient Response, Low Input Voltage, Very Low Dropout Linear Regulator Controller
LT3150 LINER-LT3150 Datasheet
263Kb / 20P
   Fast Transient Response, Low Input Voltage, Very Low Dropout Linear Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com