Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2016DD Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2016DD
Description  42V, 30mA, Low Power Adjustable Output Linear Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2016DD Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2016DD Datasheet HTML 2Page - Monolithic Power Systems MP2016DD Datasheet HTML 3Page - Monolithic Power Systems MP2016DD Datasheet HTML 4Page - Monolithic Power Systems MP2016DD Datasheet HTML 5Page - Monolithic Power Systems MP2016DD Datasheet HTML 6Page - Monolithic Power Systems MP2016DD Datasheet HTML 7Page - Monolithic Power Systems MP2016DD Datasheet HTML 8Page - Monolithic Power Systems MP2016DD Datasheet HTML 9Page - Monolithic Power Systems MP2016DD Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MP2016 – 42V, 30mA, LOW POWER, LINEAR REGULATOR
MP2016 Rev.1.0
www.MonolithicPower.com
6
10/10/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
CIN = 1uF, COUT = 4.7uF, TA = +25ºC, unless otherwise noted.
Load Transient
VIN=VSHDN=15V, VOUT=12V,
IOUT=10mA to 30mA
Enable Response
VIN=35V, VSHDN=6V,
VOUT=5V, IOUT=30mA
Load Ripple
VIN=VSHDN=28V,VOUT=24V
IOUT=20mA
Short Circuit Recovery
VIN=VSHDN=5V,
VOUT=1.8V
Short Circuit
VIN=VSHDN=5V,
VOUT=1.8V
Shutdown Response
VIN=35V, VSHDN=6V,
VOUT=5V, IOUT=30mA
VIN Ramp Up
VIN=VSHDN=16V,
VOUT=12V, IIN=20mA
VIN Ramp Down
VIN=VSHDN=16V,
VOUT=12V, IIN=20mA
VIN
5V/div
IOUT
10mA/div
VOUT
0.2V/div
IOUT
20mA/div
VOUT
10mV/div
IOUT
20mA/div
VOUT
1V/div
IOUT
0.1A/div
VOUT
1V/div
IOUT
0.1A/div
VOUT
5V/div
VIN
10V/div
IOUT
20mA/div
VOUT
5V/div
VIN
10V/div
VIN
20V/div
IOUT
20mA/div
SHDN
5V/div
VOUT
2V/div
VIN
20V/div
IOUT
20mA/div
SHDN
5V/div
VOUT
2V/div
VIN
20V/div
IOUT
20mA/div
20ms/div
4ms/div
4ms/div
10ms/div
Line Transient
VIN=VSHDN=7V to 12V, VOUT=5V,
IOUT=20mA


Similar Part No. - MP2016DD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2016DD MPS-MP2016DD Datasheet
123Kb / 4P
   42V Input Voltage, Low Power Adjustable Output Linear Regulator EV Board
More results

Similar Description - MP2016DD

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV2016DD-00A MPS-EV2016DD-00A Datasheet
123Kb / 4P
   42V Input Voltage, Low Power Adjustable Output Linear Regulator EV Board
logo
SHENZHEN FUMAN ELECTRON...
HT71XX FUMAN-HT71XX Datasheet
992Kb / 4P
   30mA Linear Regulator
logo
Texas Instruments
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS76201-Q1 TI1-TPS76201-Q1 Datasheet
457Kb / 17P
[Old version datasheet]   Low Output, Adjustable, Ultralow-Power, 100-mA Low-Dropout Linear Regulator
TPS76201 TI1-TPS76201_17 Datasheet
597Kb / 16P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
TPS76201DBVTG4 TI1-TPS76201DBVTG4 Datasheet
580Kb / 16P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
logo
Monolithic Power System...
MP2019 MPS-MP2019 Datasheet
826Kb / 16P
   40V, 300mA, Low Quiescent Current Adjustable Output Linear Regulator
logo
Anpec Electronics Corop...
APL5324 ANPEC-APL5324 Datasheet
295Kb / 16P
   Adjustable Low Dropout 300mA Linear Regulator
APL5323 ANPEC-APL5323 Datasheet
251Kb / 15P
   Adjustable Low Dropout 300mA Linear Regulator
logo
Global Mixed-mode Techn...
G1084 GMT-G1084_07 Datasheet
344Kb / 11P
   5A Adjustable Low-Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com