Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2012DQ Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2012DQ
Description  Low Voltage, 2.7-6V Input,1.5A, 1.2MHz Synchronous Step-Down Converter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2012DQ Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2012DQ Datasheet HTML 1Page - Monolithic Power Systems MP2012DQ Datasheet HTML 2Page - Monolithic Power Systems MP2012DQ Datasheet HTML 3Page - Monolithic Power Systems MP2012DQ Datasheet HTML 4Page - Monolithic Power Systems MP2012DQ Datasheet HTML 5Page - Monolithic Power Systems MP2012DQ Datasheet HTML 6Page - Monolithic Power Systems MP2012DQ Datasheet HTML 7Page - Monolithic Power Systems MP2012DQ Datasheet HTML 8Page - Monolithic Power Systems MP2012DQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP2012 – 1.5A SYNCHRONOUS STEP-DOWN CONVERTER
MP2012 Rev. 1.01
www.MonolithicPower.com
5
9/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 5V, VOUT = 1.8V, L=3.3uH, TA = +25ºC, unless otherwise noted.
Input Ripple Voltage
VIN
50mV/div
Short Entry
Full Load
EN Start Up without Load
Short Recovery
No Load
Power Up without Load
Power Up with 1.5A Load
SW
2V/div
VOUT
2V/div
VIN
10V/div
EN
2V/div
IINDUCTOR
2A/div
SW
5V/div
VOUT
1V/div
VIN
5V/div
IINDUCTOR
1A/div
SW
5V/div
VOUT
1V/div
IINDUCTOR
1A/div
SW
5V/div
VOUT
1V/div
VIN
10V/div
IINDUCTOR
2A/div
SW
5V/div
VOUT
1V/div
VIN
5V/div
IINDUCTOR
1A/div
EN Start up with 1.5A Load
EN
2V/div
SW
5V/div
VOUT
1V/div
IINDUCTOR
1A/div
SW
2V/div
400ns/div
400ns/div
400us/div
Output Ripple Voltage
SW
2V/div
VOUT
20mV/div
IINDUCTOR
2A/div
Load Transient Response
I
OUT=0.75A-1.5A Step @ 1A/us
VOUT
20mV/div
IOUT
500mA/div


Similar Part No. - MP2012DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP201 MPS-MP201 Datasheet
326Kb / 12P
   Dying Gasp Storage and Release Control IC
MP2011A MPS-MP2011A Datasheet
523Kb / 14P
   24V, 150mA, Low Quiescent Current Linear Regulator
MP2011AGG MPS-MP2011AGG Datasheet
523Kb / 14P
   24V, 150mA, Low Quiescent Current Linear Regulator
MP2011AGG-33 MPS-MP2011AGG-33 Datasheet
523Kb / 14P
   24V, 150mA, Low Quiescent Current Linear Regulator
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
   40V, 150mA, Low Quiescent Current Linear Regulator
More results

Similar Description - MP2012DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP9115 MPS-MP9115 Datasheet
299Kb / 11P
   2.7-6V Input, 2.5A,1.2MHz Synchronous Step-Down Converter
MP2127 MPS-MP2127 Datasheet
255Kb / 11P
   2.7-6V Input, 2A, 1.2MHz Synchronous Step-Down Converter
logo
List of Unclassifed Man...
APS2415 ETC-APS2415 Datasheet
545Kb / 8P
   1.2MHz, 1.5A Synchronous Step-Down Converter
V0.0
logo
Monolithic Power System...
MP2125 MPS-MP2125 Datasheet
295Kb / 10P
   Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RTQ2102A-QA RICHTEK-RTQ2102A-QA Datasheet
254Kb / 16P
   1.5A, 6V, Low IQ ACOT Synchronous Step-Down Converter
October 2019
RT5796B RICHTEK-RT5796B Datasheet
1,004Kb / 19P
   1.5A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
logo
Shenzhen Huazhimei Semi...
HM3412 HMSEMI-HM3412 Datasheet
2Mb / 10P
   6V 6.0A 1.2MHz Synchronous Step-Down Regulator
logo
Monolithic Power System...
EV2109DQ-00A MPS-EV2109DQ-00A Datasheet
217Kb / 4P
   Dual 800mA, 6V, 1.2MHz Synchronous Step-Down Converter Evaluation Board
logo
Richtek Technology Corp...
RT8023 RICHTEK-RT8023 Datasheet
391Kb / 19P
   1.2MHz 1.5A Synchronous Step-Down Converter with Two LDOs
logo
Monolithic Power System...
MP2249 MPS-MP2249 Datasheet
404Kb / 12P
   1MHz, 6V, 3A, Low-Voltage Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com