Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27531-Q1 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27531-Q1
Description  2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27531-Q1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC27531-Q1 Datasheet HTML 5Page - Texas Instruments UCC27531-Q1 Datasheet HTML 6Page - Texas Instruments UCC27531-Q1 Datasheet HTML 7Page - Texas Instruments UCC27531-Q1 Datasheet HTML 8Page - Texas Instruments UCC27531-Q1 Datasheet HTML 9Page - Texas Instruments UCC27531-Q1 Datasheet HTML 10Page - Texas Instruments UCC27531-Q1 Datasheet HTML 11Page - Texas Instruments UCC27531-Q1 Datasheet HTML 12Page - Texas Instruments UCC27531-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
3.5
3.7
3.9
4.1
4.3
4.5
-50
0
50
100
150
7HPSHUDWXUH Û&
C006
Vdd = 18V
Cload = 1.8nF
fsw = 100kHz
8
8.4
8.8
9.2
9.6
-50
0
50
100
150
7HPSHUDWXUH Û&
UVLO Rising
UVLO Falling
C007
100
150
200
250
300
-50
0
50
100
150
7HPSHUDWXUH Û&
EN=IN=Vdd
EN=IN=GND
C005
Vdd = 7V
0
5
10
15
20
25
30
0
100
200
300
400
500
Frequency (kHz)
VDD = 10V
VDD = 18V
VDD = 32V
C001
Cload = 1.8nF
UCC27531-Q1
www.ti.com
SLVSC82A – AUGUST 2013 – REVISED DECEMBER 2013
TYPICAL CHARACTERISTICS (continued)
If not specified, INPUT refers to non-inverting input
OPERATING SUPPLY CURRENT
START-UP CURRENT
vs
vs
FREQUENCY
TEMPERATURE
Figure 10.
Figure 11.
OPERATING SUPPLY CURRENT
UVLO THRESHOLD VOLTAGE
vs
vs
TEMPERATURE (OUTPUT SWITCHING)
TEMPERATURE
Figure 12.
Figure 13.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: UCC27531-Q1


Similar Part No. - UCC27531-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27531-Q1 TI1-UCC27531-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   UCC27531-Q1 2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
More results

Similar Description - UCC27531-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27531 TI1-UCC27531 Datasheet
450Kb / 23P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27532-Q1 TI-UCC27532-Q1_15 Datasheet
916Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531 TI1-UCC27531_15 Datasheet
1Mb / 45P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27537DBVR TI-UCC27537DBVR Datasheet
1Mb / 37P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27532 TI-UCC27532 Datasheet
989Kb / 26P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531 TI-UCC27531_13 Datasheet
648Kb / 35P
[Old version datasheet]   2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
UCC27531-Q1 TI1-UCC27531-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   UCC27531-Q1 2.5-A and 5-A, 35-VMAX VDD FET and IGBT Single-Gate Driver
ISO5852S-Q1 TI1-ISO5852S-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   High-CMTI 2.5-A and 5-A Reinforced Isolated IGBT, MOSFET Gate Driver
logo
Vishay Siliconix
VOW3120 VISHAY-VOW3120_V01 Datasheet
198Kb / 12P
   Widebody 2.5 A IGBT and MOSFET Driver
01-Jan-2022
logo
Texas Instruments
ISO5452-Q1 TI1-ISO5452-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   High-CMTI 2.5-A / 5-A Isolated IGBT, MOSFET Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com