Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27524A-Q1 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27524A-Q1
Description  Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27524A-Q1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC27524A-Q1 Datasheet HTML 6Page - Texas Instruments UCC27524A-Q1 Datasheet HTML 7Page - Texas Instruments UCC27524A-Q1 Datasheet HTML 8Page - Texas Instruments UCC27524A-Q1 Datasheet HTML 9Page - Texas Instruments UCC27524A-Q1 Datasheet HTML 10Page - Texas Instruments UCC27524A-Q1 Datasheet HTML 11Page - Texas Instruments UCC27524A-Q1 Datasheet HTML 12Page - Texas Instruments UCC27524A-Q1 Datasheet HTML 13Page - Texas Instruments UCC27524A-Q1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
0.5
1
1.5
2
2.5
−50
0
50
100
150
Temperature (°C)
Enable High Threshold
Enable Low Threshold
VDD = 4.5 V
G017
6
10
14
18
4
8
12
16
20
Supply Voltage (V)
CLOAD = 1.8 nF
G015
4
6
8
10
4
8
12
16
20
Supply Voltage (V)
CLOAD = 1.8 nF
G016
0
10
20
30
40
50
60
0
100
200
300
400
500
600
700
800
900 1000
Frequency (kHz)
VDD = 4.5 V
VDD = 12 V
VDD = 15 V
CLOAD = 1.8 nF
Both channels switching
G013
6
10
14
18
22
4
8
12
16
20
Supply Voltage (V)
Input to Output On delay
Input to Ouptut Off Delay
EN to Output On Delay
EN to Output Off Delay
CLOAD = 1.8 nF
G014
UCC27524A-Q1
SLVSCC1 – NOVEMBER 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
OPERATING SUPPLY CURRENT
PROPAGATION DELAYS
vs
vs
FREQUENCY
SUPPLY VOLTAGE
Figure 17.
Figure 18.
RISE TIME
FALL TIME
vs
vs
SUPPLY VOLTAGE
SUPPLY VOLTAGE
Figure 19.
Figure 20.
ENABLE THRESHOLD
vs
TEMPERATURE
Figure 21.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :UCC27524A-Q1


Similar Part No. - UCC27524A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
More results

Similar Description - UCC27524A-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
UCC27524A1-Q1 TI1-UCC27524A1-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A TI1-UCC27524A Datasheet
1Mb / 36P
[Old version datasheet]   UCC27524A Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27518A-Q1 TI-UCC27518A-Q1_15 Datasheet
892Kb / 32P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With Negative Input Voltage Capability
UCC27523 TI1-UCC27523_13 Datasheet
1Mb / 41P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
UCC27523 TI1-UCC27523 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
UCC27517A TI-UCC27517A_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC27517A Single-Channel High-Speed Low-Side Gate Driver with Negative Input Voltage Capability (with 4-A Peak Source and Sink)
UCC27624 TI-UCC27624_V01 Datasheet
2Mb / 33P
[Old version datasheet]   UCC27624 30-V, 5-A Dual-Channel Low-Side Gate Driver with ??0-V Input Capability
DECEMBER 2021
UCC27624 TI-UCC27624_V02 Datasheet
3Mb / 37P
[Old version datasheet]   UCC27624 30-V, 5-A Dual-Channel Low-Side Gate Driver with –10-V Input Capability
REVISED DECEMBER 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com