Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP1907GQ Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP1907GQ
Description  100V, 2.5A, High Frequency Half-bridge Gate Driver
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1907GQ Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP1907GQ Datasheet HTML 1Page - Monolithic Power Systems MP1907GQ Datasheet HTML 2Page - Monolithic Power Systems MP1907GQ Datasheet HTML 3Page - Monolithic Power Systems MP1907GQ Datasheet HTML 4Page - Monolithic Power Systems MP1907GQ Datasheet HTML 5Page - Monolithic Power Systems MP1907GQ Datasheet HTML 6Page - Monolithic Power Systems MP1907GQ Datasheet HTML 7Page - Monolithic Power Systems MP1907GQ Datasheet HTML 8Page - Monolithic Power Systems MP1907GQ Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MP1907―100V, 2.5A, HIGH FREQUENCY HALF-BRIDGE GATE DRIVER
MP1907 Rev. 1.1
www.MonolithicPower.com
4
11/20/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VDD = VBST-VSW=12V, VSS=VSW = 0V, VEN=3.3V, No load at DRVH and DRVL, TA= +25°C, unless
otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
High level output voltage to rail
VOHH
IO=-100mA
0.45
0.6
V
VDRVH=0V , VBST - VSW =5V
(8)
0.25
A
VDRVH=0V, VDD=12V
1.5
A
Peak pull-up current
(6)
IOHH
VDRVH=0V, VDD=16V
2.5
A
VDRVH=VBST - VSW =5V
(8)
0.65
A
VDRVH=VDD=12V
2.5
A
Peak pull-down current
(6)
IOLH
VDRVH=VDD=16V
3.5
A
Switching Spec. --- Low Side Gate Driver
Turn-off propagation delay
INL falling to DRVL falling
TDLFF
20
ns
Turn-on propagation delay
INL rising to DRVL rising
TDLRR
20
ns
DRVL rise time
CL=1nF
12
ns
DRVL fall time
CL=1nF
9
ns
Switching Spec. --- Floating Gate Driver
Turn-off propagation delay
INL falling to DRVH falling
TDHFF
20
ns
Turn-on propagation delay
INL rising to DRVH rising
TDHRR
18
ns
DRVH rise time
CL=1nF
12
ns
DRVH fall time
CL=1nF
9
ns
Switching Spec. --- Matching
Floating driver turn-off to low side
drive turn-on
TMON
1
5
ns
Low side driver turn-off to floating
driver turn-on
TMOFF
1
5
ns
Minimum input pulse width that
changes the output
TPW
50
(6)
ns
Bootstrap diode turn-on or turn-off
time
TBS
10
(6)
ns
Note:
6) Guaranteed by design.
7) After startup VDD fall to 4.5V
8) After startup VBST- VSW fall to 5V
INPUT
(INH, INL)
OUTPUT
(DRVH,
DRVL)
T
DHRR, TDLRR
T
DHFF, TDLFF
INPUT
(INH, INL)
OUTPUT
(DRVH,
DRVL)
T
DHRR, TDLRR
T
DHFF, TDLFF
INL
INH
DRVL
DRVH
T
MON
T
MOFF
Figure 1—Timing Diagram


Similar Part No. - MP1907GQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1907GQ MPS-MP1907GQ Datasheet
212Kb / 6P
   100V, High Frequency Half-Bridge Gate Driver EV Board
More results

Similar Description - MP1907GQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP18021A MPS-MP18021A Datasheet
507Kb / 13P
   100V, 2.5A, High Frequency Half-Bridge Gate Driver
MP1921A MPS-MP1921A Datasheet
553Kb / 17P
   100V, 2.5A, High Frequency Half-Bridge Gate Driver
MPQ18021A MPS-MPQ18021A Datasheet
480Kb / 12P
   100V, 2.5A, High-Frequency Half-Bridge Gate Driver
MP18021 MPS-MP18021 Datasheet
323Kb / 9P
   100V High Frequency Half-Bridge Gate Driver
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
   100V, 4A, High Frequency Half-Bridge Gate Driver
MPQ1924 MPS-MPQ1924 Datasheet
790Kb / 14P
   100V, 4A, High Frequency Half-Bridge Gate Driver
MP1924A MPS-MP1924A Datasheet
562Kb / 16P
   100V, 4A, High Frequency Half-Bridge Gate Driver
MP1925 MPS-MP1925 Datasheet
578Kb / 14P
   100V, 4A, High-Frequency, Half-Bridge Gate Driver
Rev. 1.01 7/28/2020
MP18024 MPS-MP18024 Datasheet
406Kb / 12P
   100V, 4A, High Frequency Half-Bridge Gate Driver
EV18021A-N-00A MPS-EV18021A-N-00A Datasheet
393Kb / 6P
   100V, High Frequency Half-Bridge Gate Driver EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com