Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS728185315DRVTG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS728185315DRVTG4
Description  200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS728185315DRVTG4 Datasheet(HTML) 5 Page - Texas Instruments

  TPS728185315DRVTG4 Datasheet HTML 1Page - Texas Instruments TPS728185315DRVTG4 Datasheet HTML 2Page - Texas Instruments TPS728185315DRVTG4 Datasheet HTML 3Page - Texas Instruments TPS728185315DRVTG4 Datasheet HTML 4Page - Texas Instruments TPS728185315DRVTG4 Datasheet HTML 5Page - Texas Instruments TPS728185315DRVTG4 Datasheet HTML 6Page - Texas Instruments TPS728185315DRVTG4 Datasheet HTML 7Page - Texas Instruments TPS728185315DRVTG4 Datasheet HTML 8Page - Texas Instruments TPS728185315DRVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
OUT
EN
IN
GND
VSET
C3
B2
A3
C1
A1
IN
GND
EN
6
5
4
OUT
VSET
NC
1
2
3
Thermal
Pad
(1)
TPS728xx Series
SBVS095 – AUGUST 2007
YZU PACKAGE
WCSP-5
(TOP VIEW)
DRV PACKAGE
SON-8
(TOP VIEW)
(1)
It is recommended that the SON package thermal pad be connected to ground.
PIN DESCRIPTIONS
TPS728xx Series
NAME
DRV
YZU
DESCRIPTION
Regulated output voltage pin. A small 1
μF ceramic capacitor is needed from this pin to ground to assure
OUT
1
C1
stability. See Input and Output Capacitor Requirements in the Application Information section for more
details.
Select pin. Driving VSET below 0.4V selects preset output voltage VOUT1. Driving VSET over 1.2V selects
VSET
2
A3
preset output voltage VOUT2.
NC
3
No connection.
Enable pin. Driving EN over 1.2V turns on the regulator. Driving EN below 0.4V puts the regulator into
EN
4
A1
shutdown mode, thus reducing the operating current to 100nA, nominal.
GND
5
B2
Ground pin (connect DRV thermal pad to ground)
Input pin. A small capacitor is needed from this pin to ground to assure stability. See Input and Output
IN
6
C3
Capacitor Requirements in the Application Information section for more details.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS728185315DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS728185315DRVTG4 TI-TPS728185315DRVTG4 Datasheet
955Kb / 22P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728185315DRVTG4 TI-TPS728185315DRVTG4 Datasheet
1Mb / 23P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728185315DRVTG4 TI1-TPS728185315DRVTG4 Datasheet
1Mb / 24P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728185315DRVTG4 TI1-TPS728185315DRVTG4 Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
More results

Similar Description - TPS728185315DRVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS728XX TI-TPS728XX_09 Datasheet
1Mb / 23P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX_V01 Datasheet
2Mb / 31P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX_10 Datasheet
548Kb / 16P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728 TI-TPS728_15 Datasheet
1Mb / 24P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX_16 Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728330180 TI1-TPS728330180 Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728120150 TI1-TPS728120150 Datasheet
1Mb / 24P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX Datasheet
955Kb / 22P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX_18 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com