Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27211AD Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC27211AD
Description  120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27211AD Datasheet(HTML) 1 Page - Texas Instruments

  UCC27211AD Datasheet HTML 1Page - Texas Instruments UCC27211AD Datasheet HTML 2Page - Texas Instruments UCC27211AD Datasheet HTML 3Page - Texas Instruments UCC27211AD Datasheet HTML 4Page - Texas Instruments UCC27211AD Datasheet HTML 5Page - Texas Instruments UCC27211AD Datasheet HTML 6Page - Texas Instruments UCC27211AD Datasheet HTML 7Page - Texas Instruments UCC27211AD Datasheet HTML 8Page - Texas Instruments UCC27211AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
PWM
CONTROLLER
+12V
+100V
SECONDARY
SIDE
CIRCUIT
HI
DRIVE
LO
DRIVE
HI
V
DD
UCC27211A
VSS
LI
HB
HO
HS
LO
+12V
HI
DRIVE
LO
DRIVE
HI
VDD
UCC27211A
LI
HB
HO
HS
LO
+100V
UDG -13115
PWM
CONTROLLER
+12V
ISOLATION
AND
FEEDBACK
+100V
SECONDARY
SIDE
CIRCUIT
HI
DRIVE
LO
DRIVE
HI
V
DD
UCC27210A
VSS
LI
HB
HO
HS
LO
UDG-13114
UCC27210A
UCC27211A
www.ti.com
SLUSBL4B – AUGUST 2013 – REVISED SEPTEMBER 2013
120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
Check for Samples: UCC27210A, UCC27211A
1
FEATURES
APPLICATIONS
2
Drives Two N-Channel MOSFETs in High-Side
Power Supplies for Telecom, Datacom, and
and Low-Side Configuration with Independent
Merchant
Inputs
Half-Bridge and Full-Bridge Converters
Maximum Boot Voltage 120-V DC
Push-Pull Converters
4-A Sink, 4-A Source Output Currents
High Voltage Synchronous-Buck Converters
0.9-
Ω Pull-Up and Pull-Down Resistance
Two-Switch Forward Converters
Input Pins can Tolerate -10 V to 20 V and are
Active-Clamp Forward Converters
Independent of Supply Voltage Range
Class-D Audio Amplifiers
TTL or Pseudo-CMOS Compatible Input
Versions
DESCRIPTION
8-V to 17-V VDD Operating Range, (20-V ABS
The UCC27210A and UCC27211A Drivers are based
MAX)
on the popular UCC27200 and UCC27201 MOSFET
drivers, but offer several significant performance
7.2-ns Rise and 5.5-ns Fall Time with 1000-pF
improvements. Peak output pull-up and pull-down
Load
current has been increased to 4-A source and 4-A
Fast Propagation Delay Times (20 ns typical)
sink, and pull-up and pull-down resistance have been
4-ns Delay Matching
reduced to 0.9
Ω, thereby allowing for driving large
power MOSFETs with minimized switching losses
Symmetrical Under Voltage Lockout for High-
during the transition through the MOSFET’s Miller
Side and Low-Side Driver
Plateau. The input structure is now able to directly
All Industry Standard Packages Available
handle -10 VDC, which increases robustness and
(SOIC-8, PowerPAD™ SOIC-8, 4-mm x 4-mm
also allows direct interface to gate-drive transformers
SON-8 and 4-mm x 4-mm SON-10)
without using rectification diodes. The inputs are also
independent of supply voltage and have a 20-V
Specified from -40 to 140 °C
maximum rating.
Typical Application Diagrams
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - UCC27211AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27211A-Q1 TI1-UCC27211A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27211A-Q1 TI1-UCC27211A-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27211AQDDARQ1 TI1-UCC27211AQDDARQ1 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27211A TI1-UCC27211A_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC27211A 120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver31
More results

Similar Description - UCC27211AD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27212 TI1-UCC27212 Datasheet
833Kb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27210 TI1-UCC27210_12 Datasheet
1Mb / 33P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27211A-Q1 TI1-UCC27211A-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27210 TI1-UCC27210 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side/Low-Side Driver
FEBRUARY2012
UCC27212A-Q1 TI1-UCC27212A-Q1 Datasheet
857Kb / 29P
[Old version datasheet]   Automotive 120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27210 TI1-UCC27210_15 Datasheet
1Mb / 39P
[Old version datasheet]   UCC2721x 120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200A TI1-UCC27200A_12 Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com