Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A6259KLW Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A6259KLW
Description  8-BIT ADDRESSABLE DMOS POWER DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6259KLW Datasheet(HTML) 5 Page - Allegro MicroSystems

  A6259KLW Datasheet HTML 1Page - Allegro MicroSystems A6259KLW Datasheet HTML 2Page - Allegro MicroSystems A6259KLW Datasheet HTML 3Page - Allegro MicroSystems A6259KLW Datasheet HTML 4Page - Allegro MicroSystems A6259KLW Datasheet HTML 5Page - Allegro MicroSystems A6259KLW Datasheet HTML 6Page - Allegro MicroSystems A6259KLW Datasheet HTML 7Page - Allegro MicroSystems A6259KLW Datasheet HTML 8Page - Allegro MicroSystems A6259KLW Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
6259
8-BIT ADDRESSABLE
DMOS POWER DRIVER
www.allegromicro.com
FUNCTIONAL DESCRIPTION and INPUT REQUIREMENTS
Four modes of operation are selectable by controlling
the CLEAR and ENABLE inputs as shown above.
In the addressable-latch mode, data at the DATA input
is written into the addressed transparent latch. The
addressed output inverts the data input with all other
outputs remaining in their previous states.
In the memory mode, all outputs remain in their
previous states and are unaffected by the DATA or
address (Sn) inputs. To prevent entering erroneus data in
the latches, ENABLE should be held HIGH while the
address lines are changing.
In the demultiplexing/decoding mode, the addressed
output inverts the data input and all other outputs are OFF.
In the clear mode, all outputs are OFF and are unaf-
fected by the DATA or address (SN) inputs.
Given the appropriate inputs, when DATA is LOW
for a given address, the output is OFF; when DATA is
HIGH, the output is ON and can sink current.
50%
Dwg. WP-037
ENABLE
DATA
50%
w(D)
t
su(D)
t
h(D)
t
PHL
t
PLH
t
50%
ADDRESSED
OUTPUT
Dwg. WP-036
10%
90%
f
t
r
t
ENABLE
DATA
OUTPUT SWITCHING TIME
DATA INPUT REQUIREMENTS
Data Active Time Before Enable
(Data Set-Up Time), tsu(D) .............................................. 20 ns
Data Active Time After Enable
(Data Hold Time), th(D) ................................................... 20 ns
Data Pulse Width, tw(D) ....................................................... 40 ns
Input Logic High, VIH ................................................ ≥ 0.85VDD
Input Logic Low, VIL ................................................. ≤ 0.15VDD


Similar Part No. - A6259KLW

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6259KLW ALLEGRO-A6259KLW Datasheet
194Kb / 11P
   8-Bit Addressable DMOS Power Driver
More results

Similar Description - A6259KLW

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
6B259 ALLEGRO-6B259 Datasheet
143Kb / 12P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
A6B259 ALLEGRO-A6B259 Datasheet
159Kb / 11P
   8-Bit Addressable, DMOS Power Driver
A6259 ALLEGRO-A6259 Datasheet
194Kb / 11P
   8-Bit Addressable DMOS Power Driver
A6A259 ALLEGRO-A6A259 Datasheet
204Kb / 11P
   8-Bit Addressable, DMOS Power Driver
6A259 ALLEGRO-6A259 Datasheet
205Kb / 10P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
March 22, 2000
6B273 ALLEGRO-6B273_02 Datasheet
591Kb / 10P
   8-BIT LATCHED DMOS POWER DRIVER
A6B273 ALLEGRO-A6B273 Datasheet
937Kb / 11P
   8-Bit Latched, DMOS Power Driver
A6273 ALLEGRO-A6273 Datasheet
178Kb / 11P
   8-Bit Latched, DMOS Power Driver
6B273 ALLEGRO-6B273 Datasheet
129Kb / 12P
   8-BIT LATCHED DMOS POWER DRIVER
January 24, 2000
6273 ALLEGRO-6273 Datasheet
172Kb / 10P
   8-BIT LATCHED DMOS POWER DRIVER
January 24, 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com