Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP1469 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP1469
Description  High-Efficiency, 1.5A, 16V, 500kHz Synchronous, Step-Down Converter In 6 Pin SOT 23
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1469 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP1469 Datasheet HTML 6Page - Monolithic Power Systems MP1469 Datasheet HTML 7Page - Monolithic Power Systems MP1469 Datasheet HTML 8Page - Monolithic Power Systems MP1469 Datasheet HTML 9Page - Monolithic Power Systems MP1469 Datasheet HTML 10Page - Monolithic Power Systems MP1469 Datasheet HTML 11Page - Monolithic Power Systems MP1469 Datasheet HTML 12Page - Monolithic Power Systems MP1469 Datasheet HTML 13Page - Monolithic Power Systems MP1469 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
MP1469 – SYNCHRONOUS, STEP-DOWN CONVERTER WITH INTERNAL MOSFETS
MP1469 Rev. 1.01
www.MonolithicPower.com
10
8/26/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The MP1469 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter
with internal power MOSFETs. It offers a very
compact solution to achieve a 1.5A continuous
output current over a wide input supply range,
with excellent load and line regulation.
The MP1469 operates in a fixed-frequency,
peak-current–control mode to regulate the
output voltage. An internal clock initiates the
PWM cycle to turn on the integrated high-side
power MOSFET. This MOSFET remains on
until its current reaches the value set by the
COMP voltage. When the power switch is off, it
remains off until the next clock cycle starts. If
the current in the power MOSFET does not
reach the COMP set current value within 90%
of one PWM period, the power MOSFET is
forced to turn off.
Internal Regulator
The 5V internal regulator powers most of the
internal circuits. This regulator takes VIN and
operates in the full VIN range. When VIN
exceeds 5.0V, the regulator output is in full
regulation. When VIN falls below 5.0V, the
output decreases.
Error Amplifier
The error amplifier compares the FB voltage
against the internal 0.8V reference (REF) and
outputs a current proportional to the difference
between the two. This output current charges or
discharges the internal compensation network
to form the COMP voltage, which is used to
control the power MOSFET current. The
optimized
internal
compensation
network
minimizes the external component counts and
simplifies the control-loop design.
Enable
EN is a digital control pin that turns the
regulator on and off: Drive EN HIGH to turn on
the regulator, drive it LOW to turn it off. An
internal 1MΩ resistor from EN to GND allows
EN to float to shut down the chip.
The EN pin is clamped internally using a 6.5V
series-Zener-diode as shown in Figure 2.
Connecting the EN input pin through a pullup
resistor to the voltage on the VIN pin limits the
EN input current to less than 100μA.
For example, with 12V connected to Vin,
RPULLUP≥ (12V-6.5V) ÷ 100μA =55kΩ
Connecting the EN pin is directly to a voltage
source without any pullup resistor requires
limiting the amplitude of the voltage source to ≤
6V to prevent damage to the Zener diode.
Figure 2: 6.5V Zener Diode Connection
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The MP1469 UVLO comparator monitors the
output voltage of the internal regulator, VCC.
The UVLO rising threshold is about 4.2V while
its falling threshold is consistently 3.86V.
Internal Soft-Start
Soft-start prevents the converter output voltage
from overshooting during startup. When the
chip starts, the internal circuit generates a soft-
start voltage (SS) that ramps up from 0V to
1.2V: When SS falls below the internal
reference (REF), SS overrides REF so that the
error amplifier uses SS as the reference; when
SS exceeds REF, the error amplifier resumes
using REF as its reference. The SS time is
internally set to 1ms.
Over-Current-Protection and Hiccup
The MP1469 has a cycle-by-cycle over-current
limit for when the inductor current peak value
exceeds the set current-limit threshold. First,
when the output voltage drops until FB falls
below
the
Under-Voltage
(UV)
threshold
(typically 200mV) to trigger a UV event, the
MP1469 enters hiccup mode to periodicall
restart the part. This protection mode is
especially useful when the output is dead-
shorted to ground. This greatly reduces the
average short-circuit current to alleviate thermal
issues and to protect the regulator. The
MP1469 exits hiccup mode once the over-
current condition is removed.


Similar Part No. - MP1469

ManufacturerPart #DatasheetDescription
logo
SELEC Controls Pvt. Ltd
MP14 SELEC-MP14 Datasheet
306Kb / 1P
   Digital Power Factor Meter
MP14-110V SELEC-MP14-110V Datasheet
306Kb / 1P
   Digital Power Factor Meter
MP14-110V-CU SELEC-MP14-110V-CU Datasheet
306Kb / 1P
   Digital Power Factor Meter
MP14-CU SELEC-MP14-CU Datasheet
306Kb / 1P
   Digital Power Factor Meter
logo
Monolithic Power System...
MP1400 MPS-MP1400 Datasheet
527Kb / 15P
   7V Input, 0.6A Peak, 1.5MHz Negative DCDC Power Converter In 8-ball CSP Package
More results

Similar Description - MP1469

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1470 MPS-MP1470 Datasheet
459Kb / 16P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
MP1471A MPS-MP1471A Datasheet
1Mb / 17P
   High-Efficiency, 3A 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
MP1471 MPS-MP1471 Datasheet
491Kb / 17P
   High-Efficiency, 3A Peak, 16V, 500kHz Synchronous, Step-Down Converter In a 6-Pin TSOT 23
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1497S MPS-MP1497S Datasheet
500Kb / 15P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
   High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1494S MPS-MP1494S Datasheet
1Mb / 17P
   High Efficiency 2A, 16V, 500kHz Synchronous Step-Down Converter
MP1475 MPS-MP1475 Datasheet
756Kb / 16P
   High-Efficiency, 3A, 16V, 500kHz Synchronous, Step-Down Converter
MP1474S MPS-MP1474S Datasheet
621Kb / 19P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1495S MPS-MP1495S Datasheet
929Kb / 17P
   High Efficiency 3A, 16V, 500kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com