Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HR1000A Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # HR1000A
Description  Resonant Half-Bridge Controller
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HR1000A Datasheet(HTML) 3 Page - Monolithic Power Systems

  HR1000A Datasheet HTML 1Page - Monolithic Power Systems HR1000A Datasheet HTML 2Page - Monolithic Power Systems HR1000A Datasheet HTML 3Page - Monolithic Power Systems HR1000A Datasheet HTML 4Page - Monolithic Power Systems HR1000A Datasheet HTML 5Page - Monolithic Power Systems HR1000A Datasheet HTML 6Page - Monolithic Power Systems HR1000A Datasheet HTML 7Page - Monolithic Power Systems HR1000A Datasheet HTML 8Page - Monolithic Power Systems HR1000A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
HR1000A – RESONANT HALF-BRIDGE CONTROLLER
HR1000A Rev. 1.01
www.MonolithicPower.com
3
8/30/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
HR1000AGS
SOIC16
HR1000A
* For Tape & Reel, add suffix –Z (e.g. HR1000AGS–Z).
PACKAGE REFERENCE
SS
TIMER
CT
Fset
BST
HG
SW
N.C.
1
2
3
4
16
15
14
13
VCC
LG
GND
PFC
12
11
10
9
Burst
CS
BO
LATCH
5
6
7
8
TOP VIEW
ABSOLUTE MAXIMUM RATINGS (1)
Symbol
Pin
Parameter
Value
Unit
VBST
16
Floating supply voltage
-1 to 618
V
VSW
14
Floating ground voltage
-3 to VBST-18
V
dVSW/dt
14
Floating ground max. slew rate
50
V/ns
VCC
12
IC supply voltage (ICC<25mA)
Self-limited
V
VPFC
9
Maximum voltage (pin open)
-0.3 to VCC
V
IPFC
9
Maximum sink current (pin low)
Self-limited
A
IFset
4
Maximum source current
2
mA
LG
11
Maximum voltage
-0.3 to 16
V
1 to 8
Analog inputs and outputs
-0.3 to 6
V
PIC
Continuous power dissipation (TA = +25°C)
(2)
1.56
W
TJ
Junction Temperature
150
°C
TLead
Lead Temperature (Solder)
260
°C
TStorage
Storage Temperature
-55 to +150
°C
Recommended Operating Conditions
(3)
Supply Voltage VCC ......................13V to 15.5V
Analog inputs and outputs .............-0.3V to 6.5V
Operating Junction Temp (TJ). -40°C to + 125°C
Thermal Resistance
(4)
θJA
θJC
SOIC16 ...................................80 ...... 35... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any
ambient
temperature
is
calculated
by
D(MAX)=(TJ(MAX)- TA)/ θJA. Exceeding the maximum
allowable power dissipation will cause excessive die
temperature, and the regulator will go into thermal shutdown.
Internal thermal shutdown circuitry protects the device from
permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.


Similar Part No. - HR1000A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
HR1000 MPS-HR1000 Datasheet
1,016Kb / 23P
   Resonant Half-Bridge Controller
HR1000HS MPS-HR1000HS Datasheet
1,016Kb / 23P
   Resonant Half-Bridge Controller
More results

Similar Description - HR1000A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
HR1000 MPS-HR1000 Datasheet
1,016Kb / 23P
   Resonant Half-Bridge Controller
logo
Infineon Technologies A...
ICE1HS01G INFINEON-ICE1HS01G Datasheet
844Kb / 18P
   Half-Bridge Resonant Controller
Version 2.0, 24 August 2009
ICE1HS01G-1 INFINEON-ICE1HS01G-1 Datasheet
1Mb / 19P
   Half-Bridge Resonant Controller
Version 2.0, 04 July 2011
logo
Fairchild Semiconductor
FAN7621S FAIRCHILD-FAN7621S Datasheet
803Kb / 13P
   PFM Controller for Half-Bridge Resonant Converters
FAN7621B FAIRCHILD-FAN7621B Datasheet
1,021Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
logo
ON Semiconductor
FAN7621 ONSEMI-FAN7621 Datasheet
713Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.3
logo
Fairchild Semiconductor
FAN7621 FAIRCHILD-FAN7621 Datasheet
1Mb / 17P
   PFM Controller for Half-Bridge Resonant Converters
FAN7621 FAIRCHILD-FAN7621_10 Datasheet
636Kb / 17P
   PFM Controller for Half-Bridge Resonant Converters
logo
ON Semiconductor
FAN7621B ONSEMI-FAN7621B Datasheet
813Kb / 18P
   PFM Controller for Half-Bridge Resonant Converters
Rev. 1.0.1
FAN7621S ONSEMI-FAN7621S Datasheet
597Kb / 14P
   PFM Controller for Half-Bridge Resonant Converters
July 2010 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com