Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HC4067M96G4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # CD74HC4067M96G4
Description  High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HC4067M96G4 Datasheet(HTML) 5 Page - Texas Instruments

  CD74HC4067M96G4 Datasheet HTML 1Page - Texas Instruments CD74HC4067M96G4 Datasheet HTML 2Page - Texas Instruments CD74HC4067M96G4 Datasheet HTML 3Page - Texas Instruments CD74HC4067M96G4 Datasheet HTML 4Page - Texas Instruments CD74HC4067M96G4 Datasheet HTML 5Page - Texas Instruments CD74HC4067M96G4 Datasheet HTML 6Page - Texas Instruments CD74HC4067M96G4 Datasheet HTML 7Page - Texas Instruments CD74HC4067M96G4 Datasheet HTML 8Page - Texas Instruments CD74HC4067M96G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Switch Turn On
E to Out
tPZH, tPZL
CL = 50pF
2
-
-
275
-
345
-
415
ns
4.5
-
-
55
-
69
-
83
ns
6
-
-
47
-
59
-
71
ns
CL = 15pF
5
-
23
-
----
ns
Switch Turn On
Sn to Out
tPZH, tPZL
CL = 50pF
2
-
-
300
-
375
-
450
ns
4.5
-
-
60
-
75
-
90
ns
6
-
-
51
-
64
-
76
ns
CL = 15pF
5
-
25
-
----
ns
Switch Turn Off
E to Out
tPHZ, tPLZ
CL = 50pF
2
-
-
275
-
345
-
415
ns
4.5
-
-
55
-
69
-
83
ns
6
-
-
47
-
59
-
71
ns
CL = 15pF
5
-
23
-
----
ns
Switch Turn Off
Sn to Out
tPHZ, tPLZ
CL = 50pF
2
-
-
290
-
365
-
435
ns
4.5
-
-
58
-
73
-
87
ns
6
-
-
49
-
62
-
74
ns
CL = 50pF
5
-
21
-
----
ns
Input (Control) Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 5, 6)
CPD
-
5
-
93
-
----
pF
HCT TYPES
Propagation Delay Time
Switch In to Out
tPLH, tPHL
CL = 50pF
4.5
-
-
15
-
19
-
22
ns
CL = 15pF
5
-
6
-
----
ns
Switch Turn On
E to Out
tPZH, tPZL
CL = 50pF
4.5
-
-
60
-
75
-
90
ns
CL = 15pF
5
-
25
-
----
ns
Switch Turn On
Sn to Out
tPZH, tPZL
CL = 50pF
4.5
-
-
60
-
75
-
90
ns
CL = 15pF
5
-
25
-
----
ns
Switch Turn Off
E to Out
tPHZ, tPLZ
CL = 50pF
4.5
-
-
55
-
69
-
83
ns
CL = 15pF
5
-
23
-
----
ns
Switch Turn Off
Sn to Out
tPHZ, tPLZ
CL = 50pF
4.5
-
-
58
-
73
-
87
ns
CL = 15pF
5
-
21
-
----
ns
Input (Control) Capacitance
CI
-
-
-
-
10
-
10
-
10
pF
Power Dissipation Capacitance
(Notes 5, 6)
CPD
-
5
-
96
-
----
pF
NOTES:
5. CPD is used to determine the dynamic power consumption, per package.
6. PD =CPD VCC
2 f
i + Σ (CL +CS)VCC
2 f
o where fi = input frequency, fo = output frequency, CL = output load capacitance, CS = switch
capacitance, VCC = supply voltage.
Switching Specifications Input tr, tf = 6ns (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD74HC4067, CD74HCT4067


Similar Part No. - CD74HC4067M96G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4067M96G4 TI-CD74HC4067M96G4 Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
More results

Similar Description - CD74HC4067M96G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4067 TI-CD74HC4067 Datasheet
45Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067SM TI-CD74HC4067SM Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067 TI-CD74HC4067_13 Datasheet
780Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HCT4067-Q1 TI1-CD74HCT4067-Q1 Datasheet
745Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC 16-CHANNEL ANALOG MULTIPLEXER and DEMULTIPLEXER
CD74HCT4051-Q1 TI-CD74HCT4051-Q1 Datasheet
236Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HC4067 PHILIPS-74HC4067 Datasheet
129Kb / 15P
   16-channel analog multiplexer/demultiplexer
September 1993
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
   16-channel analog multiplexer/demultiplexer
1998 Jun 23
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com