Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65642AYFFR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65642AYFFR
Description  LCD Bias With Integrated Gamma Reference for Notebook PCs, Tablet PCs and Monitors
Download  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65642AYFFR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65642AYFFR Datasheet HTML 3Page - Texas Instruments TPS65642AYFFR Datasheet HTML 4Page - Texas Instruments TPS65642AYFFR Datasheet HTML 5Page - Texas Instruments TPS65642AYFFR Datasheet HTML 6Page - Texas Instruments TPS65642AYFFR Datasheet HTML 7Page - Texas Instruments TPS65642AYFFR Datasheet HTML 8Page - Texas Instruments TPS65642AYFFR Datasheet HTML 9Page - Texas Instruments TPS65642AYFFR Datasheet HTML 10Page - Texas Instruments TPS65642AYFFR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 77 page
background image
TPS65642A
www.ti.com
SLVSC21 – OCTOBER 2013
ELECTRICAL CHARACTERISTICS (continued)
VIN= 3.3 V, VCORE= 1.1 V, VIO1= 1.7 V, VIO2= 1.8 V
(1), AV
DD= 8.4 V, VGH= 24 V, TA= −40°C to 85°C. Typical values are at 25°C
(unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Standard mode
4
tHIGH
Clock high period
µs
Fast mode
0.6
Standard mode
4.7
Bus free time between a STOP and a
tBUF
µs
START condition
Fast mode
1.3
Standard mode
4
Hold time for a repeated START
thd:STA
µs
condition
Fast mode
0.6
Standard mode
4
Set-up time for a repeated START
tsu:STA
µs
condition
Fast mode
0.6
Standard mode
250
tsu:DAT
Data set-up time
ns
Fast mode
100
Standard mode
0.05
3.45
thd:DAT
Data hold time
µs
Fast mode
0.05
0.9
20 +
Standard mode
1000
Rise time of SCL after a repeated
0.1CB
tRCL1
START condition and after an ACK
ns
20 +
bit
Fast mode
1000
0.1CB
20 +
Standard mode
1000
0.1CB
tRCL
Rise time of SCL
ns
20 +
Fast mode
300
0.1CB
20 +
Standard mode
300
0.1CB
tFCL
Fall time of SCL
ns
20 +
Fast mode
300
0.1CB
20 +
Standard mode
1000
0.1CB
tRDA
Rise time of SDA
ns
20 +
Fast mode
300
0.1CB
20 +
Standard mode
300
0.1CB
tFDA
Fall time of SDA
ns
20 +
Fast mode
300
0.1CB
Standard mode
4
tsu:STO
Set-up time for STOP condition
µs
Fast mode
0.6
Standard mode
400
CB
Capacitive load on SDA and SCL
pF
Fast mode
400
EEPROM
NWRITE
Number of write cycles
1000
tWRITE
Write time
100
ms
Data retention
Storage temperature = 150°C
100
1000 hrs
THERMAL SHUTDOWN
TSD
(4)
Thermal shutdown threshold
120
150
180
°C
(4)
Once triggered, thermal shutdown will remain in the shutdown state until the device is powered down.
Copyright © 2013, Texas Instruments Incorporated
Terminal Description
7
Submit Documentation Feedback
Product Folder Links: TPS65642A


Similar Part No. - TPS65642AYFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65642 TI-TPS65642 Datasheet
3Mb / 70P
[Old version datasheet]   LCD Bias with Integrated Gamma Reference for Notebook PCs, Tablet PCs and Monitors
TPS65642YFFR TI-TPS65642YFFR Datasheet
3Mb / 70P
[Old version datasheet]   LCD Bias with Integrated Gamma Reference for Notebook PCs, Tablet PCs and Monitors
TPS65642YFFT TI-TPS65642YFFT Datasheet
3Mb / 70P
[Old version datasheet]   LCD Bias with Integrated Gamma Reference for Notebook PCs, Tablet PCs and Monitors
More results

Similar Description - TPS65642AYFFR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65642 TI-TPS65642 Datasheet
3Mb / 70P
[Old version datasheet]   LCD Bias with Integrated Gamma Reference for Notebook PCs, Tablet PCs and Monitors
logo
Nuvoton Technology Corp...
NAU8325 NUVOTON-NAU8325 Datasheet
1Mb / 57P
   Notebooks / Tablet PCs
logo
Toshiba Semiconductor
TPCA8081 TOSHIBA-TPCA8081 Datasheet
238Kb / 9P
   Notebook PCs Mobile Handsets
TPCA8082 TOSHIBA-TPCA8082 Datasheet
234Kb / 9P
   Notebook PCs Mobile Handsets
TPC8087 TOSHIBA-TPC8087 Datasheet
226Kb / 9P
   Notebook PCs Mobile Handsets
logo
Renesas Technology Corp
IDTP9165 RENESAS-IDTP9165 Datasheet
3Mb / 92P
   Programmable Multi Channel PMIC for Tablet PCs
January 27, 2014
logo
Toshiba Semiconductor
TPCA8078 TOSHIBA-TPCA8078 Datasheet
231Kb / 9P
   Notebook PCs Mobile Equipments
TPCF8305 TOSHIBA-TPCF8305 Datasheet
244Kb / 9P
   Notebook PCs Mobile Handsets
logo
API Technologies Corp
CMD319 APITECH-CMD319 Datasheet
119Kb / 1P
   PCS Duplexer With Bias Tee
logo
Silicon Mitus, Inc.
SM4851 SILICONMITUS-SM4851 Datasheet
211Kb / 1P
   Single-Inductor and Dual Output for Notebook and Tablet LCD Panel Bias Power Supply
December 2017 Rev. 0.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com