Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD74HCT4067M96 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74HCT4067M96
Description  High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT4067M96 Datasheet(HTML) 1 Page - Texas Instruments

  CD74HCT4067M96 Datasheet HTML 1Page - Texas Instruments CD74HCT4067M96 Datasheet HTML 2Page - Texas Instruments CD74HCT4067M96 Datasheet HTML 3Page - Texas Instruments CD74HCT4067M96 Datasheet HTML 4Page - Texas Instruments CD74HCT4067M96 Datasheet HTML 5Page - Texas Instruments CD74HCT4067M96 Datasheet HTML 6Page - Texas Instruments CD74HCT4067M96 Datasheet HTML 7Page - Texas Instruments CD74HCT4067M96 Datasheet HTML 8Page - Texas Instruments CD74HCT4067M96 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS209C
Features
• Wide Analog Input Voltage Range
• Low “ON” Resistance
-VCC = 4.5V. . . . . . . . . . . . . . . . . . . . . . . . . . . 70Ω (Typ)
-VCC = 6V . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60Ω (Typ)
• Fast Switching and Propagation Speeds
• “Break-Before-Make” Switching. . . . . 6ns (Typ) at 4.5V
• Available in Both Narrow and Wide-Body Plastic
Packages
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Description
The CD74HC4067 and CD74HCT4067 devices are digitally
controlled analog switches that utilize silicon-gate CMOS
technology to achieve operating speeds similar to LSTTL,
with the low power consumption of standard CMOS
integrated circuits.
These analog multiplexers/demultiplexers control analog
voltages that may vary across the voltage supply range.
They are bidirectional switches thus allowing any analog
input to be used as an output and vice-versa. The switches
have low “on” resistance and low “off” leakages. In addition,
these devices have an enable control which when high will
disable all switches to their “off” state.
Pinout
CD74HC4067 (PDIP, SOIC, SSOP)
CD74HCT4067 (SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD74HC4067E
-55 to 125
24 Ld PDIP
CD74HC4067M
-55 to 125
24 Ld SOIC
CD74HC4067M96
-55 to 125
24 Ld SOIC
CD74HC4067SM96
-55 to 125
24 Ld SSOP
CD74HCT4067M
-55 to 125
24 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel.
1
2
3
4
5
6
7
8
9
10
11
12
COMMON
I7
I6
I5
I4
I3
I2
I1
I0
S0
S1
GND
16
17
18
19
20
21
22
23
24
15
14
13
VCC
I9
I10
I11
I12
I14
E
S2
S3
I8
I13
I15
INPUT/OUTPUT
February 1998 - Revised July 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD74HC4067,
CD74HCT4067
High-Speed CMOS Logic
16-Channel Analog Multiplexer/Demultiplexer
[ /Title
(CD74
HC406
7,
CD74
HCT40
67)
/Sub-
ject
(High-
Speed
CMOS


Similar Part No. - CD74HCT4067M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HCT4067M TI-CD74HCT4067M Datasheet
780Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HCT4067M TI-CD74HCT4067M Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HCT4067ME4 TI-CD74HCT4067ME4 Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HCT4067MG4 TI-CD74HCT4067MG4 Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
More results

Similar Description - CD74HCT4067M96

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC4067 TI-CD74HC4067 Datasheet
45Kb / 9P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067SM TI-CD74HC4067SM Datasheet
724Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HC4067 TI-CD74HC4067_13 Datasheet
780Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic 16-Channel Analog Multiplexer/Demultiplexer
CD74HCT4067-Q1 TI1-CD74HCT4067-Q1 Datasheet
745Kb / 14P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC 16-CHANNEL ANALOG MULTIPLEXER and DEMULTIPLEXER
CD74HCT4051-Q1 TI-CD74HCT4051-Q1 Datasheet
236Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HC4067 PHILIPS-74HC4067 Datasheet
129Kb / 15P
   16-channel analog multiplexer/demultiplexer
September 1993
HEF4067BT652 PHILIPS-HEF4067BT652 Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
74LV4067 PHILIPS-74LV4067 Datasheet
190Kb / 20P
   16-channel analog multiplexer/demultiplexer
1998 Jun 23
HEF4067B NXP-HEF4067B Datasheet
147Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 6-16 November 2011
HEF4067B PHILIPS-HEF4067B_15 Datasheet
205Kb / 19P
   16-channel analog multiplexer/demultiplexer
Rev. 7-11 September 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com