Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7398BRU-REEL7 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7398BRU-REEL7
Description  Quad, Serial-Input 12-Bit/10-Bit DACs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7398BRU-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7398BRU-REEL7 Datasheet HTML 5Page - Analog Devices AD7398BRU-REEL7 Datasheet HTML 6Page - Analog Devices AD7398BRU-REEL7 Datasheet HTML 7Page - Analog Devices AD7398BRU-REEL7 Datasheet HTML 8Page - Analog Devices AD7398BRU-REEL7 Datasheet HTML 9Page - Analog Devices AD7398BRU-REEL7 Datasheet HTML 10Page - Analog Devices AD7398BRU-REEL7 Datasheet HTML 11Page - Analog Devices AD7398BRU-REEL7 Datasheet HTML 12Page - Analog Devices AD7398BRU-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD7398/AD7399
Rev. C | Page 9 of 24
TERMINOLOGY
Relative Accuracy (INL)
For the DAC, relative accuracy or integral nonlinearity (INL) is
a measure of the maximum deviation, in LSBs, from a straight
line passing through the endpoints of the DAC transfer function.
Figure 6 illustrates a typical INL vs. code plot.
Differential Nonlinearity (DNL)
Differential nonlinearity is the difference between the measured
change and the ideal 1 LSB change between any two adjacent
codes. A specified differential nonlinearity of ±1 LSB maximum
ensures monotonicity. Figure 8 illustrates a typical DNL vs.
code plot.
Zero-Scale Error (VZSE)
Zero-scale error is a measure of the output voltage error from
zero voltage when zero code is loaded to the DAC register.
Full-Scale Error (VFSE)
Full-scale error is a measure of the output voltage error from
full-scale voltage when full-scale code is loaded to the DAC
register.
Full-Scale Temperature Coefficient (TCVFS)
This is a measure of the change in full-scale error with a change
in temperature. It is expressed in ppm/°C or mV/°C.
DAC Glitch Impulse (Q)
Digital-to-analog glitch impulse is the impulse injected into the
analog output when the input code in the DAC register changes
state. It is normally specified as the area of the glitch in nV −sand
is measured when the digital input code is changed by 1 LSB at the
major carry transition (midscale transition). A plot of the glitch
impulse is shown in Figure 15.
Digital Feedthrough (QDF)
Digital feedthrough is a measure of the impulse injected into
the analog output of the DAC from the digital inputs of the
DAC, but is measured when the DAC output is not updated. CS
Power Supply Sensitivity (PSS)
is held high while the CLK and SDI signals are toggled. It is
specified in nV − s, and is measured with a full-scale code change
on the data bus, such as from all 0s to all 1s and vice versa. A
typical plot of digital feedthrough is shown in Figure 16.
This specification indicates how the output of the DAC is
affected by changes in the power supply voltage. Power supply
sensitivity is quoted in terms of % change in output per % change
in VDD for full-scale output of the DAC. VDD is varied by ±10%.
Reference Feedthrough (VOUT/VREF)
This is a measure of the feedthrough from the VREF input to the
DAC output when the DAC is loaded with all 0s. A 100 kHz,
1 V p-p is applied to VREF. Reference feedthrough is expressed in
dB or mV p-p.


Similar Part No. - AD7398BRU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7398BRU-REEL7 AD-AD7398BRU-REEL7 Datasheet
273Kb / 16P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. 0
More results

Similar Description - AD7398BRU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7398 AD-AD7398_15 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7399 AD-AD7399_15 Datasheet
416Kb / 24P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. C
AD7398 AD-AD7398 Datasheet
273Kb / 16P
   Quad, Serial-Input 12-Bit/10-Bit DACs
REV. 0
AD7391 AD-AD7391 Datasheet
342Kb / 12P
   3 Volt Serial-Input Micropower 10-Bit & 12-Bit DACs
REV. 0
AD7391ANZ AD-AD7391ANZ Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7391 AD-AD7391_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7390 AD-AD7390_15 Datasheet
203Kb / 12P
   3 V Serial-Input Micropower 10-Bit and 12-Bit DACs
REV. A
AD7394 AD-AD7394 Datasheet
304Kb / 12P
   3 V, Dual, Serial Input 12-/10-Bit DACs
REV. 0
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com