Electronic Components Datasheet Search |
|
CC3-1212DR-E Datasheet(PDF) 11 Page - TDK Electronics |
|
CC3-1212DR-E Datasheet(HTML) 11 Page - TDK Electronics |
11 / 25 page ・All specifications are subject to change without notice. CC6-E Specifications MODEL ITEMS/UNITS CC6-0503Sx-E CC6-0505Sx-E CC6-0512Sx-E CC6-0512Dx-E Input Nominal Voltage V DC5.0 Voltage Range V DC4.5-9.0 Efficiency (typ) (*1) % 76 79 82 Current (typ) (*1) A 1.042 1.266 1.463 Output Nominal Voltage VDC 3.3 5 12 15 ± 12 ± 15 Maximum Current A 1.200 1.000 0.500 0.400 0.250 0.200 Maximum Power (*2) W 3.96 5 6 Maximum Line Regulation(Within input voltage range) mV 20 40 80 Maximum Load Regulation (0-100% load) (*3) mV 40 100 600 Temperature Coefficient (Ambient temperature -40℃ to +50℃ ) 80mV 200mV 300mV Max Power Total Regulation (max)(*4) % ± 3 ± 5 Maximum Ripple & Noise (typ/max) (*5) mVp-p 40/120 30/120 Voltage Adjustable Range VDC 3.15-3.6 4.75-6.0 11.4-15.0 ± 11.4- ± 15.0 Function Over Current Protection (*6) Available Over Voltage Protection Not available Remote ON/OFF Control Available Environment Operating Temperature ℃ -40 to +85 Storage Temperature ℃ -40 to +85 Operating Humidity % RH 5-95 (the conditions of maximum 38℃ in wet bulb temperature and non-condensation should be ensured.) Storage Humidity % RH 5-95 (the conditions of maximum 38℃ in wet bulb temperature and non-condensation should be ensured.) Vibration 10-55Hz, 15 minutes sweep and 1.52mm total amplitude, 3 directions, 2h for each Shock 980m/s² (100G), 6ms, 6 directions, 3 times for each, in non-operation Isolation Withstand Voltage Between input terminal and case, between input terminal and output terminal, and between output terminal and case: 500VAC (for 1 minute) Isolation Resistance Between input terminal and case, between input terminal and output terminal, and between output terminal and case: 500VDC, 50MΩ min Standards Safety Standards UL60950-1, CSA C22.2 No.60950-1 (C-UL), EN60950-1 (NEMKO) Mechanical Weight (typ) g 5.8 Size (W x H x D) mm DIP: 22.86 x 8.5 x 21.1 / SMD: 22.86 x 8.8 x 21.1 Note: "x" in model names is to be replaced by a symbol which represents the terminal configuration (F: DIP/R: SMD) for actual model names. Note: With nominal input/output voltage, maximum output current, and Ta=25° C, if not specified separately. Note: For 12V/ ± 12V models, output power can be set to 15V/ ± 15V by connecting the output adjustment terminal TRM to -Vout. Note: For ± 12V model, output voltage can be set to 24V or 30V single output by making the COM terminal open. (*1) With nominal input voltage, maximum output current, and Ta=25° C. (*2) The maximum output power value is between -40° C and +50° C. For use in outside this temperature range, derating is needed. (*3) In balanced load for dual outputs ( "balanced load" means a condition where the +output and -output of load current are equal). (*4) Output voltage includes input change, load change (balanced load), and temperature change. (*5) In 50MHz, Ta=25° C. (*6) Output current restriction method. Automatically resumes when the causes are removed. Never operate the unit under output-shorted or overload conditions for over 30 seconds. MODEL ITEMS/UNITS CC6-1203Sx-E CC6-1205Sx-E CC6-1212Sx-E CC6-1212Dx-E Input Nominal Voltage V DC12 Voltage Range V DC9.0-18 Efficiency (typ) (*1) % 78 82 85 Current (typ) (*1) A 0.423 0.610 0.588 Output Nominal Voltage VDC 3.3 5 12 15 ± 12 ± 15 Maximum Current A 1.200 0.500 0.400 0.250 0.200 Maximum Power (*2) W 3.96 6 Maximum Line Regulation(Within input voltage range) mV 20 40 80 Maximum Load Regulation (0-100% load) (*3) mV 40 100 600 Temperature Coefficient (Ambient temperature -40℃ to +50℃ ) 80mV 200mV 300mV Max Power Total Regulation (max)(*4) % ± 3 ± 5 Maximum Ripple & Noise (typ/max) (*5) mVp-p 40/120 30/120 Voltage Adjustable Range VDC 3.15-3.6 4.75-6.0 11.4-15.0 ± 11.4- ± 15.0 Function Over Current Protection (*6) Available Over Voltage Protection Not available Remote ON/OFF Control Available Environment Operating Temperature ℃ -40 to +85 Storage Temperature ℃ -40 to +85 Operating Humidity % RH 5-95 (the conditions of maximum 38° C in wet bulb temperature and non-condensation should be ensured.) Storage Humidity % RH 5-95 (the conditions of maximum 38° C in wet bulb temperature and non-condensation should be ensured.) Vibration 10-55Hz, 15 minutes sweep and 1.52mm total amplitude, 3 directions, 2h for each Shock 980m/s² (100G), 6ms, 6 directions, 3 times for each, in non-operation Isolation Withstand Voltage Between input terminal and case, between input terminal and output terminal, and between output terminal and case: 500VAC (for 1 minute) Isolation Resistance Between input terminal and case, between input terminal and output terminal, and between output terminal and case: 500VDC, 50MΩ min Standards Safety Standards UL60950-1, CSA C22.2 No.60950-1 (C-UL), EN60950-1 (NEMKO) Mechanical Weight (typ) g 5.8 Size (W x H x D) mm DIP: 22.86 x 8.5 x 21.1 / SMD: 22.86 x 8.8 x 21.1 Note: "x" in model names is to be replaced by a symbol which represents the terminal configuration (F: DIP/R: SMD) for actual model names. Note: With nominal input/output voltage, maximum output current, and Ta=25° C, if not specified separately. Note: For 12V/ ± 12V models, output power can be set to 15V/ ± 15V by connecting the output adjustment terminal TRM to -Vout. Note: For ± 12V model, output voltage can be set to 24V or 30V single output by making the COM terminal open. (*1) With nominal input voltage, maximum output current, and Ta=25° C. (*2) The maximum output power value is between -40° C and +50° C. For use in outside this temperature range, derating is needed. (*3) In balanced load for dual outputs ( "balanced load" means a condition where the +output and -output of load current are equal). (*4) Output voltage includes input change, load change (balanced load), and temperature change. (*5) In 50MHz, Ta=25° C. (*6) Output current restriction method. Automatically resumes when the causes are removed. Never operate the unit under output-shorted or overload conditions for over 30 seconds. CC6-E |
Similar Part No. - CC3-1212DR-E |
|
Similar Description - CC3-1212DR-E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |