Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65287RHAT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65287RHAT
Description  4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65287RHAT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS65287RHAT Datasheet HTML 7Page - Texas Instruments TPS65287RHAT Datasheet HTML 8Page - Texas Instruments TPS65287RHAT Datasheet HTML 9Page - Texas Instruments TPS65287RHAT Datasheet HTML 10Page - Texas Instruments TPS65287RHAT Datasheet HTML 11Page - Texas Instruments TPS65287RHAT Datasheet HTML 12Page - Texas Instruments TPS65287RHAT Datasheet HTML 13Page - Texas Instruments TPS65287RHAT Datasheet HTML 14Page - Texas Instruments TPS65287RHAT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
TPS65287
www.ti.com
SLVSBX2 – MAY 2013
TYPICAL CHARACTERISTICS
TA = 25°C, VIN = 12 V, Buck1 = 1.2 V, Buck2 = 1.8 V, Buck3 = 3.3 V, L = 4.7 µH, fSW = 500 kHz (unless otherwise noted)
Figure 4. Buck1 1.2V Efficiency, Forced PWM and PSM
Figure 5. Buck1 1.2V Efficiency, Forced PWM
Figure 6. Buck2 1.8V Efficiency, Forced PWN and PSM
Figure 7. Buck2 1.8V Efficiency, Forced PWM
Figure 8. Buck3 3.3 Efficiency, Forced PWM and PSM
Figure 9. Buck3 3.3V Efficiency, Forced PWM
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TPS65287


Similar Part No. - TPS65287RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65287 TI-TPS65287 Datasheet
1Mb / 75P
[Old version datasheet]   TPS65400-Q1 4.5- to 18-V Input Flexible Power Management Unit With PMBus/I2C Interface
TPS65287 TI1-TPS65287 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 18V Input Voltage, 3A/2A/2A Output Current Triple Synchronous Step-Down Converter
More results

Similar Description - TPS65287RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65288 TI1-TPS65288 Datasheet
2Mb / 35P
[Old version datasheet]   4.5-V to 18-V Input, High Current, Synchronous Step Down Three DC-DC Converter with Integrated FET
TPS652510 TI-TPS652510_15 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS652510 TI1-TPS652510 Datasheet
1Mb / 29P
[Old version datasheet]   4.5-V TO 16-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE DC-DC CONVERTERS WITH INTEGRATED FET
TPS566235 TI1-TPS566235 Datasheet
1Mb / 27P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS566235 TI1-TPS566235_19 Datasheet
1Mb / 28P
[Old version datasheet]   4.5-V to 18-V input, 6-A synchronous step-down converter
TPS54361 TI1-TPS54361_16 Datasheet
2Mb / 51P
[Old version datasheet]   4.5-V to 60-V Input, 3.5-A, Step-Down DC-DC Converter
TPS54561 TI1-TPS54561_16 Datasheet
2Mb / 53P
[Old version datasheet]   4.5-V to 60-V Input, 5-A, Step-Down DC-DC Converter
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
TPS54335A TI1-TPS54335A Datasheet
1Mb / 53P
[Old version datasheet]   TPS5433xA 4.5-V to 28-V Input, 3-A Output, Synchronous Step-Down DC-DC Converter
TPS65251 TI1-TPS65251 Datasheet
1Mb / 31P
[Old version datasheet]   4.5-V TO 18-V INPUT, HIGH CURRENT, SYNCHRONOUS STEP DOWN THREE BUCK SWITCHER WITH INTEGRATED FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com