Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSPW310DS Datasheet(PDF) 5 Page - Marl International Limited

Part # NSPW310DS
Description  WHITE LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

NSPW310DS Datasheet(HTML) 5 Page - Marl International Limited

  NSPW310DS Datasheet HTML 1Page - Marl International Limited NSPW310DS Datasheet HTML 2Page - Marl International Limited NSPW310DS Datasheet HTML 3Page - Marl International Limited NSPW310DS Datasheet HTML 4Page - Marl International Limited NSPW310DS Datasheet HTML 5Page - Marl International Limited NSPW310DS Datasheet HTML 6Page - Marl International Limited NSPW310DS Datasheet HTML 7Page - Marl International Limited NSPW310DS Datasheet HTML 8Page - Marl International Limited NSPW310DS Datasheet HTML 9Page - Marl International Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
-4-
7.CAUTIONS
The LEDs are devices which are materialized by combining Blue LEDs and special phosphors.
Consequently, the color of the LEDs is changed a little by an operating current.
Care should be taken after due consideration when using LEDs.
(1) Lead Forming
· When forming leads, the leads should be bent at a point at least 3mm from the base of the epoxy bulb.
Do not use the base of the leadframe as a fulcrum during lead forming.
· Lead forming should be done before soldering.
· Do not apply any bending stress to the base of the lead. The stress to the base may damage the LED’s
characteristics or it may break the LEDs.
· When mounting the LEDs onto a printed circuit board, the holes on the circuit board should be
exactly aligned with the leads of the LEDs. If the LEDs are mounted with stress at the leads,
it causes deterioration of the epoxy resin and this will degrade the LEDs.
(2) Storage
· The LEDs should be stored at 30°C or less and 70%RH or less after being shipped from Nichia and
the storage life limits are 3 months.
If the LEDs are stored for 3 months or more, they can be
stored for a year in a sealed container with a nitrogen atmosphere and moisture absorbent material.
· Nichia LED leadframes are silver plated copper alloy. The silver surface may be affected by
environments which contain corrosive substances. Please avoid conditions which may cause the LED
to corrode, tarnish or discolor. This corrosion or discoloration may cause difficulty during soldering
operations. It is recommended that the LEDs be used as soon as possible.
· Please avoid rapid transitions in ambient temperature, especially, in high humidity environments where
condensation can occur.
(3) Recommended circuit
· In designing a circuit, the current through each LED must not exceed the absolute maximum rating
specified for each LED. It is recommended to use Circuit B which regulates the current flowing
through each LED. In the meanwhile, when driving LEDs with a constant voltage in Circuit A, the
current through the LEDs may vary due to the variation in forward voltage (VF) of the LEDs. In the
worst case, some LED may be subjected to stresses in excess of the absolute maximum rating.
· This product should be operated in forward bias. A driving circuit must be designed so that the product
is not subjected to either forward or reverse voltage while it is off. In particular, if a reverse voltage is
continuously applied to the product, such operation can cause migration resulting in LED damage.
(A)
(B)
Nichia STS-DA1-0353
<Cat.No.081104>


Similar Part No. - NSPW310DS

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPW310DS NICHIA-NSPW310DS Datasheet
205Kb / 15P
   WHITE LED
NSPW310DS NICHIA-NSPW310DS_14 Datasheet
224Kb / 16P
   SPECIFICATIONS FOR WHITE LED
More results

Similar Description - NSPW310DS

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPW500DS NICHIA-NSPW500DS Datasheet
204Kb / 15P
   WHITE LED
NSPW500GS-K1 NICHIA-NSPW500GS-K1 Datasheet
185Kb / 15P
   WHITE LED
logo
Lucky Light Electronic
LL-804WC2C-W2-3SD LUCKY-LIGHT-LL-804WC2C-W2-3SD Datasheet
232Kb / 8P
   White LED
logo
Marl International Limi...
NSPW315DS MARL-NSPW315DS Datasheet
206Kb / 15P
   WHITE LED
NSPW500DS MARL-NSPW500DS Datasheet
420Kb / 15P
   WHITE LED
NSPW515DS MARL-NSPW515DS Datasheet
195Kb / 15P
   WHITE LED
logo
List of Unclassifed Man...
NFSW036T ETC-NFSW036T Datasheet
822Kb / 14P
   WHITE LED
logo
Lucky Light Electronic
LL-484WC1F-W0-1J LUCKY-LIGHT-LL-484WC1F-W0-1J_15 Datasheet
205Kb / 7P
   White LED
logo
NICHIA CORPORATION
NC2W170CT NICHIA-NC2W170CT Datasheet
296Kb / 19P
   WHITE LED
NESW146AT NICHIA-NESW146AT Datasheet
286Kb / 18P
   WHITE LED
NFSW757DT-V1M3 NICHIA-NFSW757DT-V1M3 Datasheet
272Kb / 18P
   WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com