Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS2807Y250 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADS2807Y250
Description  Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS2807Y250 Datasheet(HTML) 3 Page - Texas Instruments

  ADS2807Y250 Datasheet HTML 1Page - Texas Instruments ADS2807Y250 Datasheet HTML 2Page - Texas Instruments ADS2807Y250 Datasheet HTML 3Page - Texas Instruments ADS2807Y250 Datasheet HTML 4Page - Texas Instruments ADS2807Y250 Datasheet HTML 5Page - Texas Instruments ADS2807Y250 Datasheet HTML 6Page - Texas Instruments ADS2807Y250 Datasheet HTML 7Page - Texas Instruments ADS2807Y250 Datasheet HTML 8Page - Texas Instruments ADS2807Y250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADS2807
3
SBAS169B
www.ti.com
ELECTRICAL CHARACTERISTICS (Cont.)
At TA = full specified temperature range, VS = +5V, differential input range = 2V to 3V for each input, sampling rate = 50MHz, unless otherwise noted.
ADS2807Y
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DYNAMIC CHARACTERISTICS (Cont.)
Signal-to-(Noise + Distortion) (SINAD)(4)
f = 1MHz (–1dBFS input)
65
dBFS
f = 10MHz (–1dBFS input)
57
64
dBFS
f = 20MHz (–1dBFS input)
64
dBFS
f = 1MHz (–1dBFS input)
3Vp-p
68
dBFS
f = 10MHz (–1dBFS Input)
3Vp-p
68
dBFS
Channel-to-Channel Crosstalk
2Vp-p
85
dBFS
Output Noise
Input Grounded
0.2
LSBs rms
Aperture Delay Time
2ns
Aperture Jitter
1.2
ps rms
Overvoltage Recovery Time
2ns
DIGITAL INPUTS
Logic Family
+3V/+5V CMOS Compatible
Convert Command
Start Conversion
Rising Edge of Convert Clock
High Level Input Current(5) (VIN = 5V)
+50
µA
Low Level Input Current (VIN = 0V)
+10
µA
High Level Input Voltage
+2.4
V
Low Level Input Voltage
+1.0
V
Input Capacitance
5pF
DIGITAL OUTPUTS
Logic Family
CMOS
Logic Coding
Straight Offset Binary
Low Output Voltage (IOL = 50µA)
VDRV = 5V
+0.1
V
Low Output Voltage, (IOL = 1.6mA)
VDRV = 5V
+0.2
V
High Output Voltage, (IOH = 50µA)
VDRV = 5V
+4.9
V
High Output Voltage, (IOH = 0.5mA)
VDRV = 5V
+4.8
V
Low Output Voltage, (IOL = 50µA)
VDRV = 3V
+0.4
V
High Output Voltage, (IOH = 50µA)
VDRV = 3V
+2.4
V
3-State Enable Time
OE = L(5)
20
40
ns
3-State Disable Time
OE = H(5)
210
ns
Output Capacitance
5pF
ACCURACY (Internal Reference, 2Vp-p,
Unless Otherwise Noted)
Zero Error (Midscale)
at 25
°C
±1.0
%FS
Zero Error Drift (Midscale)
16
ppm/
°C
Gain Error(6)
at 25
°C
±1.5
%FS
Gain Error Drift(6)
66
ppm/
°C
Gain Error(7)
at 25
°C
±1.0
%FS
Gain Error Drift(7)
23
ppm/
°C
Power-Supply Rejection of Gain
∆V
S = ±5%
70
dB
REFT Tolerance
2V Full-Scale
Deviation From Ideal 3.0V
±10
±65
mV
3V Full-Scale
Deviation From Ideal 3.25V
±20
mV
REFB Tolerance
2V Full-Scale
Deviation From Ideal 2.0V
±10
±65
mV
3V Full-Scale
Deviation From Ideal 1.75V
±20
mV
External REFT Voltage Range
REFB + 0.4
3
VS – 1.70
V
External REFB Voltage Range
1.70
2
REFT – 0.4
V
Reference Input Resistance
375
POWER-SUPPLY REQUIREMENTS
Supply Voltage: +VS
Operating
+4.75
+5.0
+5.25
V
Supply Current: +IS
Operating
134
mA
Power Dissipation: VDRV = 5V
External Reference
720
mW
VDRV = 3V
External Reference
700
mW
VDRV = 5V
Internal Reference
740
mW
VDRV = 3V
Internal Reference
720
760
mW
Thermal Resistance,
θ
JA
TQFP-64
21.5
°C/W
NOTES: (1) Spurious-Free Dynamic Range refers to the magnitude of the largest harmonic. (2) dBFS means dB relative to Full-Scale. (3) 2-tone intermodulation
distortion is referred to the largest fundamental tone. This number will be 6dB higher if it is referred to the magnitude of the 2-tone fundamental envelope.
(4) Effective number of bits (ENOB) is defined by as (SINAD – 1.76) /6.02. (5) A 50k
Ω pull-down resistor is inserted internally on OE pins. (6) Includes internal
reference. (7) Excludes internal reference.


Similar Part No. - ADS2807Y250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS2807Y250 TI-ADS2807Y250 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS2807Y250G4 TI-ADS2807Y250G4 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS2807Y250

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS2807 BURR-BROWN-ADS2807 Datasheet
377Kb / 19P
   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS2807Y1K5 TI-ADS2807Y1K5 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS2806 BURR-BROWN-ADS2806 Datasheet
378Kb / 19P
   Dual, 12-Bit, 32MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com