Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62740DSSR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62740DSSR
Description  360nA IQ Step Down Converter for Low Power Applications
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62740DSSR Datasheet(HTML) 2 Page - Texas Instruments

  TPS62740DSSR Datasheet HTML 1Page - Texas Instruments TPS62740DSSR Datasheet HTML 2Page - Texas Instruments TPS62740DSSR Datasheet HTML 3Page - Texas Instruments TPS62740DSSR Datasheet HTML 4Page - Texas Instruments TPS62740DSSR Datasheet HTML 5Page - Texas Instruments TPS62740DSSR Datasheet HTML 6Page - Texas Instruments TPS62740DSSR Datasheet HTML 7Page - Texas Instruments TPS62740DSSR Datasheet HTML 8Page - Texas Instruments TPS62740DSSR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
TPS62740
SLVSB02A – NOVEMBER 2013 – REVISED NOVEMBER 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PACKAGE
TA
PART NUMBER
Output Voltage setting VSEL 1 - 4
ORDERING(1)
MARKING
TPS62740
1.8V to 3.3V in 100mV steps
TPS62740DSS
62740
–40°C to 85°C
TPS62741(2)
1.3V to 2.8V in 100mV steps
-/-
-/-
(1)
The DSS package is available in tape on reel. Add R suffix to order quantities of 3000 parts per reel, T suffix for 250 parts per reel.
(2)
Device option, contact TI for more details
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
MIN
MAX
VIN
- 0.3
6
V
SW (3)
- 0.3
VIN +0.3V
V
Pin voltage range (2)
EN, CTRL, VSEL1-4
- 0.3
VIN +0.3V
V
PG
- 0.3
VIN +0.3V
V
VOUT, LOAD
- 0.3
3.7
V
PG pin
IPG
sink current
10
mA
HBM Human body model
2
ESD rating(4)
kV
CDM Charge device model
1
Maximum operating junction temperature, TJ
- 40
150
°C
Storage temperature range, Tstg
- 65
150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal GND.
(3)
The MAX value VIN +0.3V applies for applicative operation (device switching), DC voltage applied to this pin may not exceed 4V
(4)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin.
THERMAL INFORMATION
THERMAL METRIC(1)
DSS / 12 PINS
UNITS
θJA
Junction-to-ambient thermal resistance
61.8
θJCtop
Junction-to-case (top) thermal resistance
70.9
θJB
Junction-to-board thermal resistance
25.7
°C/W
ψJT
Junction-to-top characterization parameter
1.9
ψJB
Junction-to-board characterization parameter
25.7
θJCbot
Junction-to-case (bottom) thermal resistance
7.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TPS62740


Similar Part No. - TPS62740DSSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62740DSSR TI1-TPS62740DSSR Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
More results

Similar Description - TPS62740DSSR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62740 TI1-TPS62740_16 Datasheet
2Mb / 32P
[Old version datasheet]   360nA IQ Step Down Converter For Low Power Applications
TPS82740A TI-TPS82740A_15 Datasheet
2Mb / 30P
[Old version datasheet]   TPS82740x 360nA IQ MicroSIPTM Step Down Converter Module for Low Power Applications
TPS62745 TI1-TPS62745_16 Datasheet
4Mb / 34P
[Old version datasheet]   Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
TPS62745 TI-TPS62745_15 Datasheet
4Mb / 34P
[Old version datasheet]   TPS62745 Dual-cell Ultra Low IQ Step Down Converter for Low Power Wireless Applications
TPS82740A TI1-TPS82740A_16 Datasheet
2Mb / 28P
[Old version datasheet]   MicroSIP Step Down Converter Module for Low Power Applications
logo
Linear Technology
LTC3892-2 LINER-LTC3892-2 Datasheet
426Kb / 8P
   60V, Low IQ Multiphase Synchronous Step-Down Converter
logo
Monolithic Power System...
EV2269-D-00A MPS-EV2269-D-00A Datasheet
759Kb / 6P
   30V, 1A, Low IQ Step-Down Converter Evaluation Board
logo
Richtek Technology Corp...
RTQ2102A-QA RICHTEK-RTQ2102A-QA Datasheet
254Kb / 16P
   1.5A, 6V, Low IQ ACOT Synchronous Step-Down Converter
October 2019
logo
ELMOS Semiconductor AG
E522.71 ELMOS-E522.71 Datasheet
307Kb / 2P
   LOW POWER STEP DOWN CONVERTER
logo
Texas Instruments
TPS62730 TI1-TPS62730_14 Datasheet
5Mb / 29P
[Old version datasheet]   Step Down Converter with Bypass Mode for Ultra Low Power Wireless Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com