Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCN5818AF Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # UCN5818AF
Description  BiMOS II 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS WITH ACTIVE-DMOS PULL-DOWNS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UCN5818AF Datasheet(HTML) 3 Page - Allegro MicroSystems

  UCN5818AF Datasheet HTML 1Page - Allegro MicroSystems UCN5818AF Datasheet HTML 2Page - Allegro MicroSystems UCN5818AF Datasheet HTML 3Page - Allegro MicroSystems UCN5818AF Datasheet HTML 4Page - Allegro MicroSystems UCN5818AF Datasheet HTML 5Page - Allegro MicroSystems UCN5818AF Datasheet HTML 6Page - Allegro MicroSystems UCN5818AF Datasheet HTML 7Page - Allegro MicroSystems UCN5818AF Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5818-F
32-BIT SERIAL-INPUT,
LATCHED SOURCE DRIVERS
WITH ACTIVE-DMOS PULL-DOWNS
www.allegromicro.com
ELECTRICAL CHARACTERISTICS at TA = + 25°C, VBB = 60 V unless otherwise noted.
Limits @ VDD = 5 V Limits @ VDD = 12 V
Characteristic
Symbol
Test Conditions
Mln.
Typ.
Max.
Min.
Typ.
Max.
Units
Output Leakage Current
ICEX
VOUT = 0 V, TA = +70°C
-5.0
-15
-5.0
-15
µA
Output Voltage
VOUT(1)
IOUT = -25 mA
58
58.5
58
58.5
V
VOUT(0)
IOUT = 1 mA
2.0
3.0
———
V
IOUT = 2 mA
———
2.0
3.5
V
Output Pull-Down Current
IOUT(0)
VOUT = 5 V to VBB
2.0
3.5
———
mA
VOUT = 20 V to VBB
———
8.0
13
mA
Input Voltage
VIN(1)
3.5
5.3
10.5
12.3
V
VIN(0)
-0.3
+0.8
-0.3
+0.8
V
Input Current
IIN(1)
VIN = VDD
0.05
0.5
0.1
1.0
µA
IIN(0)
VIN = 0.8 V
-0.05
-0.5
-0.1
-1.0
µA
Serial Data Output Voltage
VOUT(1)
IOUT = -200 µA
4.5
4.7
11.7
11.8
V
VOUT(0)
IOUT = 200 µA
200
250
100
200
mV
Maximum Clock Frequency
fclk
3.3*
——
———
MHz
Supply Current
IDD(1)
All Outputs High
100
300
200
500
µA
IDD(0)
All Outputs Low
100
300
200
500
µA
IBB(1)
Outputs High, No Load
3.0
6.0
3.0
6.0
mA
IBB(0)
Outputs Low
10
100
10
100
µA
Blanking to Output Delay
tPHL
CL = 30 pF, 50% to 50%
2000
——
1000
ns
tPLH
CL = 30 pF, 50% to 50%
1000
——
850
ns
Output Fall Time
tf
CL = 30 pF, 90% to 10%
1450
——
650
ns
Output Rise Time
tr
CL = 30 pF, 10% to 90%
650
——
700
ns
Negative current is defined as coming out of (sourcing) the specified device terminal.
* Operation at a clock frequency greater than the specified minimum value is possible but not warranteed.


Similar Part No. - UCN5818AF

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UCN5810AF ALLEGRO-UCN5810AF Datasheet
158Kb / 8P
   BiMOS II 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS WITH ACTIVE-DMOS PULL-DOWNS
UCN5810EPF ALLEGRO-UCN5810EPF Datasheet
158Kb / 8P
   BiMOS II 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS WITH ACTIVE-DMOS PULL-DOWNS
UCN5810LWF ALLEGRO-UCN5810LWF Datasheet
158Kb / 8P
   BiMOS II 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS WITH ACTIVE-DMOS PULL-DOWNS
UCN5811 ALLEGRO-UCN5811 Datasheet
156Kb / 8P
   BiMOS II 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
UCN5811A ALLEGRO-UCN5811A Datasheet
156Kb / 8P
   BiMOS II 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
More results

Similar Description - UCN5818AF

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5810-F ALLEGRO-5810-F Datasheet
158Kb / 8P
   BiMOS II 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS WITH ACTIVE-DMOS PULL-DOWNS
5812-F ALLEGRO-5812-F Datasheet
149Kb / 8P
   BiMOS II 20-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS WITH ACTIVE-DMOS PULL-DOWNS
5832 ALLEGRO-5832 Datasheet
78Kb / 8P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
A5832 ALLEGRO-A5832 Datasheet
222Kb / 9P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
October 28, 2005
5895 ALLEGRO-5895 Datasheet
93Kb / 8P
   BiMOS II 8-BIT SERIAL INPUT, LATCHED SOURCE DRIVERS
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
   BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5811 ALLEGRO-5811 Datasheet
156Kb / 8P
   BiMOS II 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5841 ALLEGRO-5841 Datasheet
174Kb / 8P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
A5821 ALLEGRO-A5821 Datasheet
246Kb / 8P
   BiMOS II 8-Bit Serial Input Latched Drivers
October 28, 2005
5821 ALLEGRO-5821 Datasheet
105Kb / 7P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com