Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12D1600 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12D1600
Description  ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADC12D1600 Datasheet(HTML) 5 Page - Texas Instruments

  ADC12D1600 Datasheet HTML 1Page - Texas Instruments ADC12D1600 Datasheet HTML 2Page - Texas Instruments ADC12D1600 Datasheet HTML 3Page - Texas Instruments ADC12D1600 Datasheet HTML 4Page - Texas Instruments ADC12D1600 Datasheet HTML 5Page - Texas Instruments ADC12D1600 Datasheet HTML 6Page - Texas Instruments ADC12D1600 Datasheet HTML 7Page - Texas Instruments ADC12D1600 Datasheet HTML 8Page - Texas Instruments ADC12D1600 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 73 page
background image
VA
VA
GND
GND
Tdiode_P
Tdiode_N
GND
VA
V
GND
VA
V
VA
GND
GND
VA
200k
8 pF
VCMO
Enable AC
Coupling
ADC12D1000, ADC12D1600
www.ti.com
SNAS480M – MAY 2010 – REVISED MARCH 2013
Table 1. Analog Front-End and Clock Balls (continued)
Ball No.
Name
Equivalent Circuit
Description
Common Mode Voltage Output or Signal Coupling
Select. If AC-coupled operation at the analog
inputs is desired, this pin should be held at logic-
low level. This pin is capable of sourcing/ sinking
up to 100 µA. For DC-coupled operation, this pin
C2
VCMO
should be left floating or terminated into high-
impedance. In DC-coupled Mode, this pin provides
an output voltage which is the optimal common-
mode voltage for the input signal and should be
used to set the common-mode voltage of the
driving buffer.
Bandgap Voltage Output or LVDS Common-mode
Voltage Select. This pin provides a buffered
version of the bandgap output voltage and is
capable of sourcing/sinking 100 uA and driving a
B1
VBG
load of up to 80 pF. Alternately, this pin may be
used to select the LVDS digital output common-
mode voltage. If tied to logic-high, the 1.2V LVDS
common-mode voltage is selected; 0.8V is the
default.
External Reference Resistor terminals. A 3.3 k
Ω
±0.1% resistor should be connected between
Rext+/-. The Rext resistor is used as a reference
C3/D3
Rext+/-
to trim internal circuits which affect the linearity of
the converter; the value and precision of this
resistor should not be compromised.
Input Termination Trim Resistor terminals. A 3.3
k
Ω ±0.1% resistor should be connected between
Rtrim+/-. The Rtrim resistor is used to establish
the calibrated 100
Ω input impedance of VinI, VinQ
C1/D2
Rtrim+/-
and CLK. These impedances may be fine tuned
by varying the value of the resistor by a
corresponding percentage; however, the tuning
range and performance is not ensured for such an
alternate value.
Temperature Sensor Diode Positive (Anode) and
Negative (Cathode) Terminals. This set of pins is
E2/F3
Tdiode+/-
used for die temperature measurements. It has
not been fully characterized.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC12D1000 ADC12D1600


Similar Part No. - ADC12D1600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1600 TI-ADC12D1600 Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600CCMLS TI-ADC12D1600CCMLS Datasheet
809Kb / 67P
[Old version datasheet]   12-Bit, Single or Dual, 3200/1600/800 MSPS RF Sampling ADC
ADC12D1600CCMPR TI-ADC12D1600CCMPR Datasheet
809Kb / 67P
[Old version datasheet]   12-Bit, Single or Dual, 3200/1600/800 MSPS RF Sampling ADC
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI1-ADC12D1600CIUT Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
More results

Similar Description - ADC12D1600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
National Semiconductor ...
ADC12D1000 NSC-ADC12D1000 Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
Texas Instruments
ADC12D1000RFIUT TI-ADC12D1000RFIUT Datasheet
1Mb / 74P
[Old version datasheet]   ADC12D1600/1000RF 12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D1000RF TI1-ADC12D1000RF Datasheet
2Mb / 67P
[Old version datasheet]   12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D1800 TI1-ADC12D1800 Datasheet
2Mb / 84P
[Old version datasheet]   12-Bit, Single 3.6 GSPS Ultra High-Speed ADC
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
ADC12D1000 TI1-ADC12D1000_15 Datasheet
3Mb / 86P
[Old version datasheet]   GSPS Ultra High-Speed ADC
logo
National Semiconductor ...
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
Analog Devices
AD9209 AD-AD9209 Datasheet
120Kb / 5P
   Quad, 12-Bit, 4 GSPS RF ADC
AD7672 AD-AD7672 Datasheet
1Mb / 20P
   LC2MOS HIGH-SPEED 12-BIT ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com