Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS56628DDAR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56628DDAR
Description  4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS56628DDAR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS56628DDAR Datasheet HTML 7Page - Texas Instruments TPS56628DDAR Datasheet HTML 8Page - Texas Instruments TPS56628DDAR Datasheet HTML 9Page - Texas Instruments TPS56628DDAR Datasheet HTML 10Page - Texas Instruments TPS56628DDAR Datasheet HTML 11Page - Texas Instruments TPS56628DDAR Datasheet HTML 12Page - Texas Instruments TPS56628DDAR Datasheet HTML 13Page - Texas Instruments TPS56628DDAR Datasheet HTML 14Page - Texas Instruments TPS56628DDAR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
V
= 5.0V
O
V
= 3.3V
O
V
= 1.8V
O
V
= 1.05V
O
20
6.00
0.00
40
60
80
100
0
T - Ambient Temperature (ºC)
A
5.00
4.00
3.00
2.00
1.00
7.00
Vo=1.05V
VIN(50mV/div)
SW( 5V/div)
400ns/div
SW( 5V/div)
Vo=1.05V
Vo(10mV/div)
400ns/div
V = 50 mV / div (-950 mV dc offset)
O
SW = 10 V / div
Time = 1 µsec / div
TPS56628
www.ti.com
SLVSC94 – OCTOBER 2013
TYPICAL CHARACTERISTICS (continued)
VIN = 12 V, TA = 25°C (unless otherwise noted).
Figure 13. VOLTAGE RIPPLE AT OUTPUT (IO = 6 A)
Figure 14. DCM VOLTAGE RIPPLE AT
OUTPUT (IO = 30 mA)
Figure 15. VOLTAGE RIPPLE AT INPUT (IO = 6 A)
Figure 16. OUTPUT CURRENT vs AMBIENT TEMPERATURE
Copyright © 2013, Texas Instruments Incorporated
11
Product Folder Links :TPS56628


Similar Part No. - TPS56628DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56628 TI-TPS56628_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
More results

Similar Description - TPS56628DDAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56628 TI-TPS56628_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54628 TI-TPS54628 Datasheet
1,006Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54628 TI-TPS54628_15 Datasheet
970Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329E TI1-TPS54329E Datasheet
791Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
TPS54528 TI1-TPS54528 Datasheet
821Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329E TI-TPS54329E_15 Datasheet
724Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54326 TI1-TPS54326_16 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com