Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6702JFQMLV Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6702JFQMLV
Description  1.7 GHz, Ultra Low Distortion, Wideband Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMH6702JFQMLV Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6702JFQMLV Datasheet HTML 6Page - Texas Instruments LMH6702JFQMLV Datasheet HTML 7Page - Texas Instruments LMH6702JFQMLV Datasheet HTML 8Page - Texas Instruments LMH6702JFQMLV Datasheet HTML 9Page - Texas Instruments LMH6702JFQMLV Datasheet HTML 10Page - Texas Instruments LMH6702JFQMLV Datasheet HTML 11Page - Texas Instruments LMH6702JFQMLV Datasheet HTML 12Page - Texas Instruments LMH6702JFQMLV Datasheet HTML 13Page - Texas Instruments LMH6702JFQMLV Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LMH6702QML
SNOSAQ2E – JULY 2005 – REVISED MARCH 2013
www.ti.com
In applications where the LMH6702 is replacing the CLC409, care must be taken when the device is lightly
loaded and some capacitance is present at the output. Due to the much higher frequency response of the
LMH6702 compared to the CLC409, there could be increased susceptibility to low value output capacitance
(parasitic or inherent to the board layout or otherwise being part of the output load). As already mentioned, this
susceptibility is most noticeable when the LMH6702's resistive load is light. Parasitic capacitance can be
minimized by careful lay out. Addition of an output snubber R-C network will also help by increasing the high
frequency resistive loading.
Referring back to Figure 24, it must be noted that several additional constraints should be considered in driving
the capacitive input of an ADC. There is an option to increase RS, band-limiting at the ADC input for either noise
or Nyquist band-limiting purposes. Increasing RS too much, however, can induce an unacceptably large input
glitch due to switching transients coupling through from the "convert" signal. Also, CIN is oftentimes a voltage
dependent capacitance. This input impedance non-linearity will induce distortion terms that will increase as RS is
increased. Only slight adjustments up or down from the recommended RS value should therefore be attempted in
optimizing system performance.
DC ACCURACY AND NOISE
Example below shows the output offset computation equation for the non-inverting configuration using the typical
bias current and offset specifications for AV = + 2:
Output Offset : VO = (±IBN · RIN ± VIO) (1 + RF/RG) ± IBI · RF
Where RIN is the equivalent input impedance on the non-inverting input.
Example computation for AV = +2, RF = 237Ω, RIN = 25Ω:
VO = (±6μA · 25Ω ± 1mV) (1 + 237/237) ± 8μA · 237 = ±4.20mV
A good design, however, should include a worst case calculation using Min/Max numbers in the data sheet
tables, in order to ensure "worst case" operation.
Further improvement in the output offset voltage and drift is possible using the composite amplifiers described in
Application Note OA-7 SNOA365. The two input bias currents are physically unrelated in both magnitude and
polarity for the current feedback topology. It is not possible, therefore, to cancel their effects by matching the
source impedance for the two inputs (as is commonly done for matched input bias current devices).
The total output noise is computed in a similar fashion to the output offset voltage. Using the input noise voltage
and the two input noise currents, the output noise is developed through the same gain equations for each term
but combined as the square root of the sum of squared contributing elements. See Application Note OA-12
SNOA375 for a full discussion of noise calculations for current feedback amplifiers.
PRINTED CIRCUIT LAYOUT
Generally, a good high frequency layout will keep power supply and ground traces away from the inverting input
and output pins. Parasitic capacitances on these nodes to ground will cause frequency response peaking and
possible circuit oscillations (see Application Note OA-15 SNOA367 for more information). Texas Instruments
suggests the following evaluation boards as a guide for high frequency layout and as an aid in device testing and
characterization:
Device
Package
Evaluation Board Part Number
LMH6702QMLMF
SOT-23-5
CLC730216
LMH6702QMLMA
Plastic SOIC
CLC730227
10
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMH6702QML


Similar Part No. - LMH6702JFQMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6702JFQMLV TI1-LMH6702JFQMLV Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702JFQMLV TI1-LMH6702JFQMLV Datasheet
402Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702JFQMLV TI1-LMH6702JFQMLV Datasheet
400Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
More results

Similar Description - LMH6702JFQMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6702QML TI1-LMH6702QML Datasheet
374Kb / 14P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702QML TI1-LMH6702QML_17 Datasheet
400Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702-MIL TI1-LMH6702-MIL Datasheet
692Kb / 19P
[Old version datasheet]   1.7-GHz Ultra-Low Distortion Wideband Op Amp
LMH6702QML TI1-LMH6702QML_15 Datasheet
402Kb / 17P
[Old version datasheet]   1.7 GHz, Ultra Low Distortion, Wideband Op Amp
LMH6702 TI1-LMH6702 Datasheet
1Mb / 25P
[Old version datasheet]   LMH6702 1.7-GHz Ultra-Low Distortion Wideband Op Amp
logo
National Semiconductor ...
LMH6702 NSC-LMH6702 Datasheet
439Kb / 13P
   Ultra Low Distortion, Wideband Op Amp
logo
Fairchild Semiconductor
KH232 FAIRCHILD-KH232 Datasheet
134Kb / 6P
   Low Distortion Wideband Op Amp
logo
Cadeka Microcircuits LL...
KH232 CADEKA-KH232 Datasheet
244Kb / 6P
   Low Distortion Wideband Op Amp
logo
List of Unclassifed Man...
SPT232 ETC-SPT232 Datasheet
322Kb / 4P
   LOW DISTORTION WIDEBAND OP AMP
logo
Fairchild Semiconductor
KH207 FAIRCHILD-KH207 Datasheet
159Kb / 7P
   Low Distortion Wideband Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com