Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS56628 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS56628
Description  4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS56628 Datasheet(HTML) 2 Page - Texas Instruments

  TPS56628 Datasheet HTML 1Page - Texas Instruments TPS56628 Datasheet HTML 2Page - Texas Instruments TPS56628 Datasheet HTML 3Page - Texas Instruments TPS56628 Datasheet HTML 4Page - Texas Instruments TPS56628 Datasheet HTML 5Page - Texas Instruments TPS56628 Datasheet HTML 6Page - Texas Instruments TPS56628 Datasheet HTML 7Page - Texas Instruments TPS56628 Datasheet HTML 8Page - Texas Instruments TPS56628 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TPS56628
SLVSC94 – OCTOBER 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)(2)(3)
TRANSPORT
TA
PACKAGE
ORDERABLE PART NUMBER
PIN
MEDIA
TPS56628DDA
Tube
–40°C to 85°C
DDA
8
TPS56628DDAR
Tape and Reel
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
All package options have Cu NIPDAU lead/ball finish.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
VIN, EN
–0.3
20
VBST
–0.3
26
VBST (10 ns transient)
–0.3
28
Input voltage range
VBST (vs SW)
–0.3
6.5
V
VFB, PG
–0.3
6.5
SW
–2
20
SW (10 ns transient)
–3
22
VREG5
–0.3
6.5
Output voltage range
V
GND
–0.3
0.3
Voltage from GND to thermal pad, Vdiff
–0.2
0.2
V
Human Body Model (HBM)
2
kV
Electrostatic discharge
Charged Device Model (CDM)
500
V
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–55
150
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
TPS56628
THERMAL METRIC
UNITS
DDA (8 PINS)
θJA
Junction-to-ambient thermal resistance
43.5
θJCtop
Junction-to-case (top) thermal resistance
49.4
θJB
Junction-to-board thermal resistance
25.6
°C/W
ψJT
Junction-to-top characterization parameter
7.4
ψJB
Junction-to-board characterization parameter
25.5
θJCbot
Junction-to-case (bottom) thermal resistance
5.2
2
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :TPS56628


Similar Part No. - TPS56628

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56628 TI-TPS56628_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
More results

Similar Description - TPS56628

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS56628 TI-TPS56628_15 Datasheet
1,019Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54628 TI-TPS54628 Datasheet
1,006Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54628 TI-TPS54628_15 Datasheet
970Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter with Eco-mode?
TPS54526 TI1-TPS54526 Datasheet
970Kb / 28P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329E TI1-TPS54329E Datasheet
791Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54229E TI1-TPS54229E Datasheet
816Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-Mode?
TPS54228 TI-TPS54228_15 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 2-A Synchronous Step-Down Converter with Eco-mode?
TPS54528 TI1-TPS54528 Datasheet
821Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A Synchronous Step-Down Converter with Eco-Mode?
TPS54329E TI-TPS54329E_15 Datasheet
724Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-Mode?
TPS54326 TI1-TPS54326_16 Datasheet
1Mb / 30P
[Old version datasheet]   4.5V to 18V Input, 3-A Synchronous Step-Down Converter with Eco-mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com