Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54625PWPR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54625PWPR
Description  4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54625PWPR Datasheet(HTML) 5 Page - Texas Instruments

  TPS54625PWPR Datasheet HTML 1Page - Texas Instruments TPS54625PWPR Datasheet HTML 2Page - Texas Instruments TPS54625PWPR Datasheet HTML 3Page - Texas Instruments TPS54625PWPR Datasheet HTML 4Page - Texas Instruments TPS54625PWPR Datasheet HTML 5Page - Texas Instruments TPS54625PWPR Datasheet HTML 6Page - Texas Instruments TPS54625PWPR Datasheet HTML 7Page - Texas Instruments TPS54625PWPR Datasheet HTML 8Page - Texas Instruments TPS54625PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
POWER PAD
TPS54625
PWP
HTSSOP14
SW1
VBST
SS
VO
VFB
GND
PGND1
14
7
5
6
2
3
4
1
VIN2
EN
PG
VREG5
13
12
11
9
8
PGND2
10
SW2
VIN1
PWP PACKAGE
(TOP VIEW)
TPS54625
www.ti.com
SLVSC33 – AUGUST 2013
DEVICE INFORMATION
PIN FUNCTIONS
PIN
DESCRIPTION
NAME
NUMBER
VO
1
Connect to output of converter. This pin is used for output discharge function.
VFB
2
Converter feedback input. Connect with feedback resistor divider.
5.5V power supply output. An external capacitor (typical 1uF) should be connected to GND. VREG5 is not
VREG5
3
active when EN is low.
SS
4
Soft start control. An external capacitor should be connected to GND.
GND
5
Signal ground pin.
PG
6
Open drain power good output
EN
7
Enable control input. EN is active high and must be pulled up to enable the device.
PGND1,
Ground returns for low-side MOSFET. Also serve as inputs of current comparators. Connect PGND and
8, 9
PGND2
GND strongly together near the IC.
Switch node connection between high-side NFET and low-side NFET. Also serve as inputs to current
SW1,SW2
10, 11
comparator.
Supply input for high-side NFET gate driver (boost terminal). Connect capacitor from this pin to respective
VBST
12
SW1, SW2 terminals. An internal PN diode is connected between VREG5 and VBST pin.
Power Input and connected to high side NFET drain. Supply Input for 5V internal linear regulator for the
VIN1, VIN2
13, 14
control circuitry
Thermal pad of the package. Must be soldered to achieve appropriate dissipation. Should be connected to
PowerPAD™
Back side
PGND
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TPS54625


Similar Part No. - TPS54625PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54625PWPR TI-TPS54625PWPR Datasheet
1,015Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
More results

Similar Description - TPS54625PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54625PWP TI-TPS54625PWP Datasheet
1,015Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down Converter
TPS54329 TI-TPS54329_15 Datasheet
713Kb / 25P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54627 TI-TPS54627 Datasheet
944Kb / 22P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter
TPS54525 TI1-TPS54525 Datasheet
803Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 5.5-A Synchronous Step-Down Converter
TPS54527 TI1-TPS54527 Datasheet
785Kb / 23P
[Old version datasheet]   4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54329 TI1-TPS54329 Datasheet
757Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 3-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54527 TI-TPS54527_15 Datasheet
735Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 5-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54626 TI1-TPS54626 Datasheet
1Mb / 22P
[Old version datasheet]   4.5V to 18V Input, 6.5-A Synchronous Step-Down SWIFT Converter with ECO-Mode
TPS54227DRCT TI-TPS54227DRCT Datasheet
1Mb / 26P
[Old version datasheet]   4.5V to 18V Input, 2-A SYNCHRONOUS STEP DOWN CONVERTER
TPS54627 TI-TPS54627_15 Datasheet
937Kb / 24P
[Old version datasheet]   4.5V to 18V Input, 6-A Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com