Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCN5818EPF Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # UCN5818EPF
Description  BiMOS II 32-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS WITH ACTIVE-DMOS PULL-DOWNS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UCN5818EPF Datasheet(HTML) 1 Page - Allegro MicroSystems

  UCN5818EPF Datasheet HTML 1Page - Allegro MicroSystems UCN5818EPF Datasheet HTML 2Page - Allegro MicroSystems UCN5818EPF Datasheet HTML 3Page - Allegro MicroSystems UCN5818EPF Datasheet HTML 4Page - Allegro MicroSystems UCN5818EPF Datasheet HTML 5Page - Allegro MicroSystems UCN5818EPF Datasheet HTML 6Page - Allegro MicroSystems UCN5818EPF Datasheet HTML 7Page - Allegro MicroSystems UCN5818EPF Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
7
8
9
10
11
12
2
OUT8
OUT29
OUT
36
37
38
39
19
34
35
OUT 4
OUT13
32
33
29
30
31
NC
Dwg. PP-059-2
13
14
15
16
17
OUT19
Designed primarily for use with vacuum-fluorescent displays, the
UCN5818AF and UCN5818EPF smart power BiMOS II drivers combine
CMOS shift registers, data latches, and control circuitry, with bipolar high-
speed sourcing outputs and DMOS active pull-down circuitry. The high-
speed shift register and data latches allow direct interfacing with microproces-
sor LSI-based systems. A CMOS serial data output enables cascade connec-
tions in applications requiring additional drive lines. Both devices feature
60 V and -40 mA output ratings, allowing them to be used in many other
peripheral power driver applications.
These smart power drivers have been designed with BiMOS II logic for
improved data entry rates. With a 5 V supply, it will operate to at least 3.3
MHz. At 12 V, higher speeds are possible. Use of these devices with TTL
may require the use of appropriate pull-up resistors to ensure an input logic
high. All devices can be operated over the ambient temperature range of -
20
°C to +85°C. The UCN5818AF is supplied in a 40-pin plastic dual in-line
package with 0.600" (15.24 mm) row spacing. A copper lead frame, reduced
supply current requirement, and low output saturation voltage permits
operation with minimum junction temperature rise. The ‘A’ package allows
all 32 outputs to be operated at -25 mA continuously over the operating
temperature range.
For high-density packaging applications, the UCN5818EPF is furnished
in a 44-lead plastic chip carrier (quad pack) for surface mounting on solder
lands with 0.050" (1.27 mm) centers. The PLCC allows -25 mA continuous
operation of all outputs simultaneously at ambient temperatures to 60
°C.
Similar devices are available as the UCN5810AF/LWF (10 bits), UCN5811A
(12 bits), and UCN5812AF/EPF (20 bits).
UCN5818EPF
BiMOS II 32-BIT SERIAL-INPUT, LATCHED
SOURCE DRIVERS WITH ACTIVE-DMOS PULL-DOWNS
Always order by complete part number, e.g., UCN5818EPF .
FEATURES
I 60 V Source Outputs
I High-Speed Source Drivers
I To 3.3 MHz Data Input Rate
I Low-Output Saturation Voltages
I Active DMOS Pull-Downs
I Low-Power CMOS Logic
and Latches
I Reduced Supply Current
Requirements
I Improved Replacements for
SN75518N/FN
ABSOLUTE MAXIMUM RATINGS
at TA = 25°C
Logic Supply Voltage, VDD .................... 15 V
Driver Supply Voltage, VBB ................... 60 V
Continuous Output Current,
IOUT ......................... -40 mA to +15 mA
Input Voltage Range,
VIN ....................... -0.3 V to VDD + 0.3 V
Package Power Dissipation, PD
(UCN5818AF) ............................ 3.5 W*
(UCN5818EPF) ......................... 2.7 W†
Operating Temperature Range,
TA ................................. -20
°C to +85°C
Storage Temperature Range,
TS ............................... -55
°C to +150°C
* Derate at rate of 28 mW/
°C above TA = +25°C
† Derate at rate of 22 mW/
°C above TA = +25°C
Caution: CMOS devices have input static
protection but are susceptible to damage when
exposed to extremely high static electrical
charges.
5818-F


Similar Part No. - UCN5818EPF

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UCN5810AF ALLEGRO-UCN5810AF Datasheet
158Kb / 8P
   BiMOS II 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS WITH ACTIVE-DMOS PULL-DOWNS
UCN5810EPF ALLEGRO-UCN5810EPF Datasheet
158Kb / 8P
   BiMOS II 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS WITH ACTIVE-DMOS PULL-DOWNS
UCN5810LWF ALLEGRO-UCN5810LWF Datasheet
158Kb / 8P
   BiMOS II 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS WITH ACTIVE-DMOS PULL-DOWNS
UCN5811 ALLEGRO-UCN5811 Datasheet
156Kb / 8P
   BiMOS II 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
UCN5811A ALLEGRO-UCN5811A Datasheet
156Kb / 8P
   BiMOS II 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
More results

Similar Description - UCN5818EPF

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5810-F ALLEGRO-5810-F Datasheet
158Kb / 8P
   BiMOS II 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS WITH ACTIVE-DMOS PULL-DOWNS
5812-F ALLEGRO-5812-F Datasheet
149Kb / 8P
   BiMOS II 20-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS WITH ACTIVE-DMOS PULL-DOWNS
5832 ALLEGRO-5832 Datasheet
78Kb / 8P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
A5832 ALLEGRO-A5832 Datasheet
222Kb / 9P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
October 28, 2005
5895 ALLEGRO-5895 Datasheet
93Kb / 8P
   BiMOS II 8-BIT SERIAL INPUT, LATCHED SOURCE DRIVERS
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
   BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5811 ALLEGRO-5811 Datasheet
156Kb / 8P
   BiMOS II 12-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
5841 ALLEGRO-5841 Datasheet
174Kb / 8P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
A5821 ALLEGRO-A5821 Datasheet
246Kb / 8P
   BiMOS II 8-Bit Serial Input Latched Drivers
October 28, 2005
5821 ALLEGRO-5821 Datasheet
105Kb / 7P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com