Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV512K32HFGMPR Datasheet(PDF) 7 Page - Texas Instruments

Part # SMV512K32HFGMPR
Description  16-Mb RADIATION-HARDENED SRAM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SMV512K32HFGMPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SMV512K32HFGMPR Datasheet HTML 3Page - Texas Instruments SMV512K32HFGMPR Datasheet HTML 4Page - Texas Instruments SMV512K32HFGMPR Datasheet HTML 5Page - Texas Instruments SMV512K32HFGMPR Datasheet HTML 6Page - Texas Instruments SMV512K32HFGMPR Datasheet HTML 7Page - Texas Instruments SMV512K32HFGMPR Datasheet HTML 8Page - Texas Instruments SMV512K32HFGMPR Datasheet HTML 9Page - Texas Instruments SMV512K32HFGMPR Datasheet HTML 10Page - Texas Instruments SMV512K32HFGMPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
SMV512K32-SP
www.ti.com
SLVSA21H – JUNE 2011 – REVISED JULY 2013
Table 3. Example Control Settings for Resetting MBE
SEQUENCE
E1Z
E2
GZ
WZ
MBE
I/O MODE
MODE
1
L
H
L
H
L
DQ[31:0] Data out
Normal read mode with EDAC enabled
MBE driven high when single bit or multiple bit error
2
L
H
L
H
H
DQ[31:0] Data out
(depending on user configuration) is detected during read
3
H
L
L
H
H
DQ[31:0] Data out
Memory disabled
4
H
L
H
H
H
→ L
DQ[31:0] Tri-state
Outputs tri-stated and MBE pulled low by load R
5
L
H
H
H
L
DQ[31:0] Tri-state
Read at a last known error free address(1)
6
L
H
L
H
L
DQ[31:0] Data out
Output enable-controlled read(2)
(1)
During this operation MBE drive circuitry in the memory is tri-stated but MBE is held low by the 1-k
Ω resistor to ground.
(2)
During this operation MBE is actively driven low by the MBE drive circuitry in the memory after a time, tGLMV, and the memory is back to
the original state corresponding to normal read mode with EDAC enabled.
Read Operations
A combination of E1Z low, E2 high and WZ high defines a read cycle. GZ low enables the outputs to drive read
data to the DQ pins. Read access time is measured from the latter of device enable, output enable or valid
address to valid data output.
SRAM read cycle 1 (Figure 4): Address controlled access is initiated by a change in address inputs while
device is selected with WZ high and GZ low. Valid data appears on DQ[31:0] after a specified tAVQV is
satisfied. Outputs remain active throughout the entire cycle. As long as the device enable and output enable
are active, the minimum time between valid address changes is specified by the read cycle time tAVAV.
SRAM read cycle 2 (Figure 5): Chip-enable controlled access is initiated by the latter of either E1Z or E2
going active while GZ is low, WZ is high, and address remains stable for the entire cycle. After the specified
time tETQV, the 32-bit word addressed by A[18:0] is accessed and appears at DQ[31:0].
SRAM read cycle 3 (Figure 6): Output-enable controlled access is initiated by GZ going active while E1Z and
E2 are asserted, WZ is de-asserted, and address is stable. Read access time is tGLQV unless tAVQV or tETQV
have not been satisfied.
If EDAC is turned on during read operation:
If MBE is low, data is valid.
If MBE is high, data is corrupted (dependent on EDAC programming configuration on A[12], MBE can
indicate a single bit or double bit error). Single bit error is correctable by EDAC.
Table 4. AC Characteristics Read Cycle (1)
SYMBOL
PARAMETER
MIN
MAX
UNIT
FIGURE
tAVAV1
Read cycle time
20
ns
Figure 4
tAVQV1
Address to data valid from address change(2)
20
ns
Figure 4
tAXQX
Output hold time
7.5
ns
Figure 4
tGLQX1
GZ-controlled output enable time
3.5
ns
Figure 6
tGLQV
GZ-controlled output data valid
8.6
ns
Figure 6
tGHQZ1
GZ-controlled output enable tri-state time
3.5
5
ns
Figure 6
tETQX
E-controlled output enable time
3.5
ns
Figure 5
tETQV
E-controlled access time
20
ns
Figure 5
tEFQZ
E-controlled tri-state time
3.5
5
ns
Figure 5
tAVMV
Address to error flag valid
20
ns
Figure 4
tAXMX
Address to error flag hold time from address change
7.5
ns
Figure 4
(1)
TC = -55°C to 125°C, VDD1 = 1.7 V to 1.9 V, VDD2 = 3 V to 3.6 V (unless otherwise noted).
(2)
20 ns at 5-pF load.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SMV512K32-SP


Similar Part No. - SMV512K32HFGMPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMV512K32HFG TI1-SMV512K32HFG Datasheet
421Kb / 26P
[Old version datasheet]   16-Mb RADIATION-HARDENED SRAM
SMV512K32HFG/EM TI1-SMV512K32HFG/EM Datasheet
421Kb / 26P
[Old version datasheet]   16-Mb RADIATION-HARDENED SRAM
More results

Similar Description - SMV512K32HFGMPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMV512K32-SP TI1-SMV512K32-SP Datasheet
421Kb / 26P
[Old version datasheet]   16-Mb RADIATION-HARDENED SRAM
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH_00 Datasheet
321Kb / 29P
   Radiation Hardened 16-Bit CMOS Microprocessor
logo
Renesas Technology Corp
HS-80C86RH RENESAS-HS-80C86RH Datasheet
1Mb / 30P
   Radiation Hardened 16-Bit CMOS Microprocessor
August 2000
logo
Intersil Corporation
HS-80C86RH INTERSIL-HS-80C86RH Datasheet
239Kb / 37P
   Radiation Hardened 16-Bit CMOS Microprocessor
logo
Xilinx, Inc
DS692 XILINX-DS692 Datasheet
1Mb / 41P
   Radiation-Hardened
logo
Microsemi Corporation
2N3498 MICROSEMI-2N3498_1 Datasheet
111Kb / 3P
   RADIATION HARDENED
2N2906A MICROSEMI-2N2906A_1 Datasheet
105Kb / 6P
   RADIATION HARDENED
2N3634 MICROSEMI-2N3634_1 Datasheet
233Kb / 5P
   RADIATION HARDENED
2N2221A MICROSEMI-2N2221A_1 Datasheet
144Kb / 7P
   RADIATION HARDENED
logo
International Rectifier
IRHLUB7970Z4 IRF-IRHLUB7970Z4_10 Datasheet
231Kb / 11P
   RADIATION HARDENED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com