Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL1105AF160R Datasheet(PDF) 2 Page - E-SWITCH

Part # TL1105AF160R
Description  SERIES TL1105 SWITCHES TACT SWITCHES - 6mm x 6mm
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

TL1105AF160R Datasheet(HTML) 2 Page - E-SWITCH

  TL1105AF160R Datasheet HTML 1Page - E-SWITCH TL1105AF160R Datasheet HTML 2Page - E-SWITCH TL1105AF160R Datasheet HTML 3Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.e-switch.com
info@e-switch.com
25
TL 1105/LL 1105
TLE 1105
TL 1105 T
TLE (EARTH TERMINAL)
Model No.
‘S’ Dim.
TL1105T
2.4 mm
TL1105SP
2.8 mm
SCHEMATIC
P.C. MOUNTING
SCHEMATIC
P.C. MOUNTING
SCHEMATIC
P.C. MOUNTING


Similar Part No. - TL1105AF160R

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1105AF160R E-SWITCH-TL1105AF160R Datasheet
240Kb / 3P
   TACT SWITCHES - 6mm x 6mm
TL1105AF160R E-SWITCH-TL1105AF160R Datasheet
240Kb / 3P
   TACT SWITCHES - 6mm x 6mm
TL1105AF160RRED E-SWITCH-TL1105AF160RRED Datasheet
240Kb / 3P
   TACT SWITCHES - 6mm x 6mm
More results

Similar Description - TL1105AF160R

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
TL1105WF250Q E-SWITCH-TL1105WF250Q Datasheet
240Kb / 3P
   TACT SWITCHES - 6mm x 6mm
TL1105SF250Q E-SWITCH-TL1105SF250Q Datasheet
1Mb / 4P
   TACT SWITCHES - 6mm x 6mm
TL1105 E-SWITCH-TL1105 Datasheet
240Kb / 3P
   TACT SWITCHES - 6mm x 6mm
TL1105DF250Q E-SWITCH-TL1105DF250Q Datasheet
240Kb / 3P
   TACT SWITCHES - 6mm x 6mm
logo
List of Unclassifed Man...
TL1105 ETC2-TL1105 Datasheet
239Kb / 3P
   TACT SWITCHES - 6mm x 6mm
logo
E-SWITCH
TL3301 E-SWITCH-TL3301 Datasheet
229Kb / 2P
   TACT SWITCHES SMT - 6mm x 6mm
TL3303 E-SWITCH-TL3303 Datasheet
118Kb / 1P
   TACT SWITCHES SMT - 6mm x 6mm
logo
List of Unclassifed Man...
MJTP_6MM ETC2-MJTP_6MM Datasheet
343Kb / 5P
   MJTP SERIES 6MM THRU-HOLE MTG TACT SWITCHES
ADTSM32NV ETC2-ADTSM32NV Datasheet
143Kb / 3P
   3.5 x 6mm TACT SWITCH
logo
E-SWITCH
TL3300 E-SWITCH-TL3300 Datasheet
194Kb / 2P
   TACT SWITCHES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com