Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A5817SEP Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A5817SEP
Description  ADDRESSABLE 28-LINE DECODER/DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A5817SEP Datasheet(HTML) 3 Page - Allegro MicroSystems

  A5817SEP Datasheet HTML 1Page - Allegro MicroSystems A5817SEP Datasheet HTML 2Page - Allegro MicroSystems A5817SEP Datasheet HTML 3Page - Allegro MicroSystems A5817SEP Datasheet HTML 4Page - Allegro MicroSystems A5817SEP Datasheet HTML 5Page - Allegro MicroSystems A5817SEP Datasheet HTML 6Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5817
ADDRESSABLE
28-LINE DECODER/DRIVER
ELECTRICAL CHARACTERISTICS at T
A = +25°C, VDD = 5.0 V.
Limits
Characteristic
Symbol
Test Conditions
Min
Typ
Max
Units
Output Drivers
Output Leakage Current
I
CEX
V
CE = 30 V
<1.0
100
µA
Output Saturation Voltage
V
CE(SAT)
I
OUT = 450 mA
0.85
1.15
1.45
V
I
OUT = 400 mA
0.8
1.1
1.4
V
Output Breakdown Voltage
V
(BR)CEX
R
L = 56 Ω
30
V
Unclamped Inductive
V
CC = 30 V, L = 3 µH, RL = 56 Ω,
See Note
Load Current
I
L = 500 mA, Test Fig.
Turn-On Time
t
PHL
V
CC = 21 V, RL = 39 Ω
125
225
475
ns
Fall Time
t
f
V
CC = 21 V, RL = 39 Ω
—20
ns
Turn-Off Time
t
PLH
V
CC = 21 V, RL = 39 Ω
175
250
400
ns
Rise Time
t
r
V
CC = 21 V, RL = 39 Ω
—50
ns
Control Logic
Logic Input Voltage
V
IN(1)
3.5
V
V
IN(0)
0.8
V
Logic Input Current
I
IN(1)
V
IN = 5.0 V
<1.0
100
µA
I
IN(0)
V
IN = 0 V
<-1.0
-100
µA
Input Resistance
R
IN
50
k
Supply Current
I
DD(ON)
Two Outputs ON
6.0
10.0
mA
I
DD(OFF)
All Drivers OFF, All Inputs = 0 V,
600
µA
OE
A = OEB = VDD
Note: Device will turn off and meet all specifications after test.


Similar Part No. - A5817SEP

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
A5816 PULSE-A5816 Datasheet
81Kb / 2P
   BROADBAND: RF & WIRELESS
More results

Similar Description - A5817SEP

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5817 ALLEGRO-5817 Datasheet
81Kb / 6P
   ADDRESSABLE 28-LINE DECODER/DRIVER
6817 ALLEGRO-6817 Datasheet
70Kb / 8P
   ADDRESSABLE 28-LINE DECODER/DRIVER
logo
Fairchild Semiconductor
MM74HC259 FAIRCHILD-MM74HC259 Datasheet
76Kb / 7P
   8-Bit Addressable Latch/3-to-8 Line Decoder
logo
STMicroelectronics
M74HCT7259 STMICROELECTRONICS-M74HCT7259 Datasheet
90Kb / 11P
   8BIT ADDRESSABLE LATCH/DECODER/RELAIS DRIVER OPEN DRAIN,INVERTING OUTPUT
logo
NXP Semiconductors
NE5090 PHILIPS-NE5090 Datasheet
93Kb / 6P
   Addressable relay driver
August 31, 1994
logo
ON Semiconductor
MC74HC259A ONSEMI-MC74HC259A Datasheet
134Kb / 9P
   8-Bit Addressable Latch 1-of-8 Decoder
June, 2012 ??Rev. 3
logo
Motorola, Inc
MC54-74HC259A MOTOROLA-MC54-74HC259A Datasheet
246Kb / 8P
   8-Bit Addressable Latch 1-of-8 Decoder
MC54-74HC259 MOTOROLA-MC54-74HC259 Datasheet
199Kb / 7P
   8-Bit Addressable Latch 1-of-8 Decoder
logo
Microsemi Corporation
TSC383 MICROSEMI-TSC383 Datasheet
725Kb / 4P
   Decoder/Driver
logo
Allegro MicroSystems
6B259 ALLEGRO-6B259 Datasheet
143Kb / 12P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com