Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-53816 Datasheet(PDF) 8 Page - Texas Instruments

Part # PE-53816
Description  LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PE-53816 Datasheet(HTML) 8 Page - Texas Instruments

Back Button PE-53816 Datasheet HTML 4Page - Texas Instruments PE-53816 Datasheet HTML 5Page - Texas Instruments PE-53816 Datasheet HTML 6Page - Texas Instruments PE-53816 Datasheet HTML 7Page - Texas Instruments PE-53816 Datasheet HTML 8Page - Texas Instruments PE-53816 Datasheet HTML 9Page - Texas Instruments PE-53816 Datasheet HTML 10Page - Texas Instruments PE-53816 Datasheet HTML 11Page - Texas Instruments PE-53816 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
20V
10V
0V
A
1A
0.5A
0A
B
50 mV
AC/
div.
C
LM2595
SNVS122B – MAY 1999 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
(Circuit of Figure 21)
Continuous Mode Switching Waveforms
Feedback Pin
VIN = 20V, VOUT = 5V, ILOAD = 1A
Bias Current
L = 68
μH, COUT = 120 μF, COUT ESR = 100 mΩ
A: Output Pin Voltage, 10V/div.
B: Inductor Current 0.5A/div.
C: Output Ripple Voltage, 50 mV/div.
Horizontal Time Base: 2 µs/div.
Figure 16.
Figure 17.
Discontinuous Mode Switching Waveforms
Load Transient Response for Continuous Mode
VIN = 20V, VOUT = 5V, ILOAD = 600 mA
VIN = 20V, VOUT = 5V, ILOAD = 250 mA to 750 mA
L = 22
μH, COUT = 220 μF, COUT ESR = 50 mΩ
L = 68
μH, COUT = 120 μF, COUT ESR = 100 mΩ
A: Output Voltage, 100 mV/div. (AC)
B: 250 mA to 750 mA Load Pulse
Horizontal Time Base: 100 µs/div.
A: Output Pin Voltage, 10V/div.
B: Inductor Current 0.5A/div.
C: Output Ripple Voltage, 50 mV/div.
Horizontal Time Base: 2 µs/div.
Figure 18.
Figure 19.
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2595


Similar Part No. - PE-53816

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-53816 PULSE-PE-53816 Datasheet
120Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher?
PE-53816NL PULSE-PE-53816NL Datasheet
97Kb / 2P
   Toroid - Designed for National?셲 150kHz Simple Switcher?
PE-53816NL PULSE-PE-53816NL Datasheet
97Kb / 2P
   Tested and recommended by National Semiconductor Base material meets flammability requirements of UL 94V-0
PE-53816NL PULSE-PE-53816NL Datasheet
97Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher?
PE-53816NL PULSE-PE-53816NL Datasheet
97Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher
More results

Similar Description - PE-53816

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2595SX-3.3 TI1-LM2595SX-3.3 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2598 TI1-LM2598_13 Datasheet
2Mb / 45P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596S-3.3 TI1-LM2596S-3.3 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2599 NSC-LM2599_00 Datasheet
817Kb / 32P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2594 TI1-LM2594 Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2591HV TI-LM2591HV_15 Datasheet
3Mb / 28P
[Old version datasheet]   LM2591HV SIMPLE SWITCHER짰Power Converter 150 kHz 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com