Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-53815 Datasheet(PDF) 7 Page - Texas Instruments

Part # PE-53815
Description  LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PE-53815 Datasheet(HTML) 7 Page - Texas Instruments

Back Button PE-53815 Datasheet HTML 3Page - Texas Instruments PE-53815 Datasheet HTML 4Page - Texas Instruments PE-53815 Datasheet HTML 5Page - Texas Instruments PE-53815 Datasheet HTML 6Page - Texas Instruments PE-53815 Datasheet HTML 7Page - Texas Instruments PE-53815 Datasheet HTML 8Page - Texas Instruments PE-53815 Datasheet HTML 9Page - Texas Instruments PE-53815 Datasheet HTML 10Page - Texas Instruments PE-53815 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
LM2595
www.ti.com
SNVS122B – MAY 1999 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
(Circuit of Figure 21)
Operating
Shutdown
Quiescent Current
Quiescent Current
Figure 10.
Figure 11.
Minimum Operating
ON /OFF Threshold
Supply Voltage
Voltage
Figure 12.
Figure 13.
ON /OFF Pin
Current (Sinking)
Switching Frequency
Figure 14.
Figure 15.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2595


Similar Part No. - PE-53815

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-53815 PULSE-PE-53815 Datasheet
120Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher?
logo
Texas Instruments
PE-53815-S TI1-PE-53815-S Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Pulse A Technitrol Comp...
PE-53815NL PULSE-PE-53815NL Datasheet
97Kb / 2P
   Toroid - Designed for National?셲 150kHz Simple Switcher?
PE-53815NL PULSE-PE-53815NL Datasheet
97Kb / 2P
   Tested and recommended by National Semiconductor Base material meets flammability requirements of UL 94V-0
PE-53815NL PULSE-PE-53815NL Datasheet
97Kb / 2P
   THT/SMT POWER INDUCTORS Toroid - Designed for National?셲 150kHz Simple Switcher?
More results

Similar Description - PE-53815

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2595SX-3.3 TI1-LM2595SX-3.3 Datasheet
3Mb / 41P
[Old version datasheet]   LM2595 SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 TI1-LM2595_13 Datasheet
3Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2598 TI1-LM2598_13 Datasheet
2Mb / 45P
[Old version datasheet]   SIMPLE SWITCHER짰 Power Converter 150 kHz 1A Step-Down Voltage Regulator with Features
logo
National Semiconductor ...
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2596S-3.3 TI1-LM2596S-3.3 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2599 NSC-LM2599_00 Datasheet
817Kb / 32P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
logo
Texas Instruments
LM2594 TI1-LM2594 Datasheet
1Mb / 41P
[Old version datasheet]   LM2594/LM2594HV SIMPLE SWITCHER짰 Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2591HV TI-LM2591HV_15 Datasheet
3Mb / 28P
[Old version datasheet]   LM2591HV SIMPLE SWITCHER짰Power Converter 150 kHz 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com