Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54F175DMQB Datasheet(PDF) 11 Page - Texas Instruments

Part # 54F175DMQB
Description  LMP91050 Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

54F175DMQB Datasheet(HTML) 11 Page - Texas Instruments

Back Button 54F175DMQB Datasheet HTML 7Page - Texas Instruments 54F175DMQB Datasheet HTML 8Page - Texas Instruments 54F175DMQB Datasheet HTML 9Page - Texas Instruments 54F175DMQB Datasheet HTML 10Page - Texas Instruments 54F175DMQB Datasheet HTML 11Page - Texas Instruments 54F175DMQB Datasheet HTML 12Page - Texas Instruments 54F175DMQB Datasheet HTML 13Page - Texas Instruments 54F175DMQB Datasheet HTML 14Page - Texas Instruments 54F175DMQB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
100m
1
10
100
1k
10k
0
20
40
60
80
100
120
140
FREQUENCY (Hz)
0
50
100
150
200
250
300
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
DAC CODE
VDD = 3.3V
G = 1002 V/V
G = 2004 V/V
G = 4003 V/V
G = 7986 V/V
10k
100k
1M
10M
0
10
20
30
40
FREQUENCY (Hz)
G = 32 V/V
G = 16 V/V
G = 8 V/V
G = 4 V/V
10
100
1k
60
70
80
90
100
110
120
FREQUENCY (Hz)
G = 7986 V/V
G = 4003 V/V
G = 2004 V/V
G = 1002 V/V
2.5
3.0
3.5
4.0
4.5
5.0
5.5
50
55
60
65
70
VDD (V)
G = 1002 V/V
1k
10k
100k
1M
0
10
20
30
40
50
60
FREQUENCY (Hz)
G = 250 V/V
G = 42 V/V
LMP91050
www.ti.com
SNAS517D – NOVEMBER 2011 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
VDD = +3.3V, VCM = 1.15V, and TA = 25°C unless otherwise noted
Output Offset vs. Supply Voltage
PGA1 Small Signal Bandwidth
Figure 22.
Figure 23.
PGA2 Small Signal Bandwidth
Power Supply Rejection Ratio vs. Frequency
Figure 24.
Figure 25.
Input-Referred Noise Density vs. Frequency
DAC DC Sweep
Figure 26.
Figure 27.
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMP91050


Similar Part No. - 54F175DMQB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54F175 TI1-54F175 Datasheet
417Kb / 10P
[Old version datasheet]   54F175 74F175 Quad D Flip-Flop
More results

Similar Description - 54F175DMQB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP91050 TI1-LMP91050_15 Datasheet
1Mb / 28P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91050 TI1-LMP91050 Datasheet
653Kb / 19P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91051 TI-LMP91051 Datasheet
1Mb / 23P
[Old version datasheet]   Configurable AFE for Nondispersive Infrared (NDIR) Sensing Applications
LMP91200 TI1-LMP91200 Datasheet
405Kb / 25P
[Old version datasheet]   Configurable AFE for Low-Power Chemical Sensing Applications
LMP91200 TI1-LMP91200_16 Datasheet
986Kb / 24P
[Old version datasheet]   Configurable AFE for Low-Power Chemical-Sensing Applications
LMP91000 TI1-LMP91000 Datasheet
557Kb / 25P
[Old version datasheet]   Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
logo
National Semiconductor ...
LMP91000 NSC-LMP91000 Datasheet
713Kb / 24P
   Sensor AFE System: Configurable AFE Potentiostat for Low-Power Chemical Sensing Applications
logo
Zhengzhou Winsen Electr...
MH-440D WINSEN-MH-440D Datasheet
780Kb / 5P
   NDIR Infrared CH4 Sensor
logo
Texas Instruments
TDC1011 TI-TDC1011_15 Datasheet
2Mb / 49P
[Old version datasheet]   TDC1011 Single Channel Ultrasonic Sensing Analog Front End (AFE) for Level Sensing,Concentration Sensing Applications
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
[Old version datasheet]   TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com