Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAJC106M016ANJ Datasheet(PDF) 2 Page - AVX Corporation

Part # TAJC106M016ANJ
Description  Standard Tantalum
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJC106M016ANJ Datasheet(HTML) 2 Page - AVX Corporation

  TAJC106M016ANJ Datasheet HTML 1Page - AVX Corporation TAJC106M016ANJ Datasheet HTML 2Page - AVX Corporation TAJC106M016ANJ Datasheet HTML 3Page - AVX Corporation TAJC106M016ANJ Datasheet HTML 4Page - AVX Corporation TAJC106M016ANJ Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SEPTEMBER 2013
I 7
TAJ Series
Standard Tantalum
CAPACITANCE AND RATED VOLTAGE, VR (VOLTAGE CODE) RANGE
(LETTER DENOTES CASE SIZE)
Capacitance
Rated voltage DC (VR) to 85°C
μF
Code
2.5V (e)
4V (G)
6.3V (J)
10V (A)
16V (C)
20V (D)
25V (E)
35V (V)
50V (T)
0.10
104
AA
0.15
154
AA/B
0.22
224
AA/B
0.33
334
AA/B
0.47
474
A
A/B
A/B/C
0.68
684
A
A
A/B
A/B/C
1.0
105
A
AA
A/B
A(M)/B/C
1.5
155
AA
A
A/B
A/B/C
B/C/D
2.2
225
AA
A/B
A/B
A/B
A/B/C
B/C/D
3.3
335
AA
A/B
A/B
A/B/C
B/C
C/D
4.7
475
AA
A/B
A/B
A/B/C
A/B/C
B/C/D
C/D
6.8
685
A
A/B
A/B
A/B/C
A/B/C
B/C
C/D
C/D
10
106
A
A/B
A/B/C
A/B/C
A(M)*/B/C
B/C/D
C/D/E
D/E/V
15
156
A/B
A/B
A/B/C
A(M)/B/C
B/C/D
C/D
C/D
D/E/V
22
226
A
A/B/C
A/B/C
B/C/D
B/C/D
C/D
D/E
V
33
336
A
A/B
A/B/C
A/B/C/D
B/C/D
C/D
D/E
D/E/V
47
476
A
A/B
A/B/C/D
B/C/D
C/D
C/D/E
D/E
E/V
68
686
A
A/B/C
B/C/D
B/C/D
C/D
C(M)/D/E
E/V
V
100
107
A/B
A/B/C
B/C/D
B(M)/C/D/E
C/D/E
D/E/V
E(M)/V
150
157
B
B/C
B(M)/C/D
C/D/E
D/E/V
E/V
V(M)
220
227
B/D
B(M)/C/D
C/D/E
C/D/E
E/V
330
337
D
C/D/E
C/D/E
D/E/V
E(M)
470
477
C/D
C/D/E
D/E/V
E/U/V
680
687
C/D/E
D/E
E/V
1000
108
D(M)/E
D/E/V
E(M)/V(M)
1500
158
D/E/V(M)
E/V(M)
2200
228
V(M)
Not recommended for new designs, higher voltage or smaller case size substitution are offered.
Released codes
(M tolerance only)
Engineering samples - please contact manufacturer
*Codes under development - subject to change
Note: Voltage ratings are minimum values. AVX reserves the right to supply
higher ratings in the same case size, to the same reliability standards.


Similar Part No. - TAJC106M016ANJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJC106M016ANJ AVX-TAJC106M016ANJ Datasheet
124Kb / 5P
   Standard Tantalum
TAJC106M016ANJ AVX-TAJC106M016ANJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJC106M016ANJ AVX-TAJC106M016ANJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJC106M016ANJ AVX-TAJC106M016ANJ Datasheet
123Kb / 5P
   Standard Tantalum
TAJC106M016ANJ AVX-TAJC106M016ANJ Datasheet
118Kb / 5P
   TAJ Series
More results

Similar Description - TAJC106M016ANJ

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJB106M016R AVX-TAJB106M016R Datasheet
41Kb / 4P
   Standard Tantalum
TAJB106K025RNJ AVX-TAJB106K025RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJC335K050RNJ AVX-TAJC335K050RNJ Datasheet
140Kb / 8P
   Standard Tantalum
TAJE226K035RNJ AVX-TAJE226K035RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJD226M035RNJ AVX-TAJD226M035RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJB106K016RNJ AVX-TAJB106K016RNJ Datasheet
137Kb / 8P
   Standard Tantalum
TAJC336K016RNJ AVX-TAJC336K016RNJ Datasheet
118Kb / 5P
   Standard Tantalum
TAJD685M050RNJ AVX-TAJD685M050RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJD227K010RNJ AVX-TAJD227K010RNJ Datasheet
143Kb / 8P
   Standard Tantalum
TAJA475K020RNJ AVX-TAJA475K020RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJA106K010RNJ AVX-TAJA106K010RNJ Datasheet
124Kb / 5P
   Standard Tantalum
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com