Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5817 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # 5817
Description  ADDRESSABLE 28-LINE DECODER/DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5817 Datasheet(HTML) 1 Page - Allegro MicroSystems

  5817 Datasheet HTML 1Page - Allegro MicroSystems 5817 Datasheet HTML 2Page - Allegro MicroSystems 5817 Datasheet HTML 3Page - Allegro MicroSystems 5817 Datasheet HTML 4Page - Allegro MicroSystems 5817 Datasheet HTML 5Page - Allegro MicroSystems 5817 Datasheet HTML 6Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5817
ADDRESSABLE
28-LINE DECODER/DRIVER
Discontinued
Product
Shown
For
Reference
Only
Replaced
by
A6817SEP
.
7
8
9
10
11
12
13
14
15
16
17
29
30
39
38
37
36
35
34
33
32
31
Dwg. PP-050
GND
IC
GND
OUTA9
OUTA8
OUTA7
OUTA6
OUTA5
OUTA4
OUTA3
OUTA2
OUTA1
OUTA0
OUTB1
OUTB2
OUTB3
OUTB4
OUTB5
OUTB6
OUTB7
OUTB8
OUTB9
Always order by complete part number: A5817SEP .
ADDRESSABLE
28-LINE DECODER/DRIVER
ABSOLUTE MAXIMUM RATINGS
at T
A = 25°C
Output Voltage, V
CE ............................. 30 V
Logic Supply Voltage, V
DD .................. 7.0 V
Input Voltage Range,
V
IN ....................... -0.3 V to VDD + 0.3 V
Output Current, I
C ........................... 600 mA
Package Power Dissipation, P
D ..... 2.70 W*
Operating Temperature Range,
T
A ................................. -20°C to +85°C
Storage Temperature Range,
T
S ..............................
-55
°C to +150°C
*Derate at rate of 22 mW/
°C above T
A = 25°C.
Caution: CMOS devices have input static
protection but are susceptible to damage
when exposed to extremely high static
electrical charges.
5817
Intended for use in ink-jet printer applications, the A5817SEP
addressable 28-line decoder/driver combines low-power CMOS inputs
and logic with 28 high-current, high-voltage bipolar outputs. A 4-to-14
line decoder determines the selected output driver (n) in each
14-driver bank. Two independent output enable inputs (active low)
then provide the final decoding to activate 1- or 2-of-28 outputs
(OUTAn and/or OUTBn). Special internal circuitry is programmed at the
time of manufacture to adjust the output pulse timing and thereby the
energy the device delivers to the ink-jet print head.
The CMOS inputs cause minimal loading and are compatible with
standard CMOS, PMOS, and NMOS logic. Use with TTL or DTL
circuits may require appropriate pull-up resistors to ensure an input
logic high. The internal CMOS logic operates from a 5 V supply.
A CHIP ENABLE function is provided to lock out the drivers during
system power up. The 28 bipolar power outputs are open-collector
30 V Darlington drivers capable of sinking 500 mA at ambient
temperatures up to 85
°C.
The A5817SEP is furnished in a 44-lead plastic chip carrier
(quad pack) for minimum-area, surface-mount applications.
FEATURES
s Controlled Characteristics for Ink-Jet Printers
s Addressable Data Entry
s 30 V Minimum V(BR)CEX
s CMOS, PMOS, NMOS Compatible Inputs
s Low-Power CMOS Logic


Similar Part No. - 5817

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5817 ALLEGRO-5817 Datasheet
81Kb / 6P
   ADDRESSABLE 28-LINE DECODER/DRIVER
logo
List of Unclassifed Man...
5817 ETC-5817 Datasheet
462Kb / 6P
   738A ADEMCO™ INTERFACE
logo
TE Connectivity Ltd
58174-1 TEC-58174-1 Datasheet
299Kb / 5P
   Crimping Die Assemblies
logo
Microsemi Corporation
5817SM MICROSEMI-5817SM Datasheet
116Kb / 3P
   1 Amp Schottky Rectifier
5817SMG MICROSEMI-5817SMG Datasheet
119Kb / 3P
   1 Amp Schottky Rectifier
More results

Similar Description - 5817

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5817 ALLEGRO-5817 Datasheet
81Kb / 6P
   ADDRESSABLE 28-LINE DECODER/DRIVER
6817 ALLEGRO-6817 Datasheet
70Kb / 8P
   ADDRESSABLE 28-LINE DECODER/DRIVER
logo
Fairchild Semiconductor
MM74HC259 FAIRCHILD-MM74HC259 Datasheet
76Kb / 7P
   8-Bit Addressable Latch/3-to-8 Line Decoder
logo
STMicroelectronics
M74HCT7259 STMICROELECTRONICS-M74HCT7259 Datasheet
90Kb / 11P
   8BIT ADDRESSABLE LATCH/DECODER/RELAIS DRIVER OPEN DRAIN,INVERTING OUTPUT
logo
NXP Semiconductors
NE5090 PHILIPS-NE5090 Datasheet
93Kb / 6P
   Addressable relay driver
August 31, 1994
logo
ON Semiconductor
MC74HC259A ONSEMI-MC74HC259A Datasheet
134Kb / 9P
   8-Bit Addressable Latch 1-of-8 Decoder
June, 2012 ??Rev. 3
logo
Motorola, Inc
MC54-74HC259A MOTOROLA-MC54-74HC259A Datasheet
246Kb / 8P
   8-Bit Addressable Latch 1-of-8 Decoder
MC54-74HC259 MOTOROLA-MC54-74HC259 Datasheet
199Kb / 7P
   8-Bit Addressable Latch 1-of-8 Decoder
logo
Microsemi Corporation
TSC383 MICROSEMI-TSC383 Datasheet
725Kb / 4P
   Decoder/Driver
logo
Allegro MicroSystems
6B259 ALLEGRO-6B259 Datasheet
143Kb / 12P
   8-BIT ADDRESSABLE DMOS POWER DRIVER
January 24, 2000
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com