Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS24751RUVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS24751RUVT
Description  12A eFuse Circuit Protector with Current Monitor
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS24751RUVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS24751RUVT Datasheet HTML 6Page - Texas Instruments TPS24751RUVT Datasheet HTML 7Page - Texas Instruments TPS24751RUVT Datasheet HTML 8Page - Texas Instruments TPS24751RUVT Datasheet HTML 9Page - Texas Instruments TPS24751RUVT Datasheet HTML 10Page - Texas Instruments TPS24751RUVT Datasheet HTML 11Page - Texas Instruments TPS24751RUVT Datasheet HTML 12Page - Texas Instruments TPS24751RUVT Datasheet HTML 13Page - Texas Instruments TPS24751RUVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
T
FLT
10 A
C =
t
1.35 V
´
TPS24750
TPS24751
SLVSC87 – OCTOBER 2013
www.ti.com
TIMER: A capacitor CT connected from the TIMER pin to GND determines the overload fault timing. TIMER
sources 10 µA when an overload is present, and discharges CT at 10 µA otherwise. Internal FET is turned off
when VTIMER reaches 1.35 V. In an application implementing auto-retry after a fault, this capacitor also
determines the period before the internal FET is re-enabled. A minimum timing capacitance of 1 nF is
recommended to ensure proper operation of the fault timer. The value of CT can be calculated from the desired
fault time tFLT, using Equation 4.
(4)
Either latch mode (TPS24750, TPS24752) or retry mode (TPS24751, TPS24753) occurs if the load current
exceeds the current limit threshold or the fast trip shutdown threshold. While in latch mode, the TIMER pin
continues to periodically charge and discharge the attached capacitor. In retry mode, the internal MOSFET is
disabled for sixteen cycles of TIMER charging and discharging. The TIMER pin is pulled to GND by a 2 mA
current source at the end of the 16th cycle of charging and discharging. The internal MOSFET is then re-enabled.
The TIMER pin capacitor, CT, can also be discharged to GND during latch mode or retry mode in the following
way:
A 2-mA current sinks TIMER whenever any of the following occurs:
VEN is below its falling threshold.
VVCC drops below the UVLO threshold.
VOV is above its rising threshold.
TIMER is not affected when the die temperature exceeds the OTSD threshold.
VCC: This pin performs three functions. First, it provides biasing power to the integrated circuit. Second, it serves
as an input to the power-on reset (POR) and undervoltage lockout (UVLO) functions. Bypass capacitor C1,
shown in the typical application diagram on the front page, should be connected to the positive terminal of VVCC.
A capacitance of at least 10 nF is recommended.
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS24750 TPS24751


Similar Part No. - TPS24751RUVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24751RUVT TI1-TPS24751RUVT Datasheet
2Mb / 46P
[Old version datasheet]   12A eFuse Circuit Protector
More results

Similar Description - TPS24751RUVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24750 TI1-TPS24750_15 Datasheet
2Mb / 46P
[Old version datasheet]   12A eFuse Circuit Protector
logo
Micrel Semiconductor
MIC2003 MICREL-MIC2003 Datasheet
683Kb / 16P
   Current Limiting Circuit Protector
logo
Texas Instruments
TPS25984 TI1-TPS25984_V01 Datasheet
7Mb / 70P
[Old version datasheet]   TPS25984x 4.5 V – 16 V, 0.8-mΩ, 70-A Stackable eFuse With Accurate and Fast Current Monitor
REVISED OCTOBER 2023
TPS25985 TI1-TPS25985_V02 Datasheet
6Mb / 70P
[Old version datasheet]   TPS25985x 4.5 V – 16 V, 0.59-mΩ, 80-A Stackable eFuse with Accurate and Fast Current Monitor
REVISED SEPTEMBER 2022
TPS25984 TI-TPS25984 Datasheet
7Mb / 69P
[Old version datasheet]   TPS25984x 4.5 V – 16 V, 0.8-mΩ, 70-A Stackable eFuse With Accurate and Fast Current Monitor
REVISED OCTOBER 2023
TPS25985 TI-TPS25985_V01 Datasheet
6Mb / 69P
[Old version datasheet]   TPS25985x 4.5 V – 16 V, 0.59-mΩ, 80-A Stackable eFuse with Accurate and Fast Current Monitor
REVISED SEPTEMBER 2022
logo
Diodes Incorporated
ZXCT1086EV1 DIODES-ZXCT1086EV1 Datasheet
722Kb / 8P
   Current Monitor with wide supply
logo
Maxim Integrated Produc...
MAX4978 MAXIM-MAX4978 Datasheet
165Kb / 10P
   Overvoltage Protector with Active Current Limit
Rev 0; 5/08
logo
Texas Instruments
TPS25985 TI-TPS25985 Datasheet
5Mb / 61P
[Old version datasheet]   TPS25985x 4.5 V??6 V, 0.59-m廓, 70-A Stackable eFuse with Accurate and Fast Current Monitor
MAY 2022
logo
Panasonic Semiconductor
UN11015 PANASONIC-UN11015 Datasheet
41Kb / 2P
   Circuit Protector Elements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com