Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS24752RUV Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS24752RUV
Description  12A eFuse Circuit Protector with Current Monitor
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS24752RUV Datasheet(HTML) 1 Page - Texas Instruments

  TPS24752RUV Datasheet HTML 1Page - Texas Instruments TPS24752RUV Datasheet HTML 2Page - Texas Instruments TPS24752RUV Datasheet HTML 3Page - Texas Instruments TPS24752RUV Datasheet HTML 4Page - Texas Instruments TPS24752RUV Datasheet HTML 5Page - Texas Instruments TPS24752RUV Datasheet HTML 6Page - Texas Instruments TPS24752RUV Datasheet HTML 7Page - Texas Instruments TPS24752RUV Datasheet HTML 8Page - Texas Instruments TPS24752RUV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
TIMER
OUT
VCC
EN
IMON
FLTb
PGb
GATE
GND
Rsense
SET
DRAIN
OV
PROG
SENSE
RSET
0.002
130k
10k
15k
64.9k
51.1
47nF
1.58k
470uF
0.1mF*
* Optional
TPS24750
TPS24751
www.ti.com
SLVSC87 – OCTOBER 2013
12A eFuse Circuit Protector with Current Monitor
Check for Samples: TPS24750, TPS24751
1
FEATURES
DESCRIPTION
The
TPS2475x
provide
highly
integrated
load
2.5 V to 18 V Bus Operation
protection for 2.5 V to 18 V applications. The devices
Continuous Current up to 12A
integrate a hot swap controller and a power MOSFET
Integrated MOSFET with RDS(on) of 3 mΩ (Typ)
in a single package for small form factor applications.
These devices protect source, load and internal
Programmable Current Limit
MOSFET from potentially damaging events. During
Programmable FET SOA Protection
startup, load current and MOSFET power dissipation
High ILimit Accuracy from 10mA to 12A
are limited to user-selected values. After startup,
currents above the user-selected limit will be allowed
Programmable Fault Timer
to flow until programmed timeout – except in extreme
Fast Breaker for Short-Circuit Protection
overload
events
when
load
is
immediately
Programmable VOUT Slew Rate, UV and OV
disconnected from source.
Power-Good and Fault Outputs
Programmable FET SOA protection ensures the
Analog Load Current Monitor
internal MOSFET operates within its safe operating
area (SOA) at all times and the load starts up at a
FET short detection (TPS24752, TPS24753)
defined ramp rate. This enhances the internal
Thermal Shutdown
MOSFET
performance
while
improving
system
reliability. Power good, Fault, and current monitor
APPLICATIONS
outputs are provided for system status monitoring and
downstream load control.
Server
High Current Load Switch
The devices are available in a 36-pin, 3.5 mm x 7
mm, QFN (RUV) package and fully specified over the
Communications Equipment
–40°C to 125°C operating junction temperature.
Plug-In Modules
RAID Systems
Base Stations
Fan Control
SPACER
Typical Applications (12 V at 10 A)
Transient Output Short Circuit Response
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2013, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS24752RUV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24750RUVR TI1-TPS24750RUVR Datasheet
2Mb / 46P
[Old version datasheet]   12A eFuse Circuit Protector
TPS24750RUVT TI1-TPS24750RUVT Datasheet
2Mb / 46P
[Old version datasheet]   12A eFuse Circuit Protector
TPS24750 TI1-TPS24750_15 Datasheet
2Mb / 46P
[Old version datasheet]   12A eFuse Circuit Protector
TPS24751RUVR TI1-TPS24751RUVR Datasheet
2Mb / 46P
[Old version datasheet]   12A eFuse Circuit Protector
TPS24751RUVT TI1-TPS24751RUVT Datasheet
2Mb / 46P
[Old version datasheet]   12A eFuse Circuit Protector
More results

Similar Description - TPS24752RUV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS24750 TI1-TPS24750_15 Datasheet
2Mb / 46P
[Old version datasheet]   12A eFuse Circuit Protector
logo
Micrel Semiconductor
MIC2003 MICREL-MIC2003 Datasheet
683Kb / 16P
   Current Limiting Circuit Protector
logo
Texas Instruments
TPS25984 TI1-TPS25984_V01 Datasheet
7Mb / 70P
[Old version datasheet]   TPS25984x 4.5 V – 16 V, 0.8-mΩ, 70-A Stackable eFuse With Accurate and Fast Current Monitor
REVISED OCTOBER 2023
TPS25985 TI1-TPS25985_V02 Datasheet
6Mb / 70P
[Old version datasheet]   TPS25985x 4.5 V – 16 V, 0.59-mΩ, 80-A Stackable eFuse with Accurate and Fast Current Monitor
REVISED SEPTEMBER 2022
TPS25984 TI-TPS25984 Datasheet
7Mb / 69P
[Old version datasheet]   TPS25984x 4.5 V – 16 V, 0.8-mΩ, 70-A Stackable eFuse With Accurate and Fast Current Monitor
REVISED OCTOBER 2023
TPS25985 TI-TPS25985_V01 Datasheet
6Mb / 69P
[Old version datasheet]   TPS25985x 4.5 V – 16 V, 0.59-mΩ, 80-A Stackable eFuse with Accurate and Fast Current Monitor
REVISED SEPTEMBER 2022
logo
Diodes Incorporated
ZXCT1086EV1 DIODES-ZXCT1086EV1 Datasheet
722Kb / 8P
   Current Monitor with wide supply
logo
Maxim Integrated Produc...
MAX4978 MAXIM-MAX4978 Datasheet
165Kb / 10P
   Overvoltage Protector with Active Current Limit
Rev 0; 5/08
logo
Texas Instruments
TPS25985 TI-TPS25985 Datasheet
5Mb / 61P
[Old version datasheet]   TPS25985x 4.5 V??6 V, 0.59-m廓, 70-A Stackable eFuse with Accurate and Fast Current Monitor
MAY 2022
logo
Panasonic Semiconductor
UN11015 PANASONIC-UN11015 Datasheet
41Kb / 2P
   Circuit Protector Elements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com