Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCN5800A Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # UCN5800A
Description  BiMOS II LATCHED DRIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

UCN5800A Datasheet(HTML) 1 Page - Allegro MicroSystems

  UCN5800A Datasheet HTML 1Page - Allegro MicroSystems UCN5800A Datasheet HTML 2Page - Allegro MicroSystems UCN5800A Datasheet HTML 3Page - Allegro MicroSystems UCN5800A Datasheet HTML 4Page - Allegro MicroSystems UCN5800A Datasheet HTML 5Page - Allegro MicroSystems UCN5800A Datasheet HTML 6Page - Allegro MicroSystems UCN5800A Datasheet HTML 7Page - Allegro MicroSystems UCN5800A Datasheet HTML 8Page - Allegro MicroSystems UCN5800A Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
5800 AND 5801
BiMOS II
LATCHED DRIVERS
UCN5800A
BiMOS II LATCHED DRIVERS
UCN5800L
Always order by complete part number, e.g.,
UCN5801EP .
The UCN5800A/L and UCN5801A/EP/LW latched-input BiMOS
ICs merge high-current, high-voltage outputs with CMOS logic. The
CMOS input section consists of 4 or 8 data (‘D’ type) latches with
associated common CLEAR, STROBE, and OUTPUT ENABLE
circuitry. The power outputs are bipolar npn Darlingtons. This merged
technology provides versatile, flexible interface. These BiMOS power
interface ICs greatly benefit the simplification of computer or micropro-
cessor I/O. The UCN5800A and UCN5800L each contain four latched
drivers; the UCN5801A, UCN5801EP, and UCN5801LW contain eight
latched drivers.
The UCN5800A/L and UCN5801A/EP/LW supersede the original
BiMOS latched-input driver ICs (UCN4400A and UCN4801A). These
second-generation devices are capable of much higher data input
rates and will typically operate at better than 5 MHz with a 5 V logic
supply. Circuit operation at 12 V affords substantial improvement over
the 5 MHz figure.
The CMOS inputs are compatible with standard CMOS and NMOS
circuits. TTL circuits may mandate the addition of input pull-up resis-
tors. The bipolar Darlington outputs are suitable for directly driving
many peripheral/power loads: relays, lamps, solenoids, small dc
motors, etc.
All devices have open-collector outputs and integral diodes for
inductive load transient suppression. The output transistors are
capable of sinking 500 mA and will withstand at least 50 V in the OFF
state. Because of limitations on package power dissipation, the simul-
taneous operation of all drivers at maximum rated current can only be
accomplished by a reduction in duty cycle. Outputs may be paralleled
for higher load current capability.
The UCN5800A is furnished in a standard 14-pin DIP; the
UCN5800L and UCN5801LW in surface-mountable SOICs; the
UCN5801A in a 22-pin DIP with 0.400" (10.16 mm) row centers; the
UCN5801EP in a 28-lead PLCC.
FEATURES
s To 4.4 MHz Data Input Rate
s High-Voltage,
High-Current Outputs
s CMOS, NMOS,
TTL Compatible Inputs
s Output Transient Protection
s Internal Pull-Down Resistors
s Low-Power CMOS Latches
s Automotive Capable
2
3
4
5
6
78
9
10
11
12
13
14
SUPPLY
GROUND
CLEAR
OUT 1
OUT2
OUT3
Dwg. PP-014A
OUT4
1
14
1
COMMON
OUTPUT
ENABLE
IN 1
STROBE
IN 2
IN 3
IN 4
VDD
ABSOLUTE MAXIMUM RATINGS
at +25
°C Free-Air Temperature
Output Voltage, VCE . . . . . . . . . . . . . . 50 V
Supply Voltage, VDD . . . . . . . . . . . . . . 15 V
Input Voltage Range,
VIN . . . . . . . . . . . -0.3 V to VDD + 0.3 V
Continuous Collector Current,
lC . . . . . . . . . . . . . . . . . . . . . .
500 mA
Package Power Dissipation,
PD . . . . . . . . . . . . . . . . . . . . See Graph
Operating Temperature Range,
TA . . . . . . . . . . . . . . . .
-20
°C to +85°C
Storage Temperature Range,
TS . . . . . . . . . . . . . . .
-55
°C to +150°C
Caution: CMOS devices have input static
protection but are susceptible to damage when
exposed to extremely high static electrical
charges.
Note the UCN5800A (DIP) and the UCN5800L
(SOIC) are electrically identical and share a
common terminal number assignment.
5800 AND
5801


Similar Part No. - UCN5800A

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UCN5800A ALLEGRO-UCN5800A Datasheet
320Kb / 13P
   BiMOS II Latched Drivers
October 28, 2005
More results

Similar Description - UCN5800A

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A5800 ALLEGRO-A5800 Datasheet
320Kb / 13P
   BiMOS II Latched Drivers
October 28, 2005
5815 ALLEGRO-5815 Datasheet
157Kb / 6P
   BiMOS II 8-BIT LATCHED SOURCE DRIVERS
5841 ALLEGRO-5841 Datasheet
174Kb / 8P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
A5821 ALLEGRO-A5821 Datasheet
246Kb / 8P
   BiMOS II 8-Bit Serial Input Latched Drivers
October 28, 2005
5821 ALLEGRO-5821 Datasheet
105Kb / 7P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5821AND ALLEGRO-5821AND Datasheet
143Kb / 8P
   BiMOS II 8-BIT SERIAL-INPUT, LATCHED DRIVERS
5832 ALLEGRO-5832 Datasheet
78Kb / 8P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
A5832 ALLEGRO-A5832 Datasheet
222Kb / 9P
   BiMOS II 32-BIT SERIAL-INPUT, LATCHED DRIVERS
October 28, 2005
5895 ALLEGRO-5895 Datasheet
93Kb / 8P
   BiMOS II 8-BIT SERIAL INPUT, LATCHED SOURCE DRIVERS
5890 ALLEGRO-5890 Datasheet
150Kb / 8P
   BIMOS II 8-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com