Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

571-505-04 Datasheet(PDF) 3 Page - Marl International Limited

Part # 571-505-04
Description  Std Metal Panel Mount Indicator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

571-505-04 Datasheet(HTML) 3 Page - Marl International Limited

  571-505-04 Datasheet HTML 1Page - Marl International Limited 571-505-04 Datasheet HTML 2Page - Marl International Limited 571-505-04 Datasheet HTML 3Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MARL BUSINESS PARK, ULVERSTON, UK. LA12 9BN
Tel: +44 (0)1229 582 430. Web: www.leds.co.uk
3
3
Provisional
571 Series
Std Metal Panel Mount Indicator
Marl Part No.
Chip
Lens
Appearance
Electro-Optical Data
@20mA
Viewing
Angle
2 Θ 1/2
(Deg)
LED
P/N
Termination
Material
Peak
Wave
Length
Emitted
Colour
If
(mA)
Vf
(V)
lv
(mcd)
MAX
TYP
MAX
TYP
571-520-04
GaN/SiC
430
BLUE
DIFFUSED
25
4
4.5
15
45
520
PINS
571-520-04-40
12IN FLYING LEADS
571-514-04
GaP/GaP
568
GREEN
DIFFUSED
30
2.1
2.8
25
45
514
PINS
571-514-04-40
12IN FLYING LEADS
571-502-04
GaAsP/GaP
625
HE RED
DIFFUSED
30
2
2.8
25
45
502
PINS
571-502-04-40
12IN FLYING LEADS
571-505-04
GaP/GaP
700
RED
DIFFUSED
20
2.1
2.8
2
45
505
PINS
571-505-04-40
12IN FLYING LEADS
571-511-04
GaAsP/GaP
590
YELLOW
DIFFUSED
30
2
2.8
25
45
511
PINS
571-511-04-40
12IN FLYING LEADS


Similar Part No. - 571-505-04

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
571-5198 CAMBION-571-5198 Datasheet
127Kb / 2P
   Insulated solder terminal, Feed thru, Wire Wrap, .113 (2,87) mounting hole
logo
Marl International Limi...
571-520-04 MARL-571-520-04 Datasheet
284Kb / 3P
   Std Metal Panel Mount Indicator
571-520-04 MARL-571-520-04_15 Datasheet
284Kb / 3P
   Provisional
More results

Similar Description - 571-505-04

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
571-520-04 MARL-571-520-04 Datasheet
284Kb / 3P
   Std Metal Panel Mount Indicator
572-320-04 MARL-572-320-04 Datasheet
290Kb / 3P
   Std Metal Panel Mount Indicator
573-520-04 MARL-573-520-04 Datasheet
306Kb / 3P
   Std Metal Panel Mount Indicator
570-320-04 MARL-570-320-04 Datasheet
413Kb / 3P
   Std Metal Panel Mount Indicator
572-320-04 MARL-572-320-04 Datasheet
290Kb / 3P
   Std Metal Panel Mount Indicator
573-520-04 MARL-573-520-04 Datasheet
306Kb / 3P
   Std Metal Panel Mount Indicator
570-320-04 MARL-570-320-04 Datasheet
413Kb / 3P
   Std Metal Panel Mount Indicator
logo
List of Unclassifed Man...
MPC5XX ETC1-MPC5XX Datasheet
496Kb / 4P
   STD METAL PANEL MOUNT INDICATORS
MPR3XX ETC1-MPR3XX Datasheet
498Kb / 4P
   STD METAL PANEL MOUNT INDICATORS
MPC3XX ETC1-MPC3XX Datasheet
990Kb / 4P
   STD METAL PANEL MOUNT INDICATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com