Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

604-301-04 Datasheet(PDF) 1 Page - Marl International Limited

Part # 604-301-04
Description  high performance panel lamps
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

604-301-04 Datasheet(HTML) 1 Page - Marl International Limited

  604-301-04 Datasheet HTML 1Page - Marl International Limited 604-301-04 Datasheet HTML 2Page - Marl International Limited 604-301-04 Datasheet HTML 3Page - Marl International Limited 604-301-04 Datasheet HTML 4Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
features
specifications
to order
Typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
604 series
• Ø5.0mm mounting
• Robust bright nickel plated brass housing
• Sealed to IP67
• Smoked lens with a wide viewing angle
• Suitable for high vibration applications
• Internal reverse protection diode fitted as standard in all
voltage models
• Pack Quantity = 10 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
604-301-04
Red
2.1^ Vdc
20
900
660
-40 - +85
-40 - +85
A
604-325-04
Yellow
2.2^ Vdc
20
3500
590
-40 - +100
-40 - +120
Y
604-324-04
Green
2.2^ Vdc
20
36000
523
-30 - +85
-40 - +100
R
604-934-04
Blue
2.2^ Vdc
20
7485
468
-30 - +85
-40 - +100
R
604-998-04
White
2.2^ Vdc
20
12900
* See below
-30 - +85
-40 - +100
H
604-301-23
Red
28 Vdc
20
900
660
-40 - +85
-40 - +85
A
604-325-23
Yellow
28 Vdc
20
3500
590
-40 - +100
-40 - +120
Y
604-324-23
Green
28 Vdc
20
36000
523
-30 - +85
-40 - +100
R
604-934-23
Blue
28 Vdc
20
7485
468
-30 - +85
-40 - +100
R
604-998-23
White
28 Vdc
20
12900
* See below
-30 - +85
-40 - +100
H
998
*Typical emission colour White
x
0.287
0.283
0.330
0.330
y
0.295
0.305
0.360
0.339
^ = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 3.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
- Intensities (lv) and colour shades of white (x, y co-ordinates) may vary between LEDs within a batch
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 604 - version 2013-09-24-173440
page 1 of 4


Similar Part No. - 604-301-04

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
604-301-04 MARL-604-301-04 Datasheet
274Kb / 3P
   PROFESSIONAL LED INDICATORS 횠5.0mm Mounting
604-301-04 MARL-604-301-04 Datasheet
460Kb / 4P
   횠5.0mm mounting Robust bright nickel plated brass housing
604-301-04 MARL-604-301-04 Datasheet
295Kb / 2P
   PANEL INDICATOR LED
604-301-04 MARL-604-301-04 Datasheet
460Kb / 4P
   Smoked lens with a wide viewing angle
604-301-04_1309 MARL-604-301-04_1309 Datasheet
460Kb / 4P
   Robust bright nickel plated brass housing
More results

Similar Description - 604-301-04

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
612-301-21_1309 MARL-612-301-21_1309 Datasheet
451Kb / 5P
   high performance panel lamps
671-290-22_1312 MARL-671-290-22_1312 Datasheet
374Kb / 4P
   high performance panel lamps
677-501-21_1312 MARL-677-501-21_1312 Datasheet
459Kb / 5P
   high performance panel lamps
695-501-21_1312 MARL-695-501-21_1312 Datasheet
474Kb / 5P
   high performance panel lamps
699-501-75_1312 MARL-699-501-75_1312 Datasheet
359Kb / 4P
   high performance panel lamps
643-503-04_1312 MARL-643-503-04_1312 Datasheet
401Kb / 4P
   high performance panel lamps
651-105-21_1309 MARL-651-105-21_1309 Datasheet
430Kb / 5P
   high performance panel lamps
684-312-04_1309 MARL-684-312-04_1309 Datasheet
415Kb / 4P
   high performance panel lamps
623-503-22_1309 MARL-623-503-22_1309 Datasheet
326Kb / 4P
   high performance panel lamps
665-501-04-50_1312 MARL-665-501-04-50_1312 Datasheet
397Kb / 4P
   high performance panel lamps
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com