Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5364 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 5364
Description  SMOKE DETECTOR WITH INTERCONNECT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

5364 Datasheet(HTML) 4 Page - Allegro MicroSystems

  5364 Datasheet HTML 1Page - Allegro MicroSystems 5364 Datasheet HTML 2Page - Allegro MicroSystems 5364 Datasheet HTML 3Page - Allegro MicroSystems 5364 Datasheet HTML 4Page - Allegro MicroSystems 5364 Datasheet HTML 5Page - Allegro MicroSystems 5364 Datasheet HTML 6Page - Allegro MicroSystems 5364 Datasheet HTML 7Page - Allegro MicroSystems 5364 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5364
SMOKE DETECTOR
WITH
INTERCONNECT
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
I/O Current
2
No Alarm, VI/O = VDD - 2.0 V
25
60
µA
Alarm, VI/O = VDD - 2.0 V
-7.5
mA
I/O Alarm Voltage
2
External “Alarm” In
3.0
V
I/O Delay
2
“Alarm” Out
3.0
s
Supply Current
6
VDD = 9.0 V, No Alarm, No Loads
5.0
9.0
µA
VDD = 12 V, No Alarm, No Loads
12
µA
Test
Limits
Characteristic
Pin
Test Conditions
Min.
Typ.
Max.
Units
ELECTRICAL CHARACTERISTICS (continued)
CIRCUIT DESCRIPTION
The A5364CA is a low-current CMOS circuit
providing all of the required features for an
ionization-type smoke detector.
Oscillator. An internal oscillator operates
with a period of 1.67 seconds during no-
smoke conditions. Every 1.67 seconds,
internal power is applied to the entire circuit
and a check is made for smoke. Every 24
clock cycles (40 seconds), the LED is pulsed
and a check is made for low battery by
comparing V
DD to an internal reference.
Because very-low currents are used in the
device, the oscillator capacitor at pin 12
should be a low-leakage type (PTFE, polysty-
rene, or polypropylene).
Detector Circuitry. When smoke is
detected, the resistor divider network that sets
the sensitivity (smoke trip point) is altered to
increase the sensitivity set voltage (pin 13) by
typically 130 mV with no external connec-
tions to pins 3 or 13. This provides hysteresis
and reduces false triggering. An active guard
is provided on both pins adjacent to the
detector input (pin 15). The voltage at pins
14 and 16 will be within 100 mV of the input.
This will keep surface leakage currents to a minimum and provide a
method of measuring the input voltage without loading the ionization
chamber. The active guard amplifier is not power strobed and thus
provides constant protection from surface leakage currents. The
detector input has internal diode protection against static damage.
Alarm Circuitry. If smoke is detected, the oscillator period changes
to 40 ms and the horn is enabled. The horn output is typically 0.5 s
ON, 0.5 s OFF, 0.5 s ON, 0.5 s OFF, 0.5 s ON, 1.5 s OFF (temporal
horn pattern). During the OFF time, smoke is checked and will inhibit
further alarm output if smoke is not sensed. During smoke conditions
the low battery alarm is inhibited and the LED is driven at a 1 Hz rate.
Sensitivity Adjust. The detector sensitivity to smoke is set inter-
nally by a voltage divider connected between V
DD and VSS. The
sensitivity can be externally adjusted to the individual characteristics of
the ionization chamber by connecting a resistor between pin 13 and
V
DD, or between pin 13 and VSS.
Low Battery. The low battery threshold is set internally by a voltage
divider connected between V
DD and VSS. The threshold can be in-
creased by connecting a resistor between pin 3 and V
DD. The threshold
can be decreased by connecting a resistor between pin 3 and V
SS. The
battery voltage level is checked every 40 seconds during the 10 mA,
10 ms LED pulse. If an LED is not used, it should be replaced with an
equivalent resistor (typically 500
Ω to 1000 Ω) such that the battery
loading remains at 10 mA.
NOTE 1:
Negative current is defined as coming out of (sourcing) the specified device pin.
NOTE 2:
Alarm (Smoke) Condition is defined as V
15 < V13; No Alarm (No Smoke) Condition as V15 > V13.


Similar Part No. - 5364

ManufacturerPart #DatasheetDescription
logo
MolexKits
53647-0274 MOLEXKITS-53647-0274 Datasheet
38Kb / 2P
   SMT Header Plug and Receptacle
53647-0274 MOLEXKITS-53647-0274 Datasheet
47Kb / 6P
   Includes KK100,HDM,EBBl 50D, SEARAY,Plateau HS Mezz,IEEE1386,SlimStack Product Families. Pitches range:0.635mm-2.54mm
logo
Molex Electronics Ltd.
53647-0274 MOLEX7-53647-0274 Datasheet
337Kb / 6P
   0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, VerticalStacking, 8.00 and 14.00mm (.315 and .551") Stacking Heights, Lead-free, 20 Circuitswith Embossed Tape with Cover Packaging
53647-0374 MOLEX7-53647-0374 Datasheet
337Kb / 6P
   0.635mm (.025") Pitch SlimStack??Header, Surface Mount, Dual Row, VerticalStacking, 8.00 and 14.00mm (.315 and .551") Stacking Heights, Lead-free, 30 Circuitswith Embossed Tape with Cover Packaging
logo
MolexKits
53647-0474 MOLEXKITS-53647-0474 Datasheet
38Kb / 2P
   SMT Header Plug and Receptacle
More results

Similar Description - 5364

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5350 ALLEGRO-5350 Datasheet
75Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT
5355 ALLEGRO-5355 Datasheet
75Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT
5354 ALLEGRO-5354 Datasheet
77Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT
logo
List of Unclassifed Man...
M75018 ETC2-M75018 Datasheet
192Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
logo
MOSDESIGN SEMICONDUCTOR...
M75110 MOSDESIGN-M75110 Datasheet
166Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2010-07-14
logo
List of Unclassifed Man...
M75010 ETC1-M75010 Datasheet
168Kb / 10P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
logo
MOSDESIGN SEMICONDUCTOR...
M75310 MOSDESIGN-M75310 Datasheet
124Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2012-03-28
M75118 MOSDESIGN-M75118 Datasheet
197Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
2007-07-27
logo
Allegro MicroSystems
A5350 ALLEGRO-A5350 Datasheet
287Kb / 10P
   Ionization Smoke Detector with Interconnect
logo
List of Unclassifed Man...
M75012 ETC2-M75012 Datasheet
166Kb / 10P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com