Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMDT2222A Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # MMDT2222A
Description  TRANSISTOR (NPN)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

MMDT2222A Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  MMDT2222A Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
MMDT2222A TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
0.15
W (Tamb=25
℃)
Collector current
ICM:
0.6
A
Collector-base voltage
V(BR)CBO:
75
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 10
µA, IE=0
75
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= 10mA, IB=0
40
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10
µA, IC=0
6
V
Collector cut-off current
ICBO
VCB=60V, IE=0
0. 01
µA
Emitter cut-off current
IEBO
VEB= 3V, IC=0
0. 01
µA
hFE(1)
VCE=10V, IC= 0.1mA
35
hFE(2)
VCE=10V, IC= 1mA
50
hFE(3)
VCE=10V, IC= 10mA
75
hFE(4)
VCE=10V, IC= 150mA
100
300
hFE(5)
VCE=10V, IC= 500mA
40
DC current gain
hFE(6)
VCE=1V, IC= 150mA
35
VCE(sat)1
IC=150 mA, IB= 15mA
0.3
V
Collector-emitter saturation voltage
VCE(sat)2
IC=500 mA, IB= 50mA
1
V
VBE(sat)1
IC=150 mA, IB=15mA
0.6
1.2
V
Base-emitter saturation voltage
VBE(sat)2
IC=500 mA, IB= 50mA
2
V
Transition frequency
fT
VCE=20V, IC= 20mA
f=100MHz
300
MHz
Output Capacitance
Cob
VCB=10V, IE= 0
f=1MHz
8
pF
Input Capacitance
Cib
VEB=0.5V, IC= 0
f=1MHz
25
pF
Noise Figure
NF
VCE=10V, IC=100µA
f=1KHz,Rs=1KΩ
4
dB
Delay time
td
10
nS
Rise time
tr
VCC=30V, IC=150mA
VBE(off)=0.5V, IB1=15mA
25
nS
Storage time
tS
225
nS
Fall time
tf
VCC=30V, IC=150mA
IB1= IB2= 15mA
60
nS
Marking
:K1P
MMDT2222A
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - MMDT2222A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
MMDT2222A TRSYS-MMDT2222A Datasheet
199Kb / 2P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
GUANGDONG HOTTECH INDUS...
MMDT2222A HOTTECH-MMDT2222A Datasheet
249Kb / 2P
   Plastic-Encapsulate Transistors
logo
Diodes Incorporated
MMDT2222A DIODES-MMDT2222A Datasheet
56Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30125 Rev. 5 - 2
logo
Jiangsu Changjiang Elec...
MMDT2222A JIANGSU-MMDT2222A Datasheet
1Mb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Diodes Incorporated
MMDT2222A DIODES-MMDT2222A Datasheet
86Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30125 Rev. 9 - 2
More results

Similar Description - MMDT2222A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com