Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMDT5551 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # MMDT5551
Description  Multi-Chip TRANSISTOR (NPN)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

MMDT5551 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  MMDT5551 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
MMDT5551 Multi-Chip TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
0.2
W (Tamb=25
℃)
Collector current
ICM:
0.2
A
Collector-base voltage
V(BR)CBO:
180
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=
100µA, IE=0
180
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=
1mA, IB=0
160
V
Emitter-base breakdown voltage
V(BR)EBO
IE=
10µA, IC=0
6
V
Collector cut-off current
ICBO
VCB=
120V, IE=0
50
nA
Emitter cut-off current
IEBO
VEB=
4V, IC=0
50
nA
hFE(1)
VCE=
5V, IC=1mA
80
hFE(2)
VCE=
5V, IC=10mA
80
250
DC current gain
hFE(3)
VCE=
5V, IC=50mA
30
VCE(sat)(1)
IC=
10mA, IB=1mA
0.15
V
Collector-emitter saturation voltage
VCE(sat)(2)
IC=
50mA, IB=5mA
0.2
V
VBE(sat)(1)
IC=
10mA, IB=1mA
1
V
Base-emitter saturation voltage
VBE(sat)(2)
IC=
50mA, IB=5mA
1
V
Transition frequency
fT
VCE=
10V, IC=10mA, f=100MHz
100
300
MHz
Collector output capacitance
Cob
VCB=
10V, IE=0, f=1MHz
6
pF
Noise figure
NF
VCE=
5V, Ic=200µA,
f=
1KHz, Rg=1KΩ
8
dB
CLASSIFICATION OF hFE(1)
Marking
K4N
SOT-363
MMDT5551
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - MMDT5551

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT5551 DIODES-MMDT5551 Datasheet
41Kb / 2P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30172 Rev. C-1
logo
Jinan Jing Heng Electro...
MMDT5551 JINGHENG-MMDT5551 Datasheet
1Mb / 5P
   NPNNPN Plastic-Encapsulate Transistors
logo
Diodes Incorporated
MMDT5551 DIODES-MMDT5551 Datasheet
78Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30172 Rev. 7 - 2
logo
Nanjing International G...
MMDT5551 DGNJDZ-MMDT5551 Datasheet
1Mb / 4P
   SOT-363 Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5551 MCC-MMDT5551 Datasheet
114Kb / 2P
   Plastic-Encapsulate Transistors
More results

Similar Description - MMDT5551

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
BC847S WINNERJOIN-BC847S_15 Datasheet
233Kb / 3P
   NPN Multi-Chip TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
BC847S HTSEMI-BC847S Datasheet
2Mb / 2P
   Multi-chip transistor (NPN)
logo
SHENZHEN YONGERJIA INDU...
BC847S WINNERJOIN-BC847S Datasheet
233Kb / 3P
   Multi-Chip TRANSISTOR (NPN)
logo
SeCoS Halbleitertechnol...
BC847PNW SECOS-BC847PNW Datasheet
523Kb / 6P
   NPN / PNP Multi-Chip Transistor
logo
SHENZHEN YONGERJIA INDU...
MMDT2227 WINNERJOIN-MMDT2227 Datasheet
209Kb / 2P
   Multi-Chip TRANSISTOR (NPN/PNP)
logo
Fairchild Semiconductor
FMBA14 FAIRCHILD-FMBA14 Datasheet
48Kb / 3P
   NPN Multi-Chip Darlington Transistor
logo
SeCoS Halbleitertechnol...
BC846S SECOS-BC846S Datasheet
103Kb / 1P
   Plastic-Encapsulate Multi-Chip (NPNNPN) Transistor
logo
New Jersey Semi-Conduct...
2N2901 NJSEMI-2N2901 Datasheet
73Kb / 1P
   NPN MULTI-CHIP COMPOSITE TRANSISTOR PAIR
logo
SeCoS Halbleitertechnol...
BC847PN SECOS-BC847PN_15 Datasheet
699Kb / 3P
   NPN - PNP Silicon Multi-Chip Transistor
UMH9N SECOS-UMH9N Datasheet
433Kb / 2P
   NPN Multi-Chip Built-in Resistors Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com